Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT6358NH-T Datasheet(PDF) 10 Page - Active-Semi, Inc

Part # ACT6358NH-T
Description  High-Efficiency, 40V Step-Up WLED Bias Supplies
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT6358NH-T Datasheet(HTML) 10 Page - Active-Semi, Inc

Back Button ACT6358NH-T Datasheet HTML 3Page - Active-Semi, Inc ACT6358NH-T Datasheet HTML 4Page - Active-Semi, Inc ACT6358NH-T Datasheet HTML 5Page - Active-Semi, Inc ACT6358NH-T Datasheet HTML 6Page - Active-Semi, Inc ACT6358NH-T Datasheet HTML 7Page - Active-Semi, Inc ACT6358NH-T Datasheet HTML 8Page - Active-Semi, Inc ACT6358NH-T Datasheet HTML 9Page - Active-Semi, Inc ACT6358NH-T Datasheet HTML 10Page - Active-Semi, Inc ACT6358NH-T Datasheet HTML 11Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ACT6357/ACT6358
Rev 1, 15-Nov-12
Innovative PowerTM
- 10 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
PACKAGE OUTLINE
TDFN33-8 PACKAGE OUTLINE AND DIMENSIONS
D
E
D2
e
b
L
E2
K
PIN #1 INDEX AREA
D/2 x E/2
PIN #1 INDEX AREA
D/2 x E/2
SYMBOL
DIMENSION IN
MILLIMETERS
DIMENSION IN
INCHES
MIN
MAX
MIN
MAX
A
0.700
0.800
0.028
0.031
A1
0.000
0.050
0.000
0.002
A3
0.200 REF
D
2.850
3.150
0.112
0.124
E
2.850
3.150
0.112
0.124
D2
2.100
2.500
0.083
0.098
E2
1.350
1.750
0.053
0.069
b
0.250
0.350
0.010
0.014
e
0.650 TYP
0.026 TYP
L
0.300
0.500
0.012
0.020
0.008 REF
K
0.200
---
0.008
---
Active-Semi, Inc. reserves the right to modify the circuitry or specifications without notice. Users should evaluate each
product to make sure that it is suitable for their applications. Active-Semi products are not intended or authorized for use
as critical components in life-support devices or systems. Active-Semi, Inc. does not assume any liability arising out of
the use of any product or circuit described in this datasheet, nor does it convey any patent license.
Active-Semi and its logo are trademarks of Active-Semi, Inc. For more information on this and other products, contact
sales@active-semi.com or visit http://www.active-semi.com.
is a registered trademark of Active-Semi.


Similar Part No. - ACT6358NH-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT6358NH-T ACTIVE-SEMI-ACT6358NH-T Datasheet
1Mb / 10P
   High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev PrB, 30-Aug-07
ACT6358NH-T ACTIVE-SEMI-ACT6358NH-T Datasheet
405Kb / 10P
   High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev0, 03-Feb-08
ACT6358NH-T ACTIVE-SEMI-ACT6358NH-T Datasheet
410Kb / 10P
   High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev 1, 15-Nov-12
More results

Similar Description - ACT6358NH-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT6359 ACTIVE-SEMI-ACT6359_08 Datasheet
236Kb / 8P
   High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev0, 13-May-08
ACT6360 ACTIVE-SEMI-ACT6360_11 Datasheet
233Kb / 9P
   High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev 1, 14-Feb-11
ACT6359 ACTIVE-SEMI-ACT6359_14 Datasheet
230Kb / 9P
   High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev 2, 22-Aug-13
ACT6357 ACTIVE-SEMI-ACT6357_08 Datasheet
405Kb / 10P
   High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev0, 03-Feb-08
ACT6360 ACTIVE-SEMI-ACT6360_08 Datasheet
262Kb / 9P
   High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev0, 23-May-08
ACT6360 ACTIVE-SEMI-ACT6360 Datasheet
254Kb / 9P
   High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev PrA, 25-Dec-07
ACT6359 ACTIVE-SEMI-ACT6359 Datasheet
417Kb / 8P
   High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev PrA, 20-Nov-07
ACT6357 ACTIVE-SEMI-ACT6357_12 Datasheet
410Kb / 10P
   High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev 1, 15-Nov-12
ACT6360 ACTIVE-SEMI-ACT6360_14 Datasheet
259Kb / 10P
   High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev 2, 22-Aug-13
ACT6359 ACTIVE-SEMI-ACT6359_11 Datasheet
209Kb / 8P
   High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev 1, 14-Feb-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com