Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8310NHADJ-T Datasheet(PDF) 7 Page - Active-Semi, Inc

Part # ACT8310NHADJ-T
Description  1.5A, PWM Step-Down DC/DCs in TDFN
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8310NHADJ-T Datasheet(HTML) 7 Page - Active-Semi, Inc

Back Button ACT8310NHADJ-T Datasheet HTML 3Page - Active-Semi, Inc ACT8310NHADJ-T Datasheet HTML 4Page - Active-Semi, Inc ACT8310NHADJ-T Datasheet HTML 5Page - Active-Semi, Inc ACT8310NHADJ-T Datasheet HTML 6Page - Active-Semi, Inc ACT8310NHADJ-T Datasheet HTML 7Page - Active-Semi, Inc ACT8310NHADJ-T Datasheet HTML 8Page - Active-Semi, Inc ACT8310NHADJ-T Datasheet HTML 9Page - Active-Semi, Inc ACT8310NHADJ-T Datasheet HTML 10Page - Active-Semi, Inc ACT8310NHADJ-T Datasheet HTML 11Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ACT8309/8310/8311
Rev 1, 15-Nov-12
Innovative Power
TM
- 7 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
a logic-level “Power-OK” signal, simply connect a pull-
up resistor from POK to an appropriate output volt-
age.
PCB Layout Considerations
High switching frequencies and large peak current
make PC board layout an important part of step-
down DC/DC converter design. A good design mini-
mizes excessive EMI on the feedback paths and volt-
age gradients in the ground plane, both of which can
result in instability or regulation errors. Step-down
DC/DCs exhibit discontinuous input current, so the
input capacitors should be placed as close as possi-
ble to the IC, and avoiding the use of vias if possible.
The inductor, input filter capacitor, and output filter
capacitor should be connected as close together as
possible, with short, direct, and wide traces. The
ground nodes for each regulator’s power loop should
be connected at a single point in a star-ground con-
figuration, and this point should be connected to the
backside ground plane with multiple vias. For fixed
output voltage options the output node for each regu-
lator should be connected to its corresponding FB pin
through the shortest possible route, while keeping
sufficient distance from switching nodes to prevent
noise injection. Adjustable output versions should
follow the same guidelines, but additionally connect
the feedback resistors to the FB pin as close to the
IC as possible to minimize noise injection.


Similar Part No. - ACT8310NHADJ-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8310NHADJ-T ACTIVE-SEMI-ACT8310NHADJ-T Datasheet
363Kb / 10P
   1.5A, PWM Step-Down DC/DCs in TDFN
Rev PrA, 24-Jan-08
ACT8310NHADJ-T ACTIVE-SEMI-ACT8310NHADJ-T Datasheet
359Kb / 10P
   1.5A, PWM Step-Down DC/DCs in TDFN
Rev 0, 15-Jun-10
ACT8310NHADJ-T ACTIVE-SEMI-ACT8310NHADJ-T Datasheet
363Kb / 10P
   1.5A, PWM Step-Down DC/DCs in TDFN
Rev 1, 15-Nov-12
More results

Similar Description - ACT8310NHADJ-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8309 ACTIVE-SEMI-ACT8309 Datasheet
363Kb / 10P
   1.5A, PWM Step-Down DC/DCs in TDFN
Rev PrA, 24-Jan-08
ACT8309 ACTIVE-SEMI-ACT8309_12 Datasheet
363Kb / 10P
   1.5A, PWM Step-Down DC/DCs in TDFN
Rev 1, 15-Nov-12
ACT8309 ACTIVE-SEMI-ACT8309_10 Datasheet
359Kb / 10P
   1.5A, PWM Step-Down DC/DCs in TDFN
Rev 0, 15-Jun-10
ACT8325 ACTIVE-SEMI-ACT8325_11 Datasheet
241Kb / 11P
   Dual PWM Step-Down DC/DCs in TDFN33
Rev 2, 25-May-11
ACT8325 ACTIVE-SEMI-ACT8325 Datasheet
80Kb / 2P
   Dual PWM Step-Down DC/DCs in TDFN33
16-Nov-07
ACT8325 ACTIVE-SEMI-ACT8325_08 Datasheet
285Kb / 11P
   Dual PWM Step-Down DC/DCs in TDFN33
Rev0, 13-May-08
ACT6330 ACTIVE-SEMI-ACT6330 Datasheet
104Kb / 2P
   Dual PWM Step-Up DC/DCs in TQFN33
02-Apr-08
ACT6330 ACTIVE-SEMI-ACT6330_08 Datasheet
312Kb / 14P
   Dual PWM Step-Up DC/DCs in TQFN33
Rev0, 02-Apr-08
logo
ELM Electronics
ELM603 ELM-ELM603 Datasheet
1Mb / 7P
   1.5A 1.5MHz high efficiency PWM step down DC/DC converter
logo
Microsemi Corporation
LX1911 MICROSEMI-LX1911 Datasheet
152Kb / 7P
   1.5A, 1.1MHZ PWM Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com