Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8310NHADJ-T Datasheet(PDF) 8 Page - Active-Semi, Inc

Part # ACT8310NHADJ-T
Description  1.5A, PWM Step-Down DC/DCs in TDFN
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8310NHADJ-T Datasheet(HTML) 8 Page - Active-Semi, Inc

Back Button ACT8310NHADJ-T Datasheet HTML 3Page - Active-Semi, Inc ACT8310NHADJ-T Datasheet HTML 4Page - Active-Semi, Inc ACT8310NHADJ-T Datasheet HTML 5Page - Active-Semi, Inc ACT8310NHADJ-T Datasheet HTML 6Page - Active-Semi, Inc ACT8310NHADJ-T Datasheet HTML 7Page - Active-Semi, Inc ACT8310NHADJ-T Datasheet HTML 8Page - Active-Semi, Inc ACT8310NHADJ-T Datasheet HTML 9Page - Active-Semi, Inc ACT8310NHADJ-T Datasheet HTML 10Page - Active-Semi, Inc ACT8310NHADJ-T Datasheet HTML 11Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
ACT8309/8310/8311
Rev 1, 15-Nov-12
Innovative Power
TM
- 8 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
0
200
400
600
800
1200
1000
900
800
700
600
500
400
300
200
100
0
TYPICAL PERFORMANCE CHARACTERISTICS
(VIN = VEN = 3.6V, TA = 25°C, unless otherwise specified.)
ACT8309 Efficiency vs. Load Current
Load Current (mA)
1
Load Current (mA)
ACT8309 Dropout Voltage vs. Load Current
ACT8310 Efficiency vs. Load Current
Load Current (mA)
1
160
180
10
100
1000
10
100
1000
140
120
80
100
60
40
20
0
80
90
70
60
40
50
20
10
0
ACT8311 Efficiency vs. Load Current
Load Current (mA)
1
10
100
1000
200
VOUT = 3.3V
VOUT = 3.0V
Load Current (mA)
ACT8310 Dropout Voltage vs. Load Current
160
180
140
120
80
100
60
40
20
0
200
VOUT = 3.3V
VOUT = 3.0V
1.2
1.0
0.8
0.6
0.4
0.2
0
Load Current (mA)
ACT8311 Dropout Voltage vs. Load Current
160
180
140
120
80
100
60
40
20
0
200
VOUT = 3.3V
VOUT = 3.0V
220
1.4 1.5
10000
10000
10000
30
100
VIN = 3.6V
VIN = 3.6V
VIN = 3.6V
VOUT = 3.3V
VOUT = 3.0V
VOUT = 1.8V
VOUT = 1.2V
VOUT = 3.3V
VOUT = 3.0V
VOUT = 1.8V
VOUT = 1.2V
VOUT = 3.3V
VOUT = 3.0V
VOUT = 1.8V
VOUT = 1.2V
80
90
70
60
40
50
20
10
0
30
80
90
70
60
40
50
20
10
0
30
100
100


Similar Part No. - ACT8310NHADJ-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8310NHADJ-T ACTIVE-SEMI-ACT8310NHADJ-T Datasheet
363Kb / 10P
   1.5A, PWM Step-Down DC/DCs in TDFN
Rev PrA, 24-Jan-08
ACT8310NHADJ-T ACTIVE-SEMI-ACT8310NHADJ-T Datasheet
359Kb / 10P
   1.5A, PWM Step-Down DC/DCs in TDFN
Rev 0, 15-Jun-10
ACT8310NHADJ-T ACTIVE-SEMI-ACT8310NHADJ-T Datasheet
363Kb / 10P
   1.5A, PWM Step-Down DC/DCs in TDFN
Rev 1, 15-Nov-12
More results

Similar Description - ACT8310NHADJ-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8309 ACTIVE-SEMI-ACT8309 Datasheet
363Kb / 10P
   1.5A, PWM Step-Down DC/DCs in TDFN
Rev PrA, 24-Jan-08
ACT8309 ACTIVE-SEMI-ACT8309_12 Datasheet
363Kb / 10P
   1.5A, PWM Step-Down DC/DCs in TDFN
Rev 1, 15-Nov-12
ACT8309 ACTIVE-SEMI-ACT8309_10 Datasheet
359Kb / 10P
   1.5A, PWM Step-Down DC/DCs in TDFN
Rev 0, 15-Jun-10
ACT8325 ACTIVE-SEMI-ACT8325_11 Datasheet
241Kb / 11P
   Dual PWM Step-Down DC/DCs in TDFN33
Rev 2, 25-May-11
ACT8325 ACTIVE-SEMI-ACT8325 Datasheet
80Kb / 2P
   Dual PWM Step-Down DC/DCs in TDFN33
16-Nov-07
ACT8325 ACTIVE-SEMI-ACT8325_08 Datasheet
285Kb / 11P
   Dual PWM Step-Down DC/DCs in TDFN33
Rev0, 13-May-08
ACT6330 ACTIVE-SEMI-ACT6330 Datasheet
104Kb / 2P
   Dual PWM Step-Up DC/DCs in TQFN33
02-Apr-08
ACT6330 ACTIVE-SEMI-ACT6330_08 Datasheet
312Kb / 14P
   Dual PWM Step-Up DC/DCs in TQFN33
Rev0, 02-Apr-08
logo
ELM Electronics
ELM603 ELM-ELM603 Datasheet
1Mb / 7P
   1.5A 1.5MHz high efficiency PWM step down DC/DC converter
logo
Microsemi Corporation
LX1911 MICROSEMI-LX1911 Datasheet
152Kb / 7P
   1.5A, 1.1MHZ PWM Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com