Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LWC50-A-L Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # LWC50-A-L
Description  SELECTION AND USE OF ADHESIVE BACKED MOUNTS AND DEVICES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

LWC50-A-L Datasheet(HTML) 2 Page - PANDUIT CORP.

  LWC50-A-L Datasheet HTML 1Page - PANDUIT CORP. LWC50-A-L Datasheet HTML 2Page - PANDUIT CORP. LWC50-A-L Datasheet HTML 3Page - PANDUIT CORP. LWC50-A-L Datasheet HTML 4Page - PANDUIT CORP. LWC50-A-L Datasheet HTML 5Page - PANDUIT CORP. LWC50-A-L Datasheet HTML 6Page - PANDUIT CORP. LWC50-A-L Datasheet HTML 7Page - PANDUIT CORP. LWC50-A-L Datasheet HTML 8Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
PANDUIT offers high performance adhesive backed mounts and devices for a quick, dependable method of
securing, routing and protecting wires or cables. The adhesive backing provides easy installation and is an alternative
to mechanical fasteners. When properly installed,
PANDUIT ® Adhesive Backed Mounts and devices offer the advantage
of lower installed cost and high reliability.
Selection of Adhesive
Choose from three types of adhesive systems designed for specific application environments and temperatures: Rubber-based Adhesive
Foam Tape, Acrylic-based Adhesive Foam Tape, or Two-part Epoxy Adhesive. Carefully choosing the correct adhesive and closely following
the recommended installation steps will provide a reliable, long-term bond.
Rubber-Based Adhesive Foam Tape
Rubber-based Adhesive Foam Tape is the best choice for the vast majority of adhesive mount applications, including applications where
powder coated surfaces are being used. This pressure sensitive tape develops its strength extremely fast and can be used in indoor
environments with temperatures ranging from -20°F to 120°F (-29°C to 49°C). Rubber-based Adhesive Foam Tape is the most widely used
and generally recommended foam tape for wire routing applications.
Acrylic-Based Adhesive Foam Tape
Acrylic-based Adhesive Foam Tape is a good choice in applications with prolonged exposure to UV rays or heavy moisture. It is designed
to be used in indoor or outdoor environments where temperatures can vary from -20°F to 180°F (-29°C to 82°C). The
acrylic-based adhesive develops its maximum strength over a longer period of time compared to the rubber-based adhesive. It is
recommended that the mounts dwell eight (8) hours after installation and prior to loading.
Two-Part Epoxy Adhesive
Two-part Epoxy Adhesive is for use in applications where excessive loading is required or where the mounting surface is porous rather
than smooth. This adhesive is formulated specifically for use on
PANDUIT ® EMS and ASMS mounts in either indoor or outdoor
applications. It is packaged in convenient pre-measured cups to insure the proper ratio of resin and hardener, as well as eliminate waste.
PANDUIT ® Adhesive Backed Mounts and Devices
Features and Benefits
Superior adhesive for long term reliability
2-up mount configuration speeds liner removal and installation
4-way cable tie entry makes part orientation fast and easy
Adhesive backing allows routing of wires and cables where mounting holes cannot be drilled
Mount sizes range from .50" x .50" to 2.00" x 2.00" for space limited or heavy load applications
UL Recognized
Used with
PANDUIT ® cable ties for a complete wire routing solution
One piece solutions lower inventory costs and speed installation
Cable tie entry ramps guide the cable tie into the mount
Bevel entry on wire clips speeds installation
Releasable latches allow addition or removal of cables


Similar Part No. - LWC50-A-L

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
LWC-018S035SSE INVENTRONICS-LWC-018S035SSE Datasheet
190Kb / 8P
   18W Constant Current IP20 Driver
Rev. L
LWC-018S035SSP INVENTRONICS-LWC-018S035SSP Datasheet
820Kb / 8P
   18W Constant Current IP20 Driver
Rev. J
LWC-018S050SSE INVENTRONICS-LWC-018S050SSE Datasheet
190Kb / 8P
   18W Constant Current IP20 Driver
Rev. L
LWC-018S050SSP INVENTRONICS-LWC-018S050SSP Datasheet
820Kb / 8P
   18W Constant Current IP20 Driver
Rev. J
LWC-018S070SSE INVENTRONICS-LWC-018S070SSE Datasheet
190Kb / 8P
   18W Constant Current IP20 Driver
Rev. L
More results

Similar Description - LWC50-A-L

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
FCM1-A-C14 PANDUIT-FCM1-A-C14 Datasheet
488Kb / 8P
   Adhesive Backed Mounts and Devices Features and Benefits
KIMS-H430-C6 PANDUIT-KIMS-H430-C6 Datasheet
81Kb / 2P
   Easy Selection Guide For Adhesive Backed Cable Tie Mounts
ABMM-A PANDUIT-ABMM-A Datasheet
74Kb / 1P
   ADHESIVE BACKED MOUNT
logo
Dialight Corporation
OPTX1006 DIALIGHT-OPTX1006 Datasheet
119Kb / 2P
   ADHESIVE-BACKED LENS
logo
PANDUIT CORP.
ABM3H-A PANDUIT-ABM3H-A Datasheet
69Kb / 1P
   ADHESIVE BACKED MOUNT
logo
List of Unclassifed Man...
561-AWCF32811B ETC2-561-AWCF32811B Datasheet
81Kb / 2P
   Adhesive Backed Wire Clip
561-DP13037 ETC2-561-DP13037 Datasheet
204Kb / 2P
   Adhesive Backed Nylon Cable Clips
561-AWC00125 ETC2-561-AWC00125 Datasheet
89Kb / 2P
   Releasable Adhesive Backed Wire Clips
logo
M/A-COM Technology Solu...
AG314 MA-COM-AG314 Datasheet
473Kb / 70P
   Principles, Applications and Selection of Receiving Diodes
logo
TE Connectivity Ltd
KUP TEC-KUP Datasheet
1Mb / 5P
   Wide selection of termination and mounting styles
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com