Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PO3B512A Datasheet(PDF) 4 Page - Potato Semiconductor Corporation

Part # PO3B512A
Description  Wideband/Video Switch 5-Port, 2:1 Mux/DeMux
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO3B512A Datasheet(HTML) 4 Page - Potato Semiconductor Corporation

  PO3B512A_14 Datasheet HTML 1Page - Potato Semiconductor Corporation PO3B512A_14 Datasheet HTML 2Page - Potato Semiconductor Corporation PO3B512A_14 Datasheet HTML 3Page - Potato Semiconductor Corporation PO3B512A_14 Datasheet HTML 4Page - Potato Semiconductor Corporation PO3B512A_14 Datasheet HTML 5Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Switching Characteristics over 2.5V Operating Range
Parameters
Description
Conditions
Units
Max.
tPLH
tPHL
See Test Diagram
0.3
ns
tPZH
tPZL
See Test Diagram
2.0
tPHZ
tPLZ
3.0
Test Circuit for Electrical Characteristics
RT
10pF
CL
VCC
VIN
VOUT
200-ohm
200-ohm
6.0V
Pulse
Generator
D.U.T
Switch Positions
Test
Switch
tPLZ, tPZL
6.0V
tPHZ, tPZH
GND
Prop Delay
Open
Switching Waveforms
tPLZ
1.25V
1.25V
2.5V
VOH
0V
VOL
VDD/2
VDD/2
tPHZ
tPZL
tPZH
Output
Output
VOL +0.3V
VOH –0.3V
VOL
VOH
SEL
Input
tPLH
2.5V
2.5V
2.5V
2.5V
tPHL
3.5V
1.5V
Output
VOH
VOL
Voltage Waveforms Propagation Delay Times
Voltage Waveforms Enable and Disable Times
Propogation Delay
Bus Enable Time
Bus Disable Time
Wideband/Video Switch 5-Port, 2:1 Mux/DeMux
High Bandwidth Potato Chip
4
01/01/10
Potato Semiconductor Corporation
PO3B512A
www.potatosemi.com


Similar Part No. - PO3B512A_14

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B512AQR POTATO-PO3B512AQR Datasheet
552Kb / 6P
   Wideband/Video Switch 5-Port, 2:1 Mux/DeMux
PO3B512AQU POTATO-PO3B512AQU Datasheet
552Kb / 6P
   Wideband/Video Switch 5-Port, 2:1 Mux/DeMux
More results

Similar Description - PO3B512A_14

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B512A POTATO-PO3B512A Datasheet
552Kb / 6P
   Wideband/Video Switch 5-Port, 2:1 Mux/DeMux
logo
Pericom Semiconductor C...
PI3V512 PERICOM-PI3V512 Datasheet
424Kb / 8P
   Low On-Resistance, 3.3V Wideband/Video Switch 5-Port, 2:1 Mux/DeMux
PI3V512QEX PERICOM-PI3V512QEX Datasheet
578Kb / 8P
   Low On-Resistance, 3.3V Wideband/Video Switch 5-Port, 2:1 Mux/DeMux
logo
Unisonic Technologies
US5V330 UTC-US5V330_15 Datasheet
170Kb / 6P
   WIDEBAND/VIDEO QUAD 2-CHANNEL MUX/DEMUX
logo
Potato Semiconductor Co...
PO3B402A POTATO-PO3B402A Datasheet
568Kb / 6P
   4-Port 2-Channel, 2:1 Mux/DeMux Switch
PO3B402A POTATO-PO3B402A_14 Datasheet
956Kb / 5P
   4-Port 2-Channel, 2:1 Mux/DeMux Switch
PO3B341A POTATO-PO3B341A Datasheet
559Kb / 6P
   High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
PO3B341A POTATO-PO3B341A_14 Datasheet
1Mb / 6P
   High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
logo
Pericom Semiconductor C...
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
   2:1 Mux/Demux Bus Switch
PI3USB302-A PERICOM-PI3USB302-A Datasheet
1,002Kb / 9P
   3.3V, USB 3.0, 1-Port, 2:1 Mux/DeMux Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com