Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ5.0 Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # SMCJ5.0
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SMCJ5.0 Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  SMCJ5.0 Datasheet HTML 1Page - PACELEADER INDUSTRIAL SMCJ5.0 Datasheet HTML 2Page - PACELEADER INDUSTRIAL SMCJ5.0 Datasheet HTML 3Page - PACELEADER INDUSTRIAL SMCJ5.0 Datasheet HTML 4Page - PACELEADER INDUSTRIAL SMCJ5.0 Datasheet HTML 5Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
FEATURES
MECHANICAL DATA
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SMC/DO-214AB
Dimensions in inches and (millimeters)
.002(.051)
.008(.203)
.006(.152)
.012(.305)
.305(7.75)
.320(8.13)
.079(2.00)
.103(2.62)
.030(0.76)
.050(1.27)
.260(6.60)
.280(7.11)
.220(5.59)
.245(6.22)
.108(2.75)
.128(3.25)
www.paceleader.tw
SMCJ Series
PEAK PULSE POWER 1500 WATTS
REVERSE VOLTAGE 6.8 to 520 Volts
1500W peak pulse power capability with a
10/1000
Low leakage
Uni and Bidirectional unit
Glass passivated chip
Very fast response time
Excellent clamping capability
μs waveform, repetitive rate (duty
cycle):0.01%
Case Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Solderable per MIL-STD-750, method
2026
Polarity Color band denotes cathode end
except Bipolar
Mounting position: Any
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Rating at 25
℃ ambient temperature unless otherwise specif
Note:
Volts
Amps.
6.5
200
PPP
IPP
IFSM
Watts
Value
Minimum 1500
Parameter
Amps.
UNIT
Symbol
(2) VF= 3.5V on SMCJ5.0 thru SMCJ90A devices and VF= 5.0V onSMCJ100 thru SMCJ440A devices.
Operating junction and storage temperature range
°C
Watts
PD
3.5/5.0
VF
Peak forward surge current, 8.3 ms single half sine-
wave unidirectional only
(1)
Maximum instantaneous forward voltage at 100 A
for unidirectional only
(2)
Peak power dissipation with a 10/1000μs waveform
Peak pulse current wih a 10/1000μs waveform
(1) Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
See Next Table
–55 to +150
Power dissipation on infinite heatsink at TL = 75 °C
TJ, TSTG


Similar Part No. - SMCJ5.0

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ5.0 DCCOM-SMCJ5.0 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Guangdong Juxing Electr...
SMCJ5.0 JUXING-SMCJ5.0 Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
UNIOHM CORPORATION
SMCJ5.0 UNIOHM-SMCJ5.0 Datasheet
359Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Jiangsu High diode Semi...
SMCJ5.0 HDSEMI-SMCJ5.0 Datasheet
1Mb / 7P
   SMC Plastic-Encapsulate Diodes
logo
Taiwan Semiconductor Co...
SMCJ5.0 TSC-SMCJ5.0 Datasheet
351Kb / 7P
   1500 Watts Suface Mount Transient Voltage Suppressor
More results

Similar Description - SMCJ5.0

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com