Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDJ6.5A Datasheet(PDF) 3 Page - PACELEADER INDUSTRIAL

Part # SMDJ6.5A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SMDJ6.5A Datasheet(HTML) 3 Page - PACELEADER INDUSTRIAL

  SMDJ6.5A Datasheet HTML 1Page - PACELEADER INDUSTRIAL SMDJ6.5A Datasheet HTML 2Page - PACELEADER INDUSTRIAL SMDJ6.5A Datasheet HTML 3Page - PACELEADER INDUSTRIAL SMDJ6.5A Datasheet HTML 4Page - PACELEADER INDUSTRIAL SMDJ6.5A Datasheet HTML 5Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Uni-polar
Bi-polar
Uni
Bi
Min (V)
Max (V)
IT (mA)
Maximum
Clamping
Voltage
Vc (Volts)
@Ipp
Maximum
Reverse
Leakage
IR(uA)
@VRWM
Working
PeakRevers
e Voltage
VRWM
(Volts)
TECHNOLOGIES
SMDJ SERIES
Breakdown voltage VBR @
IT
Device
Marking
Code
Maximum
Reverse
Surge
Current
Ipp(A)
@10x1000us
sinewave
SMDJ43
SMDJ43C
PFS DFS
47.8
58.4
1
5.0
43
39.1
76.7
SMDJ43A
SMDJ43CA
PFT DFT
47.8
52.8
1
5.0
43
43.2
69.4
SMDJ45
SMDJ45C
PFU DFU
50.0
61.1
1
5.0
45
37.4
80.3
SMDJ45A
SMDJ45CA
PFV DFV
50.0
55.3
1
5.0
45
41.3
72.7
SMDJ48
SMDJ48C
PFW DFW
53.3
65.1
1
5.0
48
35.1
85.5
SMDJ48A
SMDJ48CA
PFX DFX
53.3
58.9
1
5.0
48
38.8
77.4
SMDJ51
SMDJ51C
PFY DFY
56.7
69.3
1
5.0
51
32.9
91.1
SMDJ51A
SMDJ51CA
PFZ DFZ
56.7
62.7
1
5.0
51
36.4
82.4
SMDJ54
SMDJ54C
RGD DGD
60.0
73.3
1
5.0
54
31.2
96.3
SMDJ54A
SMDJ54CA
RGE DGE
60.0
66.3
1
5.0
54
34.4
87.1
SMDJ58
SMDJ58C
RGF DGF
64.4
78.7
1
5.0
58
29.1
103
SMDJ58A
SMDJ58CA
PGG DGG
64.4
71.2
1
5.0
58
32.1
93.6
SMDJ60
SMDJ60C
RGH DGH
66.7
81.5
1
5.0
60
28.0
107
SMDJ60A
SMDJ60CA
PGK DGK
66.7
73.7
1
5.0
60
31.0
96.8
SMDJ64
SMDJ64C
PGL DGL
71.1
86.9
1
5.0
64
26.3
114
SMDJ64A
SMDJ64CA
PGM DGM
71.1
78.6
1
5.0
64
29.1
103
SMDJ70
SMDJ70C
PGN DGN
77.8
95.1
1
5.0
70
24.0
125
SMDJ70A
SMDJ70CA
PGP DGP
77.8
86.0
1
5.0
70
26.5
113
SMDJ75
SMDJ75C
PGQ DGQ
83.3
102
1
5.0
75
22.4
134
SMDJ75A
SMDJ75CA
PGR DGR
83.3
92.1
1
5.0
75
24.8
121
SMDJ78
SMDJ78C
PGS DGS
86.7
106
1
5.0
78
21.6
139
SMDJ78A
SMDJ78CA
PGT DGT
86.7
95.8
1
5.0
78
23.8
126
SMDJ80
SMDJ80C
PGA DGA
89.0
109
1
5.0
80
20.9
143
SMDJ80A
SMDJ80CA
PGB DGB
88.8
97.6
1
5.0
80
23.1
130
SMDJ85
SMDJ85C
PGU DGU
94.4
115
1
5.0
85
19.9
151
SMDJ85A
SMDJ85CA
PGV DGV
94.4
104
1
5.0
85
21.9
137
SMDJ90
SMDJ90C
PGW DGW
100
122
1
5.0
90
18.8
160
SMDJ90A
SMDJ90CA
PGX DGX
100
111
1
5.0
90
20.5
146
SMDJ100
SMDJ100C
PGY DGY
111
136
1
5.0
100
16.8
179
SMDJ100A
SMDJ100CA PGZ DGZ
111
123
1
5.0
100
18.5
162
SMDJ110
SMDJ110C
PHD DHD
122
149
1
5.0
110
15.3
196
SMDJ110A
SMDJ110CA PHE DHE
122
135
1
5.0
110
16.9
177
SMDJ120
SMDJ120C
PHF DHF
133
163
1
5.0
120
14.0
214
SMDJ120A
SMDJ120CA PHG DHG
133
147
1
5.0
120
15.5
193
SMDJ130
SMDJ130C
PHH DHH
144
176
1
5.0
130
13.0
231
SMDJ130A
SMDJ130CA PHK DHK
144
159
1
5.0
130
14.4
209
SMDJ140
SMDJ140C
PHA DHA
156
190
1
5.0
140
12.0
251
SMDJ140A
SMDJ140CA PHB DHB
155
171
1
5.0
140
13.2
227
SMDJ150
SMDJ150C
PHL DHL
167
204
1
5.0
150
11.2
268
SMDJ150A
SMDJ150CA PHM DHM
167
185
1
5.0
150
12.3
243
SMDJ160
SMDJ160C
PHN DHN
178
218
1
5.0
160
10.5
287
SMDJ160A
SMDJ160CA PHP DHP
178
197
1
5.0
160
11.6
259
SMDJ170
SMDJ170C
PHQ DHQ
189
231
1
5.0
170
9.87
304
SMDJ170A
SMDJ170CA PHR DHR
189
209
1
5.0
170
10.9
275
SMDJ180
SMDJ180C
PHS DHS
200
245
1
5.0
180
9.31
322
SMDJ180A
SMDJ180CA PHT DHT
200
220
1
5.0
180
10.3
292
SMDJ190
SMDJ190C
PHU DHU
211
258
1
5.0
190
8.82
340
SMDJ190A
SMDJ190CA PHV DHV
211
232
1
5.0
190
9.75
308
SMDJ200A
SMDJ200CA PHW
DHW
224
247
1
5
200
9.26
324
SMDJ220A
SMDJ220CA PHX DHX
246
272
1
5
220
8.43
356
SMDJ250A
SMDJ250CA PHZ DHZ
279
309
1
5
250
7.41
405
SMDJ300A
SMDJ300CA PJE DJE
335
371
1
5
300
6.17
486
SMDJ350A
SMDJ350CA PJG DJG
391
432
1
5
350
5.29
567
SMDJ400A
SMDJ400CA PJK DJK
447
494
1
5
400
4.63
648
SMDJ5.0 thru SMDJ
0 CA
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
44
www.paceleader.tw
3


Similar Part No. - SMDJ6.5A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMDJ6.5A ETC1-SMDJ6.5A Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
Littelfuse
SMDJ6.5A LITTELFUSE-SMDJ6.5A Datasheet
1,011Kb / 6P
   TVS Diodes Surface Mount ? 3000W > SMDJ series
Revised: JC.10/29/20
logo
DONGGUAN YOU FENG WEI E...
SMDJ6.5A YFWDIODE-SMDJ6.5A Datasheet
1Mb / 6P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Guangdong Juxing Electr...
SMDJ6.5A JUXING-SMDJ6.5A Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressor Power 3000W
logo
MDE Semiconductor, Inc.
SMDJ6.5A MDE-SMDJ6.5A Datasheet
118Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMDJ6.5A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com