Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF808 Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # UF808
Description  SUPERFAST mount reverse voltage
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

UF808 Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  UF808 Datasheet HTML 1Page - PACELEADER INDUSTRIAL UF808 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
SUPERFAST RECOVERY RECTIFIER
SUPERFAST RECOVERY RECTIFIER
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
FEATURES
MECHANICAL DATA
www.paceleader.tw
UF800 thru UF8010
SURFACE MOUNT REVERSE VOLTAGE
SURFACE MOUNT REVERSE VOLTAGE
50 TO
50 TO 1000VOLTS
@TA=25°C unless otherwise specified
ULTRA FAST RECTIFIERS FORWARD CURRENT - 8.0 AMPERES
TO-220AC
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O Utilizing
Flame Retardant Epoxy Molding Compound
Exceeds environmental standards of MIL-S-19500/228
Low power loss, high efficiency
Low forward voltage, high current capability
High surge capacity
Ultra Fast recovery times, high voltage
High temperature soldering : 260
O C / 10 seconds at terminals
Pb free product at available : 99% Sn above meet RoHS environment
substance directive request
Case: TO-220AC moldedplastic
Terminals: Lead solderable per MIL-STD-202, Method 208
Polarity: As marked
Mounting Position: Any
Weight: 0.08 ounce, 2.24 gram
Ratings at 25 OC J ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
NOTES:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1A, Irr=0.25A
2. Measured at 1 MHz and applied reverse voltage of 4.0 VDC
3. Thermal resistance from junction to ambient and from junction to lead length 0.375"(9.5mm) P.C.B. mounted
1000VOLTS
UNI TS
M aximum
Recurren t Peak Rev erse Vo ltage
50
100
200
300
400
600
800
1000
V
Max imum
RM S Voltage
35
70
140
210
280
420
560
700
V
Maximum DC Blocking Voltage
50
100
200
300
400
600
800
1000
V
Maximum Average Forward Rectified Current at Tc=100°C
Peak Forward Surge Current,
8.3 ms single half sine -wave
superimposed on rated load (JEDEC method)
A
Maximum Instantaneous Forward Voltage
at 8.0 A per element
Maximum DC Reverse Current (Note 1) Ta=25°C
at Rated DC Blocking Voltage
Ta=125°C
10
500
µA
Typical Junction Capacitance (Note 1)
80
50
pF
Maximum Reverse Recovery Time (Note 2)
Typical Thermal Resistance Note RθJC
Operating and Storage Temperature Range TJ
A
°C/W
°C
8.0
1.0
1.3
V
50
75
nS
15
-55 to +150
125
1.5
1.7
UF800
UF801
UF802
UF803
UF804
UF806
UF808
UF8010


Similar Part No. - UF808

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF808 PANJIT-UF808 Datasheet
71Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
logo
Won-Top Electronics
UF808 WTE-UF808 Datasheet
47Kb / 3P
   8.0A ULTRAFAST GLASS PASSIVATED RECTIFIER
UF808 WTE-UF808 Datasheet
50Kb / 4P
   8.0A GLASS PASSIVATED ULTRAFAST RECTIFIER
logo
Pan Jit International I...
UF808 PANJIT-UF808 Datasheet
41Kb / 2P
   ULTRAFAST RECOCVEY RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
UF808 CHENG-YI-UF808 Datasheet
160Kb / 2P
   ULTRAFAST SWITCHING RECTIFIERS
More results

Similar Description - UF808

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
UF1000F PACELEADER-UF1000F Datasheet
302Kb / 2P
   SUPERFAST mount reverse voltage
UF1000 PACELEADER-UF1000 Datasheet
260Kb / 2P
   SUPERFAST mount reverse voltage
UF1000CT PACELEADER-UF1000CT Datasheet
254Kb / 2P
   SUPERFAST mount reverse voltage
UF1600FCT PACELEADER-UF1600FCT Datasheet
197Kb / 2P
   SUPERFAST SURFACE MOUNT REVERSE
logo
Gaomi Xinghe Electronic...
SF18 GXELECTRONICS-SF18 Datasheet
674Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS Reverse Voltage ??50 to 600 Volts
logo
Rectron Semiconductor
ES1AW RECTRON-ES1AW Datasheet
598Kb / 6P
   Surface Mount Superfast Recovery Rectifier Reverse Voltage-50 to 600V Forward Current-1A
logo
GOOD-ARK Electronics
ES3A GOOD-ARK-ES3A_15 Datasheet
390Kb / 5P
   Surface Mount Glass Passivated Superfast Rectifier Reverse Voltage 50 to 600V Forward Current 3A
logo
PACELEADER INDUSTRIAL
UF505 PACELEADER-UF505 Datasheet
193Kb / 3P
   SURFACE MOUNT REVERSE voltage
logo
GOOD-ARK Electronics
FU1 GOOD-ARK-FU1_15 Datasheet
205Kb / 4P
   Surface Mount Glass Passivated superfast recovery Rectifier Reverse Voltage 50~600V Forward Current 1A
LU1 GOOD-ARK-LU1 Datasheet
183Kb / 4P
   Surface Mount Glass Passivated superfast recovery Rectifier Reverse Voltage 50~600V Forward Current 1A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com