Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PO74G373A Datasheet(PDF) 6 Page - Potato Semiconductor Corporation

Part # PO74G373A
Description  OCTAL TRANSPARENT D-TYPE LATCHESWITH 3-STATE OUTPUTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO74G373A Datasheet(HTML) 6 Page - Potato Semiconductor Corporation

  PO74G373A_14 Datasheet HTML 1Page - Potato Semiconductor Corporation PO74G373A_14 Datasheet HTML 2Page - Potato Semiconductor Corporation PO74G373A_14 Datasheet HTML 3Page - Potato Semiconductor Corporation PO74G373A_14 Datasheet HTML 4Page - Potato Semiconductor Corporation PO74G373A_14 Datasheet HTML 5Page - Potato Semiconductor Corporation PO74G373A_14 Datasheet HTML 6Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
20pin Leadless
Ceramic Chip Carrier
PO54G373ALU for Tube
POTATO54G373AL
20pin Ceramic
Dual Flatpack
PO54G373AFU for Tube
POTATO54G373AF -55 C to 125 C
-55 C to 125 C
IC Package Information
L
LCCC 20
N/A
N/A
N/A
N/A
N/A
N/A
N/A
55
F
CFP 20
N/A
N/A
N/A
N/A
N/A
85
PACKAGE
CODE
PACKAGE
TYPE
QTY
PER
TUBE
TAPE
WIDTH
(mm)
TAPE
PITCH
(mm)
PIN 1 LOCATION
TAPE TRAILER
LENGTH
QTY
PER REEL
TAPE LEADER
LENGTH
T
TSSOP 20
16
8
Top Left Corner
39 (12”)
3000
64 (20”)
74
Top-Marking
Ordering Information
Ordering Code
Package
20pin TSSOP
Pb-free & Green
20pin TSSOP
PO74G373ATU for Tube
POTATO74G373AT
POTATO74G373AT
PO74G373ATR for Tape & Reel
-40 C to 85 C
-40 C to 85 C
TA
Denotes dimensions in inches
Denotes dimensions in millimenters
X.XX
X.XX
X.XX
X.XX
0.080 (2,03)
0.064 (1,63)
12
13
1
3
2
18
17
16
14
13
12
15
11
9
10
4
6
7
8
5
Packaging Mechanical Drawing: 20pin Ceramic Dual Flatpack
0.055 (1,40)
0.045 (1,14)
0.358 (9,09)
0.342 (8,69)
0.358 (9,09)
0.307 (7,80)
0.028 (0,71)
0.022 (0,54)
0.050 (1,27)
0.045 (1,14)
0.045 (1,14)
0.035 (0,89)
0.035 (0,89)
0.020 (0,51)
0.010 (0,25)
0.020 (0,51)
0.010 (0,25)
Pb-free & Green
Pb-free & Green
Pb-free & Green
54 & 74 Series Noise Cancellation GHz Logic
6
01/01/10
Potato Semiconductor Corporation
PO54G373A, PO74G373A
www.potatosemi.com


Similar Part No. - PO74G373A_14

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G373ATR POTATO-PO74G373ATR Datasheet
548Kb / 6P
   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
PO74G373ATU POTATO-PO74G373ATU Datasheet
548Kb / 6P
   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - PO74G373A_14

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
   Octal D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com