Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZGFM1022-M Datasheet(PDF) 3 Page - PACELEADER INDUSTRIAL

Part # ZGFM1022-M
Description  SURFACE MOUNT ZENER TYPE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

ZGFM1022-M Datasheet(HTML) 3 Page - PACELEADER INDUSTRIAL

  ZGFM1022-M Datasheet HTML 1Page - PACELEADER INDUSTRIAL ZGFM1022-M Datasheet HTML 2Page - PACELEADER INDUSTRIAL ZGFM1022-M Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FIG.1A Range for Units to 12 Volts
2
3
4
5
6
7
8
9
10
11
12
Range
V @ I
ZZT
-4.0
-2.0
0
+2.0
+4.0
+6.0
+8.0
+10.0
-12.0
ZENER VOLTAGE, (V)
LEAD LENGTH TO HEAT SINK, (INCHES)
FIG.1B Range for Units to 12 to 100 Volts
1
3
ZENER VOLTAGE, (V)
8
7
6
5
4
Range
V @ I
ZZT
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
25
50
75
100
125
150
175
1
2
3
5
7
10
20
30
50
70
100
1
2
5
7
10
20
50
70
100
200
500
700
1000
oo
Fig. 2 Temperature Coefficients (-55 C to +150 C temperature change;90% of the units are in the ranges indicated.)
-4.0
-2.0
0
+2.0
+4.0
+6.0
2
5
7
10
20
50
70
100
FIG.3 Typical Thermal Resistance versus Lead
1
4
2
5
10
20
50
100
8
10
20
50
100
200
300
400
ZENER CURRENT, (mA)
Fig 4. Effect of Zener Current
NOMINAL VZ, (VOLTS)
ZENER VOLTAGE, (V)
Rating and characteristic curves (ZGFM103V3-M THRU ZGFM10100-M)
V @ I
ZZ
20mA
I = 20 mA
Z
I = 5mA
Z
I = 1mA
Z
50% of breakdown Bias
0V Bias
0V Bias
1mA
0.01mA
o
T = 25 C
J
I (ms) = 0.1 I (do)
ZZ
f=60Hz
10
20
30
50
70
100
SURFACE MOUNT ZENER TYPE
SURFACE MOUNT ZENER TYPE
ZGFM103V3-M THRU ZGFM10100-M
3
www.paceleader.tw


Similar Part No. - ZGFM1022-M

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ZGFM10220B-M FORMOSA-ZGFM10220B-M Datasheet
63Kb / 8P
   Chip Zener Diode
ZGFM1022B-M FORMOSA-ZGFM1022B-M Datasheet
63Kb / 8P
   Chip Zener Diode
More results

Similar Description - ZGFM1022-M

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SMC5342B PACELEADER-SMC5342B Datasheet
360Kb / 2P
   SURFACE MOUNT ZENER TYPE
SMA4949A PACELEADER-SMA4949A Datasheet
241Kb / 2P
   SURFACE MOUNT ZENER TYPE
SMB5921B PACELEADER-SMB5921B Datasheet
381Kb / 2P
   SURFACE MOUNT ZENER TYPE
MMSZ5221B PACELEADER-MMSZ5221B Datasheet
197Kb / 4P
   SURFACE MOUNT ZENER TYPE
ZGFM052V4C-MH PACELEADER-ZGFM052V4C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
MMSZ2V4 PACELEADER-MMSZ2V4 Datasheet
233Kb / 4P
   SURFACE MOUNT ZENER TYPE
ZGF052V4C-MH PACELEADER-ZGF052V4C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
SMB5341B PACELEADER-SMB5341B Datasheet
458Kb / 3P
   SURFACE MOUNT ZENER TYPE
SMA5921B PACELEADER-SMA5921B Datasheet
361Kb / 3P
   SURFACE MOUNT ZENER TYPE
ZS4728A PACELEADER-ZS4728A Datasheet
262Kb / 3P
   SURFACE MOUNT ZENER TYPE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com