Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ8.0A Datasheet(PDF) 4 Page - Micro Commercial Components

Part # SMCJ8.0A
Description  Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMCJ8.0A Datasheet(HTML) 4 Page - Micro Commercial Components

  SMCJ8.0A Datasheet HTML 1Page - Micro Commercial Components SMCJ8.0A Datasheet HTML 2Page - Micro Commercial Components SMCJ8.0A Datasheet HTML 3Page - Micro Commercial Components SMCJ8.0A Datasheet HTML 4Page - Micro Commercial Components SMCJ8.0A Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ELECTRICAL CHARACTERISTICS @25°C
For bi-directional type having Vrwm of 10volts and less, the IR limit is double. For parts without A, the VBR is 10%
MCC
Revision : D
2013/01/01
SMCJ5.0 THRU SMCJ
440CA
TM
Micro Commercial Components
www.mccsemi.com
4 of 5
Uni-Polar
Bi-Polar
VWM(V)
Min
Max
IT(mA)
VC(V)
IPP(A)
ID(uA)
UNI
BI
SMCJ110A
SMCJ110CA
110
122.0
135.0
1
177
8.5
5
GHE
BHE
SMCJ120A
SMCJ120CA
120
133.0
147.0
1
193
7.8
5
GHG
BHG
SMCJ130A
SMCJ130CA
130
144.0
159.0
1
209
7.2
5
GHK
BHK
SMCJ150A
SMCJ150CA
150
167.0
185.0
1
243
6.2
5
GHM
BHM
SMCJ160A
SMCJ160CA
160
178.0
197.0
1
259
5.8
5
GHP
BHP
SMCJ170A
SMCJ170CA
170
189.0
209.0
1
275
5.5
5
GHR
BHR
SMCJ180A
SMCJ180CA
180
201.0
222.0
1
292
5.1
5
GHT
BHT
SMCJ200A
SMCJ200CA
200
224.0
247.0
1
324
4.6
5
GHV
BHV
SMCJ220A
SMCJ220CA
220
246.0
272.0
1
356
4.2
5
GHX
BHX
SMCJ250A
SMCJ250CA
250
279.0
309.0
1
405
3.7
5
GHZ
BHZ
SMCJ300A
SMCJ300CA
300
335.0
371.0
1
486
3.1
5
GJE
BJE
SMCJ350A
SMCJ350CA
350
391.0
432.0
1
567
2.6
5
GJG
BJG
SMCJ400A
SMCJ400CA
400
447.0
494.0
1
648
2.3
5
GJK
BJK
SMCJ440A
SMCJ440CA
440
492.0
543.0
1
713
2.1
5
GJM
BJM
Test
Current
Max.
Clamping
Voltage @IPP
Peak Pulse
Current
Reverse
Leakage
Current@VWM
MCC Part Number
Marking Code
Reverse
Standard -
Off Voltage
Breakdown Voltage
VBR(V)


Similar Part No. - SMCJ8.0A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMCJ8.0A VISHAY-SMCJ8.0A Datasheet
93Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 20-Dec-11
logo
HY ELECTRONIC CORP.
SMCJ8.0A HY-SMCJ8.0A Datasheet
589Kb / 5P
   Surface Mount Unidirectional and Bidirectional Transient Voltage Suppressors
logo
Dc Components
SMCJ8.0A DCCOM-SMCJ8.0A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMCJ8.0A MICROSEMI-SMCJ8.0A Datasheet
205Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
logo
Vishay Siliconix
SMCJ8.0A VISHAY-SMCJ8.0A Datasheet
98Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Mar-12
More results

Similar Description - SMCJ8.0A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMCJ26CA-TP MCC-SMCJ26CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ24CA-TP MCC-SMCJ24CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ28CA-TP MCC-SMCJ28CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ43A-TP MCC-SMCJ43A-TP Datasheet
249Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ33CA-TP MCC-SMCJ33CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ170CA-TP MCC-SMCJ170CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ24A-TP MCC-SMCJ24A-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ48-TP MCC-SMCJ48-TP Datasheet
250Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ5.0 MCC-SMCJ5.0_11 Datasheet
232Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ50 MCC-SMCJ50 Datasheet
435Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 1500 Watt
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com