Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ10A Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SMCJ10A
Description  Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMCJ10A Datasheet(HTML) 2 Page - Micro Commercial Components

  SMCJ10A Datasheet HTML 1Page - Micro Commercial Components SMCJ10A Datasheet HTML 2Page - Micro Commercial Components SMCJ10A Datasheet HTML 3Page - Micro Commercial Components SMCJ10A Datasheet HTML 4Page - Micro Commercial Components SMCJ10A Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
100
10
1.0
0.1
0.1u s
1.0u s
10u s
100 u s
1.0ms
10ms
MOUNTEDON5.0mm2
COPPER LAND AREAS
NON-REPETITIVE
PULSE WAVEFORM
SHOWNINFIGURE 3
TA = 25C
td, PULSE WIDTH, SEC
100
75
50
25
0
0
25
50
75
100
125
150
175
200
TA, AMBIENT TEMPERATURE, C
Fig. 1-PEAK PULSE POWER RATING CURVE
Fig. 2-PULSE DERATING CURVE
150
100
50
0
0
1.0
2.0
3.0
TA = 25C
Pulse Width(td) is Defined as the
Point Where the Peak Current
Decays to 50% of lpp
Peak Value Ippm
Half Value-Ipp
2
10/1000usec Waveform
as Defined by R.E.A.
e-kt
td
tf = 10usec
t, TIME , ms
Fig. 3-PULSE WAVEFORM
20,000
10,000
1,000
100
10
1.0
2.0
10
20
200
400
MEASURED AT
STAND-OFF
VOLTAGE(VMW)
TJ= 25C
f= 1.0MHz
Vsig =50mVp-p
MEASURED AT
ZERO BIAS
V(WM), REVERSE STAND-OFF VOLTAGE, VOLTS
Fig. 4-TYPICAL JUNCTION CAPACITANCE
300
200
100
0
12
46
8 10
20
60 80 100
TJ = TJ max
8.3ms SINGLE HALF
SINCE-WAVE JEDEC
METHOD
NUMBER OF CYCLES AT 60Hz
Fig. 5-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
MCC
SMCJ5.0 THRU SMCJ440CA
Revision : D
2013/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 5


Similar Part No. - SMCJ10A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SMCJ10A TSC-SMCJ10A Datasheet
177Kb / 5P
   1500 Watts Suface Mount Transient Voltage Suppressor
logo
Microdiode Electronics ...
SMCJ10A CHENDA-SMCJ10A Datasheet
1Mb / 5P
   TRANSIENT VTAGE SUPPRESSOR
logo
Dc Components
SMCJ10A DCCOM-SMCJ10A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Guangdong Juxing Electr...
SMCJ10A JUXING-SMCJ10A Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Formosa MS
SMCJ10A FORMOSA-SMCJ10A Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
More results

Similar Description - SMCJ10A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMCJ26CA-TP MCC-SMCJ26CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ24CA-TP MCC-SMCJ24CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ28CA-TP MCC-SMCJ28CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ43A-TP MCC-SMCJ43A-TP Datasheet
249Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ33CA-TP MCC-SMCJ33CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ170CA-TP MCC-SMCJ170CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ24A-TP MCC-SMCJ24A-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ48-TP MCC-SMCJ48-TP Datasheet
250Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ5.0 MCC-SMCJ5.0_11 Datasheet
232Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ50 MCC-SMCJ50 Datasheet
435Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 1500 Watt
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com