Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2012 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # M2012
Description  General Specifications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M2012 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  M2012 Datasheet HTML 1Page - List of Unclassifed Manufacturers M2012 Datasheet HTML 2Page - List of Unclassifed Manufacturers M2012 Datasheet HTML 3Page - List of Unclassifed Manufacturers M2012 Datasheet HTML 4Page - List of Unclassifed Manufacturers M2012 Datasheet HTML 5Page - List of Unclassifed Manufacturers M2012 Datasheet HTML 6Page - List of Unclassifed Manufacturers M2012 Datasheet HTML 7Page - List of Unclassifed Manufacturers M2012 Datasheet HTML 8Page - List of Unclassifed Manufacturers M2012 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TYPICAL SWITCH ORDERING EXAMPLE
www.nkk.com
A1
Series M
Angle PC Mount Miniature Toggles
www.nkk.com
A1
A
A
M20
Gold Contacts
with 0.4VA Rating
.200” (5.08mm) Bat Toggle
Contact Materials & Ratings
W
Silver; Rated
6A @ 125V AC & 3A @ 250V AC
G
Gold; Rated
0.4VA max @ 28V AC/DC max
A
Gold over Silver; Rated
6A @ 125V AC & 0.4VA max @
28V AC/DC max
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
M2012S2A2G40
SPDT
ON-NONE-ON Circuit
Terminals
30
.150” (3.81mm)
Right Angle PC (1-3 Pole)
32
Right Angle PCB
(1 Pole & 0.4VA Rating Only)
40
.150” (3.81mm)
Vertical PC (1-4 Pole)
45
.100” (2.54mm)
Vertical PC (1-4 Pole)
.280” (7.1mm)
Smooth Bushing with Keyway
Vertical PC Terminals with
.150” (3.81mm) Terminal Spacing
Small Bushings
A2
.280” (7.1mm) Smooth with Keyway
S2
.350” (8.9mm) Smooth with Keyway
A1
.280” (7.1mm) Threaded with Keyway
S1
.350” (8.9mm) Threaded with Keyway
Bushing For Locking Levers
L2
Smooth with Keyway for Lever Lock
Locking Lever
L
.201” (5.1mm) Dia. Locking Lever
Optional Caps
B
For S Bat Toggle
C
Conical Cap for S Bat Toggle
Cap Colors
A
Black
B
White
C
Red
E
Yellow
F
Green
G
Blue
A2
S2
1
G
40
2
Circuits
2
ON
NONE
ON
3
ON
OFF
ON
5
ON
NONE (ON)
8 (ON)
OFF
(ON)
9
ON
OFF
(ON)
4
ON
ON
ON
6 (ON)
ON
(ON)
7
ON
ON
(ON)
( ) = Momentary
3-ON circuits available
with double and
four pole bases only
*
*
*
*
Small Toggles
S
.413” (10.5mm) Bat
S2
.200” (5.08mm) Bat
S3
.256” (6.5mm) Bat
E
.450” (11.4mm) Flatted
E2
.256” (6.5mm) Flatted
Toggle dimensions are based on use with
a .350” (8.9mm) bushing; add .070”
(1.78mm) to toggle length when combin-
ing with a .280” (7.1mm) bushing.
Standard Toggle, Bushing, & Terminal Combinations:
S2A2G30, S2A2G40, SS2G30, SS2G40,
LL2G30, & LL2G40
Poles
1
SPDT
2
DPDT
SP3T
3
3PDT
4
4PDT
DP3T
4-pole available
on vertical
models only.
*
*
Cap for Locking Lever
No
Code
Nickel Plated Supplied
with Switch
A
Black
C
Red
G
Blue
IMPORTANT:
Switches are supplied without UL,
cULus & CSA marking unless specified.
UL, cULus & CSA recognized only when
ordered with marking on the switch.
Specific models, ratings, & ordering in-
structions are noted on General Specifi-
cations page.


Similar Part No. - M2012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M2012 ETC1-M2012 Datasheet
495Kb / 10P
   SUBMINATURE/MULTI-FUNCTION/UNBRACKETED
M2012 ETC2-M2012 Datasheet
1Mb / 12P
   Miniature Toggles
logo
PETERMANN-TECHNIK
M2012 PETERMANN-M2012 Datasheet
606Kb / 3P
   SMD-CRYSTAL SERIES
M2012-32.768kHz-±20ppm PETERMANN-M2012-32.768kHz-±20ppm Datasheet
606Kb / 3P
   SMD-CRYSTAL SERIES
logo
Nihon Kaiheiki Industry...
M2012A130 NKK-M2012A130 Datasheet
338Kb / 10P
   General Specifications
More results

Similar Description - M2012

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com