Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2012 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # M2012
Description  General Specifications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M2012 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  M2012 Datasheet HTML 1Page - List of Unclassifed Manufacturers M2012 Datasheet HTML 2Page - List of Unclassifed Manufacturers M2012 Datasheet HTML 3Page - List of Unclassifed Manufacturers M2012 Datasheet HTML 4Page - List of Unclassifed Manufacturers M2012 Datasheet HTML 5Page - List of Unclassifed Manufacturers M2012 Datasheet HTML 6Page - List of Unclassifed Manufacturers M2012 Datasheet HTML 7Page - List of Unclassifed Manufacturers M2012 Datasheet HTML 8Page - List of Unclassifed Manufacturers M2012 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Series M
Angle PC Mount Miniature Toggles
www.nkk.com
A69
A
SMALL TOGGLES
.413” (10.5mm)
Bat
S
.256” (6.5mm)
Bat
S3
Important:
Toggle length changes based on
bushing selected. All illustrations are
shown with .350” (8.9mm) long
bushing. When using a .280” (7.1mm)
long bushing, toggle length increases
.070” (1.78mm).
25°
(2.8) Dia
.110
(10.5)
.413
25°
(2.5)
.098
(6.5)
.256
(4.2)
.165
(5.08)
.200
25°
(2.54)
.100
(11.4)
.450
.450” (11.4mm)
Flatted
E
.256” (6.5mm)
Flatted
E2
SMALL BUSHINGS
(6.5) Dia
.256
(5.6)
.220
(0.6)
.024
(6.5) Dia
.256
(6.5)
.256
(2.2) Dia
.087
Panel Cutouts
.350” (8.9mm)
Smooth with Keyway
S2
(0.9)
.035
(8.9)
.350
(6.2) Dia
.244
(8.0) Dia
.315
(2.5)
.098
(0.8)
.031
For A2, S2, A1 or
S1 Bushing
with Keyway
For A1 or
S1 Bushing
with Locking Ring
.350” (8.9mm)
Threaded with Keyway
S1
(8.0) Dia
.315
(2.5)
.098
(0.8)
.031
(0.9)
.035
(8.9)
.350
1/4-40 Thd
Maximum Panel Thickness with
Standard Hardware: .102” (2.6mm)
.280” (7.1mm)
Smooth with Keyway
A2
(8.0) Dia
.315
(2.5)
.098
(0.8)
.031
(0.9)
.035
(7.1)
.280
(6.2) Dia
.244
When using this bushing, toggle length
is increased by .070” (1.78mm).
A1 .280” (7.1mm)
Threaded with Keyway
(0.9)
.035
(7.1)
.280
1/4-40 Thd
(8.0) Dia
.315
(2.5)
.098
(0.8)
.031
When using this bushing, toggle length is increased
by .070” (1.78mm). Maximum Panel Thickness
with Standard Hardware: .031” (0.8mm)
Standard Hardware:
2 Hex Nuts (AT513H)
1 Lockwasher (AT509)
1 Locking Ring (AT507H)
For dimensions, see Accessories
& Hardware section.
Standard Material & Finish: Brass with Bright Chrome
Contact factory for optional finishes.
.200” (5.08mm)
Bat
S2
(2.7) Dia
.106
25°
(5.08)
.200
(6.5)
.256
(2.7) Dia
.106
25°


Similar Part No. - M2012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M2012 ETC1-M2012 Datasheet
495Kb / 10P
   SUBMINATURE/MULTI-FUNCTION/UNBRACKETED
M2012 ETC2-M2012 Datasheet
1Mb / 12P
   Miniature Toggles
logo
PETERMANN-TECHNIK
M2012 PETERMANN-M2012 Datasheet
606Kb / 3P
   SMD-CRYSTAL SERIES
M2012-32.768kHz-±20ppm PETERMANN-M2012-32.768kHz-±20ppm Datasheet
606Kb / 3P
   SMD-CRYSTAL SERIES
logo
Nihon Kaiheiki Industry...
M2012A130 NKK-M2012A130 Datasheet
338Kb / 10P
   General Specifications
More results

Similar Description - M2012

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com