Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N7E50-Q516XX-50 Datasheet(PDF) 3 Page - 3M Electronics

Part # N7E50-Q516XX-50
Description  Headers mate with both CompactFlash??Type I and Type II cards
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

N7E50-Q516XX-50 Datasheet(HTML) 3 Page - 3M Electronics

  N7E50-Q516XX-50 Datasheet HTML 1Page - 3M Electronics N7E50-Q516XX-50 Datasheet HTML 2Page - 3M Electronics N7E50-Q516XX-50 Datasheet HTML 3Page - 3M Electronics N7E50-Q516XX-50 Datasheet HTML 4Page - 3M Electronics N7E50-Q516XX-50 Datasheet HTML 5Page - 3M Electronics N7E50-Q516XX-50 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
PCB LAYOUT
CARD INSERTION
Compact Flash Card
Type 1 and 2
O 2.20 ±.05
.087 ±.002
2X
O 1.75 ±.03
.069 ±.001
2X
-A-
38.74 ±.05
1.525 ±.002
18.50 ±.05
.728 ±.002
2X
4.50
.177
2X
3.00
.118
2X
44.50 ±.05
1.752 ±.002
46.00 ±.05
1.811 ±.002
O 0.90 ±.03
.035 ±.001
2X
18.00 ±.10
.709 ±.004
2X
3.00 ±.05
.118 ±.002
2X
7.50
.295
2X
-B-
0.40 ±.05
.016 ±.002
l 0.08 [.003] A-B A
0.635
.0250
31.12
1.225
PIN W
PIN Y
PIN X
PIN Z
3.50
.138
50X
43.70
1.720
3MCF Card Header
CompactFlash
™ Type II, Surface Mount
7E50 Series
Part Number
E
mm
[ inch ]
F
mm
[ inch ]
G
mm
[ inch ]
H
mm
[ inch ]
Pin W
Pin X
Pin Y
Pin Z
N7E50-Q516XX-40
0.00
[ .000 ]
4.65
[ .183 ]
1.40
[ .055 ]
0.80
[ .031 ]
Pin 1
Pin 25
Pin 26
Pin 50
N7E50-Q516XX-50
2.00
[ .079 ]
6.65
[ .262 ]
1.40
[ .055 ]
0.80
[ .031 ]
Pin 1
Pin 25
Pin 26
Pin 50
N7E50-R516XX-50
2.00
[ .079 ]
6.65
[ .262 ]
0.80
[ .031 ]
1.40
[ .055 ]
Pin 50
Pin 26
Pin 25
Pin 1
TS-2082-C
Sheet 3 of 3
30
91


Similar Part No. - N7E50-Q516XX-50

ManufacturerPart #DatasheetDescription
logo
3M Electronics
N7E50-7516PK-20 3M-N7E50-7516PK-20 Datasheet
663Kb / 6P
   Single row solder tails with 0.635 mm spacing
N7E50-H516RB-50 3M-N7E50-H516RB-50 Datasheet
1Mb / 6P
   3M??CF Card Header CompactFlash??Type II, Long Guides, Surface Mount
N7E50-M516RB-40 3M-N7E50-M516RB-40 Datasheet
1Mb / 6P
   3M??CF Card Header CompactFlash??Type II, Long Guides, Surface Mount
N7E50-M516RB-40-WF 3M-N7E50-M516RB-40-WF Datasheet
1Mb / 6P
   3M??CF Card Header CompactFlash??Type II, Long Guides, Surface Mount
N7E50-M516RB-50 3M-N7E50-M516RB-50 Datasheet
1Mb / 6P
   3M??CF Card Header CompactFlash??Type II, Long Guides, Surface Mount
More results

Similar Description - N7E50-Q516XX-50

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI2493D SILABS-SI2493D Datasheet
1Mb / 60P
   Type I and II caller ID decode
logo
Assmann Electronics Inc...
AK678-6-R ASSMANN-AK678-6-R Datasheet
84Kb / 1P
   BOTH Connectors With Normal Type
logo
Yamaichi Electronics Co...
CF050P2-003-00-DS2 YAMAICHI-CF050P2-003-00-DS2 Datasheet
130Kb / 2P
   Compact Flash Card Reader, Type I and II
CF050P2S-003-00DS0 YAMAICHI-CF050P2S-003-00DS0 Datasheet
117Kb / 2P
   Compact Flash Card Slim Type I and II
logo
Ningbo songle relay co....
SLBA SONGLERELAY-SLBA Datasheet
5Mb / 3P
   Both sealed and open type available
logo
3M Electronics
N7E50-M516RB-40-WF 3M-N7E50-M516RB-40-WF Datasheet
1Mb / 6P
   3M??CF Card Header CompactFlash??Type II, Long Guides, Surface Mount
logo
ALPS ELECTRIC CO.,LTD.
SSAG ALPS-SSAG Datasheet
1Mb / 5P
   Recoil Type for Single Side and Both Sides
SSAG ALPS-SSAG_15 Datasheet
1Mb / 5P
   Recoil Type for Single-side and Both Sides
logo
PANDUIT CORP.
PCM-0 PANDUIT-PCM-0 Datasheet
104Kb / 4P
   Pre-Printed Marker Cards PCM Type
logo
Pomona Electronics
1658 POMONA-1658 Datasheet
37Kb / 1P
   Cable Assembly Type N Male Both Ends
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com