Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2019 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # M2019
Description  General Specifications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M2019 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  M2019 Datasheet HTML 1Page - List of Unclassifed Manufacturers M2019 Datasheet HTML 2Page - List of Unclassifed Manufacturers M2019 Datasheet HTML 3Page - List of Unclassifed Manufacturers M2019 Datasheet HTML 4Page - List of Unclassifed Manufacturers M2019 Datasheet HTML 5Page - List of Unclassifed Manufacturers M2019 Datasheet HTML 6Page - List of Unclassifed Manufacturers M2019 Datasheet HTML 7Page - List of Unclassifed Manufacturers M2019 Datasheet HTML 8Page - List of Unclassifed Manufacturers M2019 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Series M
Angle PC Mount Miniature Toggles
www.nkk.com
A68
A
External connection must be
made during field installation.
The SP3T model utilizes a
double pole base.
External connection must be
made during field installation.
The DP3T model utilizes a
four pole base.
(out)
(out)
(out)
(out)
(out)
(out)
External
Conn
Common
(in)
Common
(in)
1
2
4
7
10
12
96
3
5
8
11
(out)
63
2
1
4
5
(out)
(out)
External
Conn
Common
(in)
POLES & CIRCUITS
Toggle Position
( ) = Momentary
Connected Terminals
Throw & Schematics
Pole
Model
Down
Center
Up
Down
Center
Up
SP
M2012
M2013
M2015
M2018
M2019
ON
ON
ON
(ON)
ON
NONE
OFF
NONE
OFF
OFF
ON
ON
(ON)
(ON)
(ON)
2-3
OPEN
2-1
SPDT
DP
M2022
ON
NONE
ON
2-3 5-6
OPEN
2-1 5-4
DPDT
M2023
ON
OFF
ON
M2025
ON
NONE
(ON)
M2028
(ON)
OFF
(ON)
M2029
ON
OFF
(ON)
3P
M2032
ON
NONE
ON
2-3 5-6
8-9
OPEN
2-1 5-4
8-7
3PDT
M2033
ON
OFF
ON
M2035
ON
NONE
(ON)
M2038
(ON)
OFF
(ON)
M2039
ON
OFF
(ON)
4P
M2042
ON
NONE
ON
2-3 5-6
8-9 11-12
OPEN
2-1 5-4
8-7 11-10
4PDT
M2043
ON
OFF
ON
M2045
ON
NONE
(ON)
M2048
(ON)
OFF
(ON)
M2049
ON
OFF
(ON)
Note: Terminal numbers are not actually on
the switch.
* Reverse circuits available for vertical
mount SP & DP upon request.
*
*
*
*
Keyway
Keyway
2 (COM)
1
3
11
10
12
7
9
4
6
1
3
2
58
(COM)
2
5
(COM)
8
31
64 97
4
6
1
3
25
(COM)
1 (out)
4 (out) 6 (out)
2 (in)
3
5
External
Connection
1 (out)
4 (out) 6 (out)
2 (in)
3
5
External
Connection
1 (out)
4 (out) 6 (out)
2 (in)
3
5
External
Connection
1 (out)
4 (out) 6 (out) 7 (out)
10 (out) 12 (out)
8 (in)
2 (in)
39
511
External
Connection
External
Connection
1 (out)
4 (out) 6 (out) 7 (out)
10 (out) 12 (out)
8 (in)
2 (in)
39
511
External
Connection
External
Connection
1 (out)
4 (out) 6 (out) 7 (out)
10 (out) 12 (out)
8 (in)
2 (in)
39
511
External
Connection
External
Connection
For 3 Throw (3-On)
Connected Terminals & Schematics
Pole Model Down Center Up
Down
Center
Up
SP
M2024
M2026
M2027
ON
(ON)
ON
ON
ON
ON
ON
(ON)
(ON)
DP
M2044
M2046
M2047
ON
(ON)
ON
ON
ON
ON
ON
(ON)
(ON)
2-3 5-6
2-3 5-4
2-1 5-4
2-3 5-6
2-3 5-4
2-1 5-4
8-9 11-12
8-9 11-10
8-7 11-10


Similar Part No. - M2019

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M2019 ETC1-M2019 Datasheet
495Kb / 10P
   SUBMINATURE/MULTI-FUNCTION/UNBRACKETED
M2019 ETC2-M2019 Datasheet
1Mb / 12P
   Miniature Toggles
logo
Nihon Kaiheiki Industry...
M2019E2A1 NKK-M2019E2A1 Datasheet
1Mb / 28P
   General Specifications
M2019E2A2 NKK-M2019E2A2 Datasheet
1Mb / 28P
   General Specifications
M2019E2D1 NKK-M2019E2D1 Datasheet
1Mb / 28P
   General Specifications
More results

Similar Description - M2019

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com