Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-020MDT Datasheet(PDF) 4 Page - Rohm

Part # SML-020MDT
Description  Two-color chip LEDs with reflectors SML-020 Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-020MDT Datasheet(HTML) 4 Page - Rohm

  SML-020MDT Datasheet HTML 1Page - Rohm SML-020MDT Datasheet HTML 2Page - Rohm SML-020MDT Datasheet HTML 3Page - Rohm SML-020MDT Datasheet HTML 4Page - Rohm SML-020MDT Datasheet HTML 5Page - Rohm SML-020MDT Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SML-020 Series
Light Emitting Diodes
4/6
3.0
2.5
2.0
1.5
1.0
0.5
0
0
1020
304050
60
PEAK FORWARD CURRENT : IF peak
(mA)
RED
15%
20%
10%
5%
f=1kHz
DC
DF=50%
Fig. 15 Luminous intensity vs.
peak forward current
20
10
0
010
20
30
40
50
70
80
60
90
30
AMBIENT TEMPERATURE : Ta
(˚C)
Red
Green
Fig. 16 Maximum forward current
vs. ambient temperature
!
!
!
!
Electrical characteristics3 (SML-020MDT)
20
10
5.0
2.0
1.0
0.5
0.2
0.1
1.5
2.0
2.5
3.0
50
FORWARD VOLTAGE : VF
(V)
Ta
=25°C
Orange
Green
Fig. 17 Forward current
Fig. 3 vs. forward voltage
1.4
1.2
1.0
0.8
0.6
0.4
40
-20
20
0
60
80
1.6
IF=20mA
CASE TEMPERATURE : Tc
(˚C)
Orange
Green
Fig. 18 Luminous intensity vs.
case temperature
2
1
0.5
0.2
0.1
0.05
0.02
0.01
0.5
1
2
510
20
50 100
5
FORWARD CURRENT : IF
(
mA)
Ta=25˚C
Green
Orange
Fig. 19 Luminous intensity vs.
forward current
1
2
2.4
3
4
5
6
PULSE DURATION : Tw
(
µs)
10
520
50 10
2
10
3
10
4
Fig. 20 Maximum tolerable peak current
vs. pulse duration
3.0
2.5
2.0
1.5
1.0
0.5
0
0
1020
304050
60
PEAK FORWARD CURRENT : IF peak
(mA)
f=1kHz
DC
15%
20%
10%
5%
Orange,Green
DF=50%
Fig. 21 Luminous intensity vs.
peak forward current
20
10
0
010
20
30
40
50
70
80
60
90
30
AMBIENT TEMPERATURE : Ta
(˚C)
Orange, Green
Fig. 22 Maximum forward current
vs. ambient temperature


Similar Part No. - SML-020MDT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-020MDT ROHM-SML-020MDT Datasheet
125Kb / 6P
   Two-color chip LEDs with reflectors
SML-020MDT ROHM-SML-020MDT Datasheet
105Kb / 6P
   Two-color chip LEDs with reflectors
More results

Similar Description - SML-020MDT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-020MVTT86 ROHM-SML-020MVTT86 Datasheet
105Kb / 6P
   Two-color chip LEDs with reflectors
SML-020 ROHM-SML-020_1 Datasheet
130Kb / 4P
   Two-color chip LEDs with reflectors
SML-020 ROHM-SML-020 Datasheet
125Kb / 6P
   Two-color chip LEDs with reflectors
SML-010VTT86 ROHM-SML-010VTT86 Datasheet
88Kb / 5P
   Chip LEDs with reflectors SML-010 Series
SML-010YT ROHM-SML-010YT Datasheet
207Kb / 5P
   Chip LEDs with reflectors
SML-010LTT86 ROHM-SML-010LTT86 Datasheet
88Kb / 5P
   Chip LEDs with reflectors
SML-010MTT86 ROHM-SML-010MTT86 Datasheet
88Kb / 5P
   Chip LEDs with reflectors
logo
List of Unclassifed Man...
SML-011 ETC-SML-011 Datasheet
27Kb / 3P
   Chip LEDs with reflectors
logo
Rohm
SML-521 ROHM-SML-521 Datasheet
70Kb / 4P
   Two-color chip LEDs, super small type
logo
Everlight Electronics C...
19-22SURSYGC EVERLIGHT-19-22SURSYGC Datasheet
177Kb / 12P
   Chip LEDs with Bi-Color(Multi-Color)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com