Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-211UT Datasheet(PDF) 5 Page - Rohm

Part # SML-211UT
Description  Nomal type and Low current type line-up.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-211UT Datasheet(HTML) 5 Page - Rohm

  SML-211UT Datasheet HTML 1Page - Rohm SML-211UT Datasheet HTML 2Page - Rohm SML-211UT Datasheet HTML 3Page - Rohm SML-211UT Datasheet HTML 4Page - Rohm SML-211UT Datasheet HTML 5Page - Rohm SML-211UT Datasheet HTML 6Page - Rohm SML-211UT Datasheet HTML 7Page - Rohm SML-211UT Datasheet HTML 8Page - Rohm SML-211UT Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
SML-21 series
lRank Reference of Brightness
*2 : Brightness on specification sheet include tolerance of within ±10%.
Red(V,U)
(Ta=25ºC, IF=20mA, *1 : IF=2mA)
G
H
J
K
L
M
N
P
Q
T
W
X
1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25 25 to 40 40 to 63
160 to 250
630 to 1000 1000 to 1600
(Ta=25ºC, IF=20mA)
AJ
AK
AL
AM
AN
AP
AQ
AR
AS
AV
AY
AZ
14 to 18 18 to 22.4 22.4 to 28 28 to 35.5 35.5 to 45 45 to 56 56 to 71 71 to 90 90 to 112
180 to 224
280 to 355 355 to 450
Orange(D)
(Ta=25ºC, IF=20mA, *1 : IF=2mA)
G
H
J
K
L
M
N
P
Q
T
W
X
1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25 25 to 40 40 to 63
160 to 250
630 to 1000 1000 to 1600
Yellow(Y,W)
(Ta=25ºC, IF=20mA, *1 : IF=2mA)
G
H
J
K
L
M
N
P
Q
T
W
X
1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25 25 to 40 40 to 63
160 to 250
630 to 1000 1000 to 1600
(Ta=25ºC, IF=20mA)
AJ
AK
AL
AM
AN
AP
AQ
AR
AS
AV
AY
AZ
14 to 18 18 to 22.4 22.4 to 28 28 to 35.5 35.5 to 45 45 to 56 56 to 71 71 to 90 90 to 112
180 to 224
280 to 355 355 to 450
V
SML-212DT
SML-211DT*1 *2
Rank
Iv (mcd)
400 to 630
V
400 to 630
U
250 to 400
S
280 to 355
Rank
AT
AU
AW
AX
Iv (mcd)
112 to 140 140 to 180
224 to 280
250 to 400
S
100 to 160
S
SML-212WT(A)
SML-212YT
SML-211YT*1 *2
Rank
Iv (mcd)
SML-211WT*1 *2
100 to 160
Iv (mcd)
Rank
Rank
Iv (mcd)
SML-212VT*2
SML-212U2T(A)
SML-211UT*1
R
63 to 100
R
63 to 100
V
400 to 630
100 to 160
U
250 to 400
U
63 to 100
R
AT
AU
112 to 140 140 to 180
224 to 280 280 to 355
AW
AX
5/8
2013.08 - Rev.C


Similar Part No. - SML-211UT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-211UT ROHM-SML-211UT Datasheet
462Kb / 3P
   Low Current Type (IF=<10mA) Mini-molded chip LEDs
SML-211UT ROHM-SML-211UT Datasheet
450Kb / 9P
   Nomal type and Low current type line-up.
SML-211UT ROHM-SML-211UT Datasheet
84Kb / 3P
   Chip LEDs with low power consumption
SML-211UT ROHM-SML-211UT Datasheet
136Kb / 3P
   SML-21 Series
SML-211UT ROHM-SML-211UT Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
More results

Similar Description - SML-211UT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-210DTT86 ROHM-SML-210DTT86 Datasheet
450Kb / 9P
   Nomal type and Low current type line-up.
SML-210PTT86 ROHM-SML-210PTT86 Datasheet
450Kb / 9P
   Nomal type and Low current type line-up.
SML-212DTT86 ROHM-SML-212DTT86 Datasheet
450Kb / 9P
   Nomal type and Low current type line-up.
SML-P11MT ROHM-SML-P11MT Datasheet
127Kb / 3P
   Low Current Type
logo
NIHON DEMPA KOGYO
NZ1612SHB NDK-NZ1612SHB Datasheet
934Kb / 2P
   Low current consumption Type
NZ2520SJ NDK-NZ2520SJ Datasheet
740Kb / 1P
   Low current consumption Type
NZ3225SJ NDK-NZ3225SJ_18 Datasheet
827Kb / 1P
   Low current consumption Type
NZ2520SHB NDK-NZ2520SHB_18 Datasheet
833Kb / 2P
   Low current consumption Type
NZ2016SHB NDK-NZ2016SHB_18 Datasheet
851Kb / 2P
   Low current consumption Type
NZ2016SJ NDK-NZ2016SJ_18 Datasheet
857Kb / 1P
   Low current consumption Type
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com