Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-212DT Datasheet(PDF) 7 Page - Rohm

Part # SML-212DT
Description  Nomal type and Low current type line-up.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-212DT Datasheet(HTML) 7 Page - Rohm

  SML-212DT Datasheet HTML 1Page - Rohm SML-212DT Datasheet HTML 2Page - Rohm SML-212DT Datasheet HTML 3Page - Rohm SML-212DT Datasheet HTML 4Page - Rohm SML-212DT Datasheet HTML 5Page - Rohm SML-212DT Datasheet HTML 6Page - Rohm SML-212DT Datasheet HTML 7Page - Rohm SML-212DT Datasheet HTML 8Page - Rohm SML-212DT Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
SML-21 series
lAttention Points In Handling
This product was developed as a surface mount LED especially suitable for reflow soldering.
Please take care of following points when using this device.
1.DESIGNING OF PCB
As for a recommendable solder pattern, Please refer to Fig-1.
The size and direction of the pad pattern depends on the condition of the PCB,
So, please investigate about the adjustmentthoroughly before designing.
2.SOLDERING (Sn-Cu, Sn-Ag-Cu, Sn-Ag-Bi-Cu)
LED products do not contain reinforcement
materials such as glass fillers.
Therefore, thermal stress by soldering greatly
influences its reliability.
The temperature conditions for reflow soldering
should therefore be set up according to the
characteristic of this product. (See Fig-2)
Number of reflow process shall be max 2 times
and these processes shall be performed in a row.
Cooling process to normal temperature shall be required
between the first and the second soldering process.
3.HANDLING AFTER MOUNTING
As shown right drawing, in case outside force of around1kg is given
to the device, stress is concentrated to the jointed part
between mold resin and substrate.
Therefore there is a possibility to breat the device or PCB.
Careful handing is needed as ROHM cannot guarantee the falling of the device by outside force after mounting.
4.WASHING
Please note the following points when washing is required after soldering.
4-1) WASHING SOLVENT
Isopropyl alcohol or other alcohol solvent is recommendable.
4-2) TEMPERATURE
Below 30ºC, immersion time ; within 3 minutes.
4-3) ULTRA SONIC WASHING
Below 15/1 litter of solvent tub.
4-4) COOLING
Below 100ºC within 3 minutes.
5.EROSION GAS
Utilization in erosion gas atmosphere may degenerate the plating surface which might cause deterioration of
solder strength, optical characteristics, or functions.
Please take precautions against occurrence of gas from the surrounding parts on the occasion of custody,
and also after mounted on circuit board.
Min.1 min
Max. 40sec
Max.260ºC, Within 10sec
140 to 180ºC
230 to 260ºC
(Fig-2)
(Fig-1)
1.1m
1.1m
1.25
1.25
PCB Bonding Direction
Outside
PCB
Mold
Substrat
Soldering
part
Emitting
7/8
2013.08 - Rev.C


Similar Part No. - SML-212DT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-212DT ROHM-SML-212DT Datasheet
70Kb / 3P
   Ultra high brightness chip LEDs
logo
List of Unclassifed Man...
SML-212DT ETC1-SML-212DT Datasheet
106Kb / 2P
   LEDs, Surface Mount
logo
Rohm
SML-212DT ROHM-SML-212DT Datasheet
136Kb / 3P
   SML-21 Series
SML-212DT ROHM-SML-212DT Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-212DT ROHM-SML-212DT Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
More results

Similar Description - SML-212DT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-210DTT86 ROHM-SML-210DTT86 Datasheet
450Kb / 9P
   Nomal type and Low current type line-up.
SML-210PTT86 ROHM-SML-210PTT86 Datasheet
450Kb / 9P
   Nomal type and Low current type line-up.
SML-212DTT86 ROHM-SML-212DTT86 Datasheet
450Kb / 9P
   Nomal type and Low current type line-up.
SML-P11MT ROHM-SML-P11MT Datasheet
127Kb / 3P
   Low Current Type
logo
NIHON DEMPA KOGYO
NZ1612SHB NDK-NZ1612SHB Datasheet
934Kb / 2P
   Low current consumption Type
NZ2520SJ NDK-NZ2520SJ Datasheet
740Kb / 1P
   Low current consumption Type
NZ3225SJ NDK-NZ3225SJ_18 Datasheet
827Kb / 1P
   Low current consumption Type
NZ2520SHB NDK-NZ2520SHB_18 Datasheet
833Kb / 2P
   Low current consumption Type
NZ2016SHB NDK-NZ2016SHB_18 Datasheet
851Kb / 2P
   Low current consumption Type
NZ2016SJ NDK-NZ2016SJ_18 Datasheet
857Kb / 1P
   Low current consumption Type
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com