Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML812BCTT86 Datasheet(PDF) 5 Page - Rohm

Part # SML812BCTT86
Description  Reverse-mount available type
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML812BCTT86 Datasheet(HTML) 5 Page - Rohm

  SML812BCTT86 Datasheet HTML 1Page - Rohm SML812BCTT86 Datasheet HTML 2Page - Rohm SML812BCTT86 Datasheet HTML 3Page - Rohm SML812BCTT86 Datasheet HTML 4Page - Rohm SML812BCTT86 Datasheet HTML 5Page - Rohm SML812BCTT86 Datasheet HTML 6Page - Rohm SML812BCTT86 Datasheet HTML 7Page - Rohm SML812BCTT86 Datasheet HTML 8Page - Rohm SML812BCTT86 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
SML-81 series
lViewing Angle
lRank Reference of Brightness
*
Please note that the brightness of some products may fall between ranks (half rank).
Brightness on specification sheet include tolerance of within ±10%.
SCANNING ANGLE (deg)
RELATIVE INTENSITY
SCANNING ANGLE (deg)
RELATIVE INTENSITY
SML-81 series
SML-81 series
Red(V,U)
(Ta=25ºC, IF=10mA)
Rank
AG
AH
AJ
AK
AL
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
Iv (mcd)
9.0 to 11.2 11.2 to 14 14 to 18 18 to 22.4 22.4 to 28 28 to 35.5 35.5 to 45 45 to 56
56 to 71
71 to 90 90 to 112 112 to 140 140 to 180 180 to 224 224 to 280 280 to 355
SML-811VT(A)*
SML-811UT(A)*
Orange(D)
(Ta=25ºC, IF=10mA)
Rank
AG
AH
AJ
AK
AL
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
Iv (mcd)
9.0 to 11.2 11.2 to 14 14 to 18 18 to 22.4 22.4 to 28 28 to 35.5 35.5 to 45 45 to 56
56 to 71
71 to 90 90 to 112 112 to 140 140 to 180 180 to 224 224 to 280 280 to 355
SML-811DT(A)*
Yellow(Y)
(Ta=25ºC, IF=10mA)
Rank
AG
AH
AJ
AK
AL
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
Iv (mcd)
9.0 to 11.2 11.2 to 14 14 to 18 18 to 22.4 22.4 to 28 28 to 35.5 35.5 to 45 45 to 56
56 to 71
71 to 90 90 to 112 112 to 140 140 to 180 180 to 224 224 to 280 280 to 355
SML-811WT(A)*
Green(M)
(Ta=25ºC, IF=20mA)
Rank
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
Iv (mcd)
1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10
10 to 16
16 to 25
25 to 40
40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600
SML-812MT※
Blue(B)
(Ta=25ºC, IF=20mA)
Rank
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
Iv (mcd)
0.9 to 1.4 1.4 to 2.2 2.2 to 3.6 3.6 to 5.6
5.6 to 9
9 to 14
14 to 22
22 to 36
36 to 56
56 to 90 90 to 140 140 to 220 220 to 360 360 to 560 560 to 900 900 to 1400
SML812BCT
White(WB)
(Ta=25ºC, IF=5mA)
Rank
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
Iv (mcd)
0.9 to 1.4 1.4 to 2.2 2.2 to 3.6 3.6 to 5.6
5.6 to 9
9 to 14
14 to 22
22 to 36
36 to 56
56 to 90 90 to 140 140 to 220 220 to 360 360 to 560 560 to 900 900 to 1400
SML813WBC8W
SCANNING ANGLE (deg)
RELATIVE INTENSITY
SCANNING ANGLE (deg)
RELATIVE INTENSITY
SML812BCT
SML813WBC8W
SML812BCT
SML813WBC8W
5/10
2013.10 - Rev.E


Similar Part No. - SML812BCTT86

ManufacturerPart #DatasheetDescription
logo
Rohm
SML812BCT ROHM-SML812BCT Datasheet
2Mb / 4P
   Reverse-mount type
SML812BCT ROHM-SML812BCT Datasheet
590Kb / 11P
   Reverse-mount available type
SML812BCT ROHM-SML812BCT Datasheet
1Mb / 12P
   Reverse-mount available type
More results

Similar Description - SML812BCTT86

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-811WTT86 ROHM-SML-811WTT86 Datasheet
590Kb / 11P
   Reverse-mount available type
SML-812MTT86 ROHM-SML-812MTT86 Datasheet
1Mb / 12P
   Reverse-mount available type
SML-811VT ROHM-SML-811VT Datasheet
389Kb / 11P
   Reverse-mount available type
SML-81 ROHM-SML-81 Datasheet
2Mb / 4P
   Reverse-mount type
logo
STANLEY ELECTRIC CO.,LT...
VCEW1154RDS-TR STANLEY-VCEW1154RDS-TR Datasheet
681Kb / 25P
   Reverse mount type
logo
Rohm
SML-810TBT86 ROHM-SML-810TBT86 Datasheet
1Mb / 4P
   Reverse-mount type phototransistors
SML-811UTT86 ROHM-SML-811UTT86 Datasheet
590Kb / 11P
   ?줣everse-mount available type
logo
STANLEY ELECTRIC CO.,LT...
PS1191RB STANLEY-PS1191RB Datasheet
183Kb / 10P
   Surface Mount Phototransistor/Reverse Mount Type
AN1111R STANLEY-AN1111R Datasheet
186Kb / 10P
   Surface Mount IRED/Reverse Mount Type
DNK1111R STANLEY-DNK1111R Datasheet
255Kb / 14P
   Surface Mount IRED/Reverse Mount Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com