Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-211WT Datasheet(PDF) 8 Page - Rohm

Part # SML-211WT
Description  Nomal type and Low current type line-up.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-211WT Datasheet(HTML) 8 Page - Rohm

  SML-211WT Datasheet HTML 1Page - Rohm SML-211WT Datasheet HTML 2Page - Rohm SML-211WT Datasheet HTML 3Page - Rohm SML-211WT Datasheet HTML 4Page - Rohm SML-211WT Datasheet HTML 5Page - Rohm SML-211WT Datasheet HTML 6Page - Rohm SML-211WT Datasheet HTML 7Page - Rohm SML-211WT Datasheet HTML 8Page - Rohm SML-211WT Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
SML-21 series
6.STORAGE
At reflow soldering, the reliability of this product is often influenced by moisture
absorption so we apply the packaging with moisture proof for better condition is use, please also note that
6-1) Not to be opened before using.
6-2) To be kept in our moisture proof packaging with some desiccant (SILICA GEL) after opening it.
To be baked in case the SILICA GEL indicator its color from either blue to clear or green to pink.
6-3) Please use within 168 hours after the package was opened. (Condition at 30ºC, max.70%Rh.)
In case it is not used within 168 hours, please put it back into our packaging.
6-4) BAKING
Please bake under reel condition at 60ºC, 12 to 24 hours (max.20%Rh) after un-sealing.
While baking is done, the reel and emboss tape may be easily deformed.
Please be careful not to give any stress.
7.LIFE TIME
This product will cause reduction of luminous intensity depending on the using conditions and environmental.
Please inquire our sales contact if long life time is required on your application.
8/8
2013.08 - Rev.C


Similar Part No. - SML-211WT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-211WT ROHM-SML-211WT Datasheet
136Kb / 3P
   SML-21 Series
SML-211WT ROHM-SML-211WT Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-211WT ROHM-SML-211WT Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-211WT ROHM-SML-211WT Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-211WT ROHM-SML-211WT Datasheet
116Kb / 3P
   0805<2.0 1.25 t=0.8mm> Low Current Type(IF 10mA)
More results

Similar Description - SML-211WT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-210DTT86 ROHM-SML-210DTT86 Datasheet
450Kb / 9P
   Nomal type and Low current type line-up.
SML-210PTT86 ROHM-SML-210PTT86 Datasheet
450Kb / 9P
   Nomal type and Low current type line-up.
SML-212DTT86 ROHM-SML-212DTT86 Datasheet
450Kb / 9P
   Nomal type and Low current type line-up.
SML-P11MT ROHM-SML-P11MT Datasheet
127Kb / 3P
   Low Current Type
logo
NIHON DEMPA KOGYO
NZ1612SHB NDK-NZ1612SHB Datasheet
934Kb / 2P
   Low current consumption Type
NZ2520SJ NDK-NZ2520SJ Datasheet
740Kb / 1P
   Low current consumption Type
NZ3225SJ NDK-NZ3225SJ_18 Datasheet
827Kb / 1P
   Low current consumption Type
NZ2520SHB NDK-NZ2520SHB_18 Datasheet
833Kb / 2P
   Low current consumption Type
NZ2016SHB NDK-NZ2016SHB_18 Datasheet
851Kb / 2P
   Low current consumption Type
NZ2016SJ NDK-NZ2016SJ_18 Datasheet
857Kb / 1P
   Low current consumption Type
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com