Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-Z14D4TT86 Datasheet(PDF) 2 Page - Rohm

Part # SML-Z14D4TT86
Description  20/50mA guaranteed specifications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-Z14D4TT86 Datasheet(HTML) 2 Page - Rohm

  SML-Z14D4TT86 Datasheet HTML 1Page - Rohm SML-Z14D4TT86 Datasheet HTML 2Page - Rohm SML-Z14D4TT86 Datasheet HTML 3Page - Rohm SML-Z14D4TT86 Datasheet HTML 4Page - Rohm SML-Z14D4TT86 Datasheet HTML 5Page - Rohm SML-Z14D4TT86 Datasheet HTML 6Page - Rohm SML-Z14D4TT86 Datasheet HTML 7Page - Rohm SML-Z14D4TT86 Datasheet HTML 8Page - Rohm SML-Z14D4TT86 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
SML-Z1 series
lElectrical Characteristics Curves
 
10
100
1.6
1.8
2.0
2.2
2.4
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-40
-20
0
20
40
60
80
100
0.0
1.0
2.0
3.0
4.0
0
10
20
30
40
50
60
70
0
20
40
60
80
-40 -20
0
20
40
60
80 100
Fig.1 Forward Current - Forward Voltages
FORWARD VOLTAGE : VF [V]
Fig.2 Luminous Intensity -
Atmosphere Temperature
ATMOSPHERE TEMPERATURE : Ta [ºC]
Fig.3 Luminous Intensity - Forward Current
FORWARD CURRENT : IF [mA]
Fig.4 Derating
AMBIENT TEMPERATURE : Ta [ºC]
Ta=25ºC
Ta=25ºC
IF=20mA
SML-Z14VT(A)
SML-Z14UT(A)
SML-Z14DT(A)
SML-Z14YT(A)
SML-Z14MT(A)
SML-Z14FT(A)
SML-Z14PT(A)
SML-Z14VT(A)
SML-Z14UT(A)
SML-Z14DT(A)
SML-Z14YT(A)
SML-Z14MT(A)
SML-Z14FT(A)
SML-Z14PT(A)
SML-Z14VT(A)
SML-Z14UT(A)
SML-Z14DT(A)
SML-Z14YT(A)
SML-Z14MT(A)
SML-Z14FT(A)
SML-Z14PT(A)
SML-Z14VT(A)
SML-Z14UT(A)
SML-Z14DT(A)
SML-Z14YT(A)
SML-Z14MT(A)
SML-Z14FT(A)
SML-Z14PT(A)
2/10
2013.08 - Rev.C


Similar Part No. - SML-Z14D4TT86

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-Z14D4T ROHM-SML-Z14D4T Datasheet
1Mb / 5P
   High brightness
SML-Z14D4T ROHM-SML-Z14D4T Datasheet
1Mb / 5P
   High brightness
SML-Z14D4T ROHM-SML-Z14D4T Datasheet
1Mb / 5P
   High brightness 20/50mA guaranteed specifications PLCC2 package
More results

Similar Description - SML-Z14D4TT86

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-Z1 ROHM-SML-Z1_12 Datasheet
1Mb / 5P
   High brightness 20/50mA guaranteed specifications PLCC2 package
logo
STMicroelectronics
ST4485EB STMICROELECTRONICS-ST4485EB Datasheet
392Kb / 18P
   Guaranteed 20 Mbps data rate
September 2013 Rev 2
logo
Xilinx, Inc
XA2C64A-8VQG44Q XILINX-XA2C64A-8VQG44Q Datasheet
423Kb / 16P
   Guaranteed to meet full electrical specifications over
logo
Central Semiconductor C...
CP681 CENTRAL-CP681 Datasheet
620Kb / 2P
   PNP - Silicon RF Transistor Die 50mA, 20 Volt
logo
Maxim Integrated Produc...
MAX662 MAXIM-MAX662 Datasheet
346Kb / 8P
   Guaranteed 30mA Output
1992
logo
STMicroelectronics
LM236-LM336 STMICROELECTRONICS-LM236-LM336 Datasheet
436Kb / 15P
   Guaranteed temperature stability
May 2007 Rev 3
logo
AnaSem Hong Kong Limite...
CSL2050DTA ANASEM-CSL2050DTA Datasheet
214Kb / 8P
   20~50mA Current detection CMOSMR Monolithic Current Sensor Switch
Rev. E09-08
logo
RFHIC
RFC1G21H4-24-S RFHIC-RFC1G21H4-24-S Datasheet
1Mb / 5P
   Guaranteed Broadband Power Gain
logo
Suntan Capacitors
TSS-TC-0402 SUNTAN-TSS-TC-0402 Datasheet
132Kb / 1P
   RATING:DC 12V 50mA
TSS-TC-1102 SUNTAN-TSS-TC-1102 Datasheet
115Kb / 1P
   RATING:DC 12V 50mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com