Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8895 Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT8895
Description  Advanced PMU for SiRF PrimaTM and Atlas IVTM
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8895 Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT8895_14 Datasheet HTML 1Page - Active-Semi, Inc ACT8895_14 Datasheet HTML 2Page - Active-Semi, Inc ACT8895_14 Datasheet HTML 3Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ACT8895
Product Brief, 16-Aug-13
Innovative Power
TM
- 2 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of NXP.
PRODUCT OPTIONS
Block
Function
Output Voltage
Capability
REG1
Step-Down DC/DC
Adjustable, or 0.6V to 3.9V
900mA
REG2
Step-Down DC/DC
700mA
REG3
Step-Down DC/DC
900mA
REG4
LDO
0.6V to 3.9V
150mA
REG5
LDO
150mA
REG6
LDO
150mA
REG7
LDO
150mA
FUNCTIONAL BLOCK DIAGRAM


Similar Part No. - ACT8895_14

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8895 ACTIVE-SEMI-ACT8895 Datasheet
114Kb / 2P
   Advanced PMU for SiRF Prima and Atlas IV
29-Nov-10
More results

Similar Description - ACT8895_14

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8935 ACTIVE-SEMI-ACT8935_14 Datasheet
710Kb / 46P
   Advanced PMU for SiRF PrimaTM and Atlas IVTM
Rev 4, 17-Sep-13
ACT8935 ACTIVE-SEMI-ACT8935_10 Datasheet
98Kb / 2P
   Advanced PMU for SiRF Prima and Atlas IV
05-Nov-10
ACT8895 ACTIVE-SEMI-ACT8895 Datasheet
114Kb / 2P
   Advanced PMU for SiRF Prima and Atlas IV
29-Nov-10
logo
Texas Instruments
TPS65835 TI1-TPS65835_16 Datasheet
2Mb / 67P
[Old version datasheet]   Advanced PMU
logo
Active-Semi, Inc
ACT8933 ACTIVE-SEMI-ACT8933 Datasheet
102Kb / 2P
   Advanced PMU for CoreLogic LUCY
04-Nov-10
ACT8896 ACTIVE-SEMI-ACT8896 Datasheet
88Kb / 2P
   Advanced PMU for Samsung S3C6410
29-Nov-10
ACT8933 ACTIVE-SEMI-ACT8933_14 Datasheet
723Kb / 44P
   Advanced PMU for CoreLogic LUCY
Rev 3, 15-Nov-12
ACT8893 ACTIVE-SEMI-ACT8893_14 Datasheet
105Kb / 3P
   Advanced PMU for CoreLogic LUCY
16-Aug-13
ACT8893 ACTIVE-SEMI-ACT8893 Datasheet
97Kb / 2P
   Advanced PMU for CoreLogic LUCY
29-Nov-10
ACT8898 ACTIVE-SEMI-ACT8898 Datasheet
83Kb / 2P
   Advanced PMU for Marvell Aspen
29-Nov-10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com