Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-Z14PTA Datasheet(PDF) 9 Page - Rohm

Part # SML-Z14PTA
Description  20/50mA guaranteed specifications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-Z14PTA Datasheet(HTML) 9 Page - Rohm

Back Button SML-Z14PTA Datasheet HTML 3Page - Rohm SML-Z14PTA Datasheet HTML 4Page - Rohm SML-Z14PTA Datasheet HTML 5Page - Rohm SML-Z14PTA Datasheet HTML 6Page - Rohm SML-Z14PTA Datasheet HTML 7Page - Rohm SML-Z14PTA Datasheet HTML 8Page - Rohm SML-Z14PTA Datasheet HTML 9Page - Rohm SML-Z14PTA Datasheet HTML 10Page - Rohm SML-Z14PTA Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
SML-Z1 series
lAttention Points In Handling
This product was developed as a surface mount LED especially suitable for reflow soldering.
Please take care of following points when using this device.
1.DESIGNING OF PCB
As for a recommendable solder pattern, Please refer to Fig-1.
The size and direction of the pad pattern
depends on the condition of the PCB,
So, please investigate about the adjustment
thoroughly before designing.
2.SOLDERING (Sn-Cu, Sn-Ag-Cu, Sn-Ag-Bi-Cu)
LED products do not contain reinforcement
materials such as glass fillers.
Therefore, thermal stress by soldering greatly
influence its reliability.
The temperature conditions for reflow soldering
should therefore be set up according to the
characteristic of this product. (See Fig-2)
Number of reflow process shall be max 2 times
and these processes shall be performed in a row.
Cooling process to normal temperature shall be required
between first and second soldering process.
3.USE OF AUTOMATIC MOUNTING MACHINE
As for this product, the silicone resin is used as encapsulate material and the sealing part on top of LED is soft.
Therefore, please make sure not to apply the pressure upon it, as it might influence reliability.
Moreover, please use the adsorption nozzle when you use the automatic mounting machine so as not to apply
the force directly to this top sealing part.
4.HANDLING AFTER MOUNTING
As shown right drawing, in case outside force is given
to the device, stress is concentrated to the jointed part
between mold resin and substrate.
Therefore there is a possibility to breath the device or PCB.
Careful handing is needed as ROHM cannot guarantee the falling
of the device by outside force after mounting.
Min.1 min Max. 40sec
Max.250ºC, Within
140 to 180ºC
230 to
(Fig-1)
PCB Bonding Direction
2.6mm
1.5mm
1.5mm
1.5mm
(Fig-2)
Soldering
PCB
Emitting Direction
Outside
9/10
2013.08 - Rev.C


Similar Part No. - SML-Z14PTA

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-Z14PT ROHM-SML-Z14PT Datasheet
1Mb / 5P
   High brightness
SML-Z14PT ROHM-SML-Z14PT Datasheet
1Mb / 5P
   High brightness
SML-Z14PT ROHM-SML-Z14PT Datasheet
1Mb / 5P
   High brightness 20/50mA guaranteed specifications PLCC2 package
SML-Z14PT ROHM-SML-Z14PT Datasheet
536Kb / 12P
   High brightness
SML-Z14PT1P ROHM-SML-Z14PT1P Datasheet
1Mb / 5P
   High brightness
More results

Similar Description - SML-Z14PTA

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-Z1 ROHM-SML-Z1_12 Datasheet
1Mb / 5P
   High brightness 20/50mA guaranteed specifications PLCC2 package
logo
STMicroelectronics
ST4485EB STMICROELECTRONICS-ST4485EB Datasheet
392Kb / 18P
   Guaranteed 20 Mbps data rate
September 2013 Rev 2
logo
Xilinx, Inc
XA2C64A-8VQG44Q XILINX-XA2C64A-8VQG44Q Datasheet
423Kb / 16P
   Guaranteed to meet full electrical specifications over
logo
Central Semiconductor C...
CP681 CENTRAL-CP681 Datasheet
620Kb / 2P
   PNP - Silicon RF Transistor Die 50mA, 20 Volt
logo
Maxim Integrated Produc...
MAX662 MAXIM-MAX662 Datasheet
346Kb / 8P
   Guaranteed 30mA Output
1992
logo
STMicroelectronics
LM236-LM336 STMICROELECTRONICS-LM236-LM336 Datasheet
436Kb / 15P
   Guaranteed temperature stability
May 2007 Rev 3
logo
AnaSem Hong Kong Limite...
CSL2050DTA ANASEM-CSL2050DTA Datasheet
214Kb / 8P
   20~50mA Current detection CMOSMR Monolithic Current Sensor Switch
Rev. E09-08
logo
RFHIC
RFC1G21H4-24-S RFHIC-RFC1G21H4-24-S Datasheet
1Mb / 5P
   Guaranteed Broadband Power Gain
logo
Suntan Capacitors
TSS-TC-0402 SUNTAN-TSS-TC-0402 Datasheet
132Kb / 1P
   RATING:DC 12V 50mA
TSS-TC-1102 SUNTAN-TSS-TC-1102 Datasheet
115Kb / 1P
   RATING:DC 12V 50mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com