Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8935 Datasheet(PDF) 4 Page - Active-Semi, Inc

Part # ACT8935
Description  Advanced PMU for SiRF PrimaTM and Atlas IVTM
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8935 Datasheet(HTML) 4 Page - Active-Semi, Inc

  ACT8935_14 Datasheet HTML 1Page - Active-Semi, Inc ACT8935_14 Datasheet HTML 2Page - Active-Semi, Inc ACT8935_14 Datasheet HTML 3Page - Active-Semi, Inc ACT8935_14 Datasheet HTML 4Page - Active-Semi, Inc ACT8935_14 Datasheet HTML 5Page - Active-Semi, Inc ACT8935_14 Datasheet HTML 6Page - Active-Semi, Inc ACT8935_14 Datasheet HTML 7Page - Active-Semi, Inc ACT8935_14 Datasheet HTML 8Page - Active-Semi, Inc ACT8935_14 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
ACT8935
Rev 4, 17-Sep-13
- 4 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
Copyright © 2013 Active-Semi, Inc.
Innovative PowerTM
Active-Semi Proprietary―For Authorized Recipients and Customers
PIN CONFIGURATION
TOP VIEW
Thin - QFN (TQFN55-40)
ORDERING INFORMATION
: All Active-Semi components are RoHS Compliant and with Pb-free plating unless otherwise specified.
: Standard product options are listed in this table. Contact factory for custom options. Minimum order quantity is 12,000 units.
ACT8935QJ_ _ _-T
Option Code
Pin Count
Package Code
Product Number
Active-Semi
Tape and Reel
PART NUMBER
VOUT1
VOUT2
VOUT3
VOUT4 VOUT5 VOUT6 VOUT7 PACKAGE
PINS
TEMPERATURE
RANGE
ACT8935QJ10D-T
1.8V
3.3V
1.2V
1.2V 1.2V 2.5V 3.3V TQFN55-40
40
-40°C to +85°C
ACT8935QJ1E2-T
2.5V
3.3V
1.2V
1.2V 1.2V 2.5V 3.3V TQFN55-40
40
-40°C to +85°C
ACTIVE
AA33
DATE CODE


Similar Part No. - ACT8935_14

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8935 ACTIVE-SEMI-ACT8935_10 Datasheet
98Kb / 2P
   Advanced PMU for SiRF Prima and Atlas IV
05-Nov-10
More results

Similar Description - ACT8935_14

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8895 ACTIVE-SEMI-ACT8895_14 Datasheet
119Kb / 3P
   Advanced PMU for SiRF PrimaTM and Atlas IVTM
16-Aug-13
ACT8935 ACTIVE-SEMI-ACT8935_10 Datasheet
98Kb / 2P
   Advanced PMU for SiRF Prima and Atlas IV
05-Nov-10
ACT8895 ACTIVE-SEMI-ACT8895 Datasheet
114Kb / 2P
   Advanced PMU for SiRF Prima and Atlas IV
29-Nov-10
logo
Texas Instruments
TPS65835 TI1-TPS65835_16 Datasheet
2Mb / 67P
[Old version datasheet]   Advanced PMU
logo
Active-Semi, Inc
ACT8933 ACTIVE-SEMI-ACT8933 Datasheet
102Kb / 2P
   Advanced PMU for CoreLogic LUCY
04-Nov-10
ACT8896 ACTIVE-SEMI-ACT8896 Datasheet
88Kb / 2P
   Advanced PMU for Samsung S3C6410
29-Nov-10
ACT8933 ACTIVE-SEMI-ACT8933_14 Datasheet
723Kb / 44P
   Advanced PMU for CoreLogic LUCY
Rev 3, 15-Nov-12
ACT8893 ACTIVE-SEMI-ACT8893_14 Datasheet
105Kb / 3P
   Advanced PMU for CoreLogic LUCY
16-Aug-13
ACT8893 ACTIVE-SEMI-ACT8893 Datasheet
97Kb / 2P
   Advanced PMU for CoreLogic LUCY
29-Nov-10
ACT8898 ACTIVE-SEMI-ACT8898 Datasheet
83Kb / 2P
   Advanced PMU for Marvell Aspen
29-Nov-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com