Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMLZ14WBGDWA Datasheet(PDF) 6 Page - Rohm

Part # SMLZ14WBGDWA
Description  20/50mA guaranteed specifications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SMLZ14WBGDWA Datasheet(HTML) 6 Page - Rohm

Back Button SMLZ14WBGDWA Datasheet HTML 2Page - Rohm SMLZ14WBGDWA Datasheet HTML 3Page - Rohm SMLZ14WBGDWA Datasheet HTML 4Page - Rohm SMLZ14WBGDWA Datasheet HTML 5Page - Rohm SMLZ14WBGDWA Datasheet HTML 6Page - Rohm SMLZ14WBGDWA Datasheet HTML 7Page - Rohm SMLZ14WBGDWA Datasheet HTML 8Page - Rohm SMLZ14WBGDWA Datasheet HTML 9Page - Rohm SMLZ14WBGDWA Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
SML-Z1 series
lRank Reference of Brightness
*
Please note that the brightness of some products may fall between ranks (half rank).
Red(V,U)
(Ta=25ºC, IF=20mA)
Rank
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
AY
AZ
BA
BB
BC
BD
BE
Iv (mcd)
28 to 35.5 35.5 to 45 45 to 56 56 to 71 71 to 90 90 to 112 112 to 140 140 to 180 180 to 224 224 to 280 280 to 355 355 to 450 450 to 560 560 to 710 710 to 900 900 to 1120 1120 to 1400 1400 to 1800
SML-Z14VT(A)
SML-Z14UT(A)
(Ta=25ºC, IF=50mA)
Rank
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
AY
AZ
BA
BB
BC
BD
BE
Iv (mcd)
28 to 35.5 35.5 to 45 45 to 56 56 to 71 71 to 90 90 to 112 112 to 140 140 to 180 180 to 224 224 to 280 280 to 355 355 to 450 450 to 560 560 to 710 710 to 900 900 to 1120 1120 to 1400 1400 to 1800
SML-Z14V4T
SML-Z14U4T
Orange(D)
(Ta=25ºC, IF=20mA)
Rank
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
AY
AZ
BA
BB
BC
BD
BE
Iv (mcd)
28 to 35.5 35.5 to 45 45 to 56 56 to 71 71 to 90 90 to 112 112 to 140 140 to 180 180 to 224 224 to 280 280 to 355 355 to 450 450 to 560 560 to 710 710 to 900 900 to 1120 1120 to 1400 1400 to 1800
SML-Z14DT(A)
(Ta=25ºC, IF=50mA)
Rank
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
AY
AZ
BA
BB
BC
BD
BE
Iv (mcd)
28 to 35.5 35.5 to 45 45 to 56 56 to 71 71 to 90 90 to 112 112 to 140 140 to 180 180 to 224 224 to 280 280 to 355 355 to 450 450 to 560 560 to 710 710 to 900 900 to 1120 1120 to 1400 1400 to 1800
SML-Z14D4T
Yellow(Y)
(Ta=25ºC, IF=20mA)
Rank
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
AY
AZ
BA
BB
BC
BD
BE
Iv (mcd)
28 to 35.5 35.5 to 45 45 to 56 56 to 71 71 to 90 90 to 112 112 to 140 140 to 180 180 to 224 224 to 280 280 to 355 355 to 450 450 to 560 560 to 710 710 to 900 900 to 1120 1120 to 1400 1400 to 1800
SML-Z14YT(A)
(Ta=25ºC, IF=50mA)
Rank
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
AY
AZ
BA
BB
BC
BD
BE
Iv (mcd)
28 to 35.5 35.5 to 45 45 to 56 56 to 71 71 to 90 90 to 112 112 to 140 140 to 180 180 to 224 224 to 280 280 to 355 355 to 450 450 to 560 560 to 710 710 to 900 900 to 1120 1120 to 1400 1400 to 1800
SML-Z14Y4T
Green(M,P)
(Ta=25ºC, IF=20mA)
Rank
AG
AH
AJ
AK
AL
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
AY
AZ
Iv (mcd)
9 to 11.2 11.2 to 14 14 to 18 18 to 22.4 22.4 to 28 28 to 35.5 35.5 to 45 45 to 56 56 to 71 71 to 90 90 to 112 112 to 140 140 to 180 180 to 224 224 to 280 280 to 355 355 to 450 450 to 560
SML-Z14MT(A)
SML-Z14PT(A)
SML-Z14FT(A)
(Ta=25ºC, IF=50mA)
Rank
AG
AH
AJ
AK
AL
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
AY
AZ
Iv (mcd)
9 to 11.2 11.2 to 14 14 to 18 18 to 22.4 22.4 to 28 28 to 35.5 35.5 to 45 45 to 56 56 to 71 71 to 90 90 to 112 112 to 140 140 to 180 180 to 224 224 to 280 280 to 355 355 to 450 450 to 560
SML-Z14M4T
SML-Z14P4T
SML-Z14F4T
Bluish Green(E)
(Ta=25ºC, IF=20mA)
Rank
S1
S2
T1
T2
U1
U2
V1
V2
W1
W2
X1
X2
Y1
Y2
Z1
Z2
Iv (mcd)
90 to 110 110 to 140 140 to 180 180 to 220 220 to 280 280 to 360 360 to 450 450 to 560 560 to 710 710 to 900 900 to 1100 1100 to 1400 1400 to 1800 1800 to 2200 2200 to 2800 2800 to 3600
SMLZ14EGT(A)
Blue(B)
(Ta=25ºC, IF=20mA)
Rank
S1
S2
T1
T2
U1
U2
V1
V2
W1
W2
X1
X2
Y1
Y2
Z1
Z2
Iv (mcd)
90 to 110 110 to 140 140 to 180 180 to 220 220 to 280 280 to 360 360 to 450 450 to 560 560 to 710 710 to 900 900 to 1100 1100 to 1400 1400 to 1800 1800 to 2200 2200 to 2800 2800 to 3600
SMLZ14BGT(A)
White(WB)
(Ta=25ºC, IF=20mA)
Rank
S1
S2
T1
T2
U1
U2
V1
V2
W1
W2
X1
X2
Y1
Y2
Z1
Z2
Iv (mcd)
90 to 110 110 to 140 140 to 180 180 to 220 220 to 280 280 to 360 360 to 450 450 to 560 560 to 710 710 to 900 900 to 1100 1100 to 1400 1400 to 1800 1800 to 2200 2200 to 2800 2800 to 3600
SMLZ14WBGCW(A)
SMLZ14WBGDW(A)
6/10
2013.08 - Rev.C


Similar Part No. - SMLZ14WBGDWA

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLZ14WBGDW ROHM-SMLZ14WBGDW Datasheet
1Mb / 5P
   High brightness 20/50mA guaranteed specifications PLCC2 package
More results

Similar Description - SMLZ14WBGDWA

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-Z1 ROHM-SML-Z1_12 Datasheet
1Mb / 5P
   High brightness 20/50mA guaranteed specifications PLCC2 package
logo
STMicroelectronics
ST4485EB STMICROELECTRONICS-ST4485EB Datasheet
392Kb / 18P
   Guaranteed 20 Mbps data rate
September 2013 Rev 2
logo
Xilinx, Inc
XA2C64A-8VQG44Q XILINX-XA2C64A-8VQG44Q Datasheet
423Kb / 16P
   Guaranteed to meet full electrical specifications over
logo
Central Semiconductor C...
CP681 CENTRAL-CP681 Datasheet
620Kb / 2P
   PNP - Silicon RF Transistor Die 50mA, 20 Volt
logo
Maxim Integrated Produc...
MAX662 MAXIM-MAX662 Datasheet
346Kb / 8P
   Guaranteed 30mA Output
1992
logo
STMicroelectronics
LM236-LM336 STMICROELECTRONICS-LM236-LM336 Datasheet
436Kb / 15P
   Guaranteed temperature stability
May 2007 Rev 3
logo
AnaSem Hong Kong Limite...
CSL2050DTA ANASEM-CSL2050DTA Datasheet
214Kb / 8P
   20~50mA Current detection CMOSMR Monolithic Current Sensor Switch
Rev. E09-08
logo
RFHIC
RFC1G21H4-24-S RFHIC-RFC1G21H4-24-S Datasheet
1Mb / 5P
   Guaranteed Broadband Power Gain
logo
Suntan Capacitors
TSS-TC-0402 SUNTAN-TSS-TC-0402 Datasheet
132Kb / 1P
   RATING:DC 12V 50mA
TSS-TC-1102 SUNTAN-TSS-TC-1102 Datasheet
115Kb / 1P
   RATING:DC 12V 50mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com