Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPW5-0650-Z050B Datasheet(PDF) 3 Page - Cree, Inc

Part # CPW5-0650-Z050B
Description  Silicon Carbide Schottky Diode Chip
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CPW5-0650-Z050B Datasheet(HTML) 3 Page - Cree, Inc

  CPW5-0650-Z050B Datasheet HTML 1Page - Cree, Inc CPW5-0650-Z050B Datasheet HTML 2Page - Cree, Inc CPW5-0650-Z050B Datasheet HTML 3Page - Cree, Inc CPW5-0650-Z050B Datasheet HTML 4Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
CPW5-0650-Z050B Rev. C
0
20
40
60
80
100
120
0
50
100
150
200
250
300
350
400
Reverse Voltage, VR (V)
Conditions:
TJ = 25 °C
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0.1
1
10
100
1000
Reverse Voltage, VR (V)
Conditions:
TJ = 25 °C
Ftest = 1 MHz
Vtest = 25 mV
50
75
100
TJ = 75 °C
TJ = 175 °C
TJ = 125 °C
0
25
0
0.5
1
1.5
2
2.5
3
3.5
4
Foward Voltage, VF (V)
TJ = -55 °C
TJ = 25 °C
0.15
0.20
0.25
0.30
0.35
0.40
0.45
TJ = 175 °C
TJ = 125 °C
TJ = 75 °C
0.00
0.05
0.10
0.15
0
100
200
300
400
500
600
700
Reverse Voltage, VR (V)
TJ = 25 °C
TJ = -55 °C
Figure2.TypicalReverseCharacteristics
Typical Performance
Figure3.TypicalCapacitancevs.ReverseVoltage
Figure1.TypicalForwardCharacteristics
Figure4.TypicalRecoveryChargevs.
ReverseVoltage


Similar Part No. - CPW5-0650-Z050B

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CPW5-0650-Z030B CREE-CPW5-0650-Z030B Datasheet
469Kb / 4P
   Silicon Carbide Schottky Diode Chip
More results

Similar Description - CPW5-0650-Z050B

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CPWR-0600-S001B CREE-CPWR-0600-S001B Datasheet
262Kb / 3P
   Silicon Carbide Schottky Diode Chip
CPW2-1200-S050B CREE-CPW2-1200-S050B Datasheet
244Kb / 3P
   Silicon Carbide Schottky Diode Chip
CPW4-1200-S010B CREE-CPW4-1200-S010B Datasheet
394Kb / 4P
   Silicon Carbide Schottky Diode Chip
CPWR-0600S001 CREE-CPWR-0600S001 Datasheet
262Kb / 3P
   Silicon Carbide Schottky Diode Chip
CPW5-1700-Z005A CREE-CPW5-1700-Z005A Datasheet
283Kb / 4P
   Silicon Carbide Schottky Diode Chip
CPW3-0600S004 CREE-CPW3-0600S004 Datasheet
221Kb / 3P
   Silicon Carbide Schottky Diode Chip
CPW3-0600S002 CREE-CPW3-0600S002 Datasheet
206Kb / 3P
   Silicon Carbide Schottky Diode Chip
CPW4-1200S020B CREE-CPW4-1200S020B Datasheet
165Kb / 3P
   Silicon Carbide Schottky Diode Chip
CPW4-1200S010B CREE-CPW4-1200S010B Datasheet
265Kb / 3P
   Silicon Carbide Schottky Diode Chip
CPW4-1200S002B CREE-CPW4-1200S002B Datasheet
193Kb / 3P
   Silicon Carbide Schottky Diode Chip
CPW2-0650-S008B CREE-CPW2-0650-S008B Datasheet
233Kb / 3P
   Silicon Carbide Schottky Diode Chip
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com