Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B160 Datasheet(PDF) 1 Page - Fuji Electric

Part # B160
Description  1 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

B160 Datasheet(HTML) 1 Page - Fuji Electric

  B160 Datasheet HTML 1Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - B160

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B160 DIODES-B160 Datasheet
57Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 13 - 2
B160 DIODES-B160 Datasheet
486Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 13 - 2
logo
Weitron Technology
B160 WEITRON-B160 Datasheet
213Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Galaxy Semi-Conductor H...
B160 BILIN-B160 Datasheet
70Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
B160 VISHAY-B160 Datasheet
111Kb / 5P
   Surface Mount Schottky Barrier Rectifier
Revision: 19-May-08
More results

Similar Description - B160

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FSS12 ETC-FSS12 Datasheet
43Kb / 2P
   1 Amp. Surface Mounted Schottky Barrier Rectifier
logo
Fuji Electric
B220 FUJI-B220 Datasheet
668Kb / 1P
   2 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B320 FUJI-B320 Datasheet
665Kb / 1P
   3 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Bytesonic Electronics C...
KMB12F BYTESONIC-KMB12F Datasheet
491Kb / 2P
   1 Amp Surface Mount Schottky Bridge Rectifier
logo
Fuji Electric
1N5817 FUJI-1N5817 Datasheet
674Kb / 1P
   1 AMP SCHOTTKY BARRIER RECTIFIER
logo
Central Semiconductor C...
CPD85V CENTRAL-CPD85V Datasheet
453Kb / 2P
   1 Amp Schottky Barrier Rectifier Chip
logo
Microsemi Corporation
1N5819 MICROSEMI-1N5819_10 Datasheet
74Kb / 3P
   1 AMP SCHOTTKY BARRIER RECTIFIER CHIP
logo
SeCoS Halbleitertechnol...
SM160PT SECOS-SM160PT Datasheet
197Kb / 2P
   60 V 1 Amp Surface Mount Schottky Barrier Rectifiers
logo
Compensated Deuices Inc...
CD5817 CDI-DIODE-CD5817 Datasheet
118Kb / 2P
   1 AMP SCHOTTKY BARRIER RECTIFIER CHIPS
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com