Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPW2-0650-S006B Datasheet(PDF) 2 Page - Cree, Inc

Part # CPW2-0650-S006B
Description  Silicon Carbide Schottky Diode Chip
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CPW2-0650-S006B Datasheet(HTML) 2 Page - Cree, Inc

  CPW2-0650-S006B Datasheet HTML 1Page - Cree, Inc CPW2-0650-S006B Datasheet HTML 2Page - Cree, Inc CPW2-0650-S006B Datasheet HTML 3Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
CPW2-0650-S006B Rev. -
Electrical Characteristics
Symbol
Parameter
Typ.
Max.
Unit
Test Conditions
Note
V
F
Forward Voltage
1.6
1.9
1.8
2.4
V
I
F = 6 A
T
J=25°C
I
F = 6 A
T
J=175°C
I
R
Reverse Current
12
24
60
220
μA
V
R = 650 V
T
J=25°C
V
R = 650 V
T
J=175°C
Q
C
Total Capacitive Charge
16
nC
V
R = 650 V, IF = 6 A
di/dt = 500 A/μs
T
J = 25°C
C
Total Capacitance
294
27
26
pF
V
R = 0 V, TJ = 25°C, f = 1 MHz
V
R = 200 V, TJ = 25˚C, f = 1 MHz
V
R = 400 V, TJ = 25˚C, f = 1 MHz
Note:
1. Assumes θJC Thermal Resistance of 1.6˚C/W or less
Mechanical Parameters
Parameter
Typ.
Unit
Die Size
1.55 x 1.55
mm
Anode Pad Size
1.29 x 1.29
mm
Anode Pad Opening
1.08 x 1.08
mm
Thickness
377 ± 10%
μm
Wafer Size
100
mm
Anode Metalization (Al)
4
μm
Cathode Metalization (Ni/Ag)
1.8
μm
Frontside Passivation
Polyimide


Similar Part No. - CPW2-0650-S006B

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CPW2-0650-S008B CREE-CPW2-0650-S008B Datasheet
233Kb / 3P
   Silicon Carbide Schottky Diode Chip
More results

Similar Description - CPW2-0650-S006B

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CPWR-0600-S001B CREE-CPWR-0600-S001B Datasheet
262Kb / 3P
   Silicon Carbide Schottky Diode Chip
CPW2-1200-S050B CREE-CPW2-1200-S050B Datasheet
244Kb / 3P
   Silicon Carbide Schottky Diode Chip
CPW4-1200-S010B CREE-CPW4-1200-S010B Datasheet
394Kb / 4P
   Silicon Carbide Schottky Diode Chip
CPWR-0600S001 CREE-CPWR-0600S001 Datasheet
262Kb / 3P
   Silicon Carbide Schottky Diode Chip
CPW5-1700-Z005A CREE-CPW5-1700-Z005A Datasheet
283Kb / 4P
   Silicon Carbide Schottky Diode Chip
CPW3-0600S004 CREE-CPW3-0600S004 Datasheet
221Kb / 3P
   Silicon Carbide Schottky Diode Chip
CPW3-0600S002 CREE-CPW3-0600S002 Datasheet
206Kb / 3P
   Silicon Carbide Schottky Diode Chip
CPW4-1200S020B CREE-CPW4-1200S020B Datasheet
165Kb / 3P
   Silicon Carbide Schottky Diode Chip
CPW4-1200S010B CREE-CPW4-1200S010B Datasheet
265Kb / 3P
   Silicon Carbide Schottky Diode Chip
CPW4-1200S002B CREE-CPW4-1200S002B Datasheet
193Kb / 3P
   Silicon Carbide Schottky Diode Chip
CPW2-0650-S008B CREE-CPW2-0650-S008B Datasheet
233Kb / 3P
   Silicon Carbide Schottky Diode Chip
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com