Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GXAP12 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # GXAP12
Description  MICROTEMP Thermal Cutoffs INTRODUCTION
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GXAP12 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button GXAP12 Datasheet HTML 4Page - List of Unclassifed Manufacturers GXAP12 Datasheet HTML 5Page - List of Unclassifed Manufacturers GXAP12 Datasheet HTML 6Page - List of Unclassifed Manufacturers GXAP12 Datasheet HTML 7Page - List of Unclassifed Manufacturers GXAP12 Datasheet HTML 8Page - List of Unclassifed Manufacturers GXAP12 Datasheet HTML 9Page - List of Unclassifed Manufacturers GXAP12 Datasheet HTML 10Page - List of Unclassifed Manufacturers GXAP12 Datasheet HTML 11Page - List of Unclassifed Manufacturers GXAP12 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
142
Product Nomenclature
MICROTEMP
® TCO
MICROTEMP
® TCO Packages
Figure 7
As shown in figure 7, Therm-O-Disc MICROTEMP
® TCOs follow a consistent product nomenclature that identifies the
basic product type, lead wire size, special features and packaging options. For example, a standard G4 series TCO
calibrated to open at 192°C would have a part number G4A00192C.
MICROTEMP
® TCO Product Markings
Primary TCOs
Secondary Packages
XXXXXXXX
Special customer identification
XXXXXXXXX
Special customer identification
(when required, up to 9 characters)
(when required, up to 9 characters)
MICROTEMP
®
Registered trademark
MICROTEMP
®
Registered trademark
P ZZZZZ
(P) Manufacturing plant;
(may be T-O-D)
(ZZZZZ) Date code
G Z X X XX RR
Part number (see figure 7)
G Z X XX
Part number (see figure 7)
TF TTTC P ZZ
(TF TTTC) Maximum open temperature °C;
TF TTTC
() Underwriters Labs logo;
(P) Manufacturing plant location;
(TF TTTC) Maximum open
(ZZ) Manufacture date code;
temperature °C
(
) Underwriters Labs logo
G
Z
X
X
XX
RR
TTTC
G – Rating type
(G – Global, Y-Non Agency)
Z – Internal construction
(4, 5, 6, 7, 8, 9)
X – Case material and lead wire
(A, C, D, F)
TTTC – Maximum
open temperature in
°C
RR – Assembly modifications
(Plating, terminal bend, stenciling)
XX – Specific package construction
(00-99)
X – General packages TCO type
(Configuration, potted, mounting base, etc.)
G
Z
X
XX
TTTC
G – Rating type
(G – Global, Y – Non Agency, R – Regional)
Z – Internal construction
(4, 5, 6, 7, 8, 9)
TTTC – Maximum
open temperature in
°C
XX – Modification of basic TCO
(Plating, lead material,
lead length, stenciling)
X – Case material and lead wire
(A, C, D, E, F)


Similar Part No. - GXAP12

ManufacturerPart #DatasheetDescription
logo
AIC tech Inc.
GXA AICTECH-GXA Datasheet
65Kb / 2P
   Useful of 8,000 hours at 105ºC
logo
Baumer IVO GmbH & Co. K...
GXA1W IVO-GXA1W Datasheet
600Kb / 4P
   Absolute encoders - parallel
GXA1W.0B001 IVO-GXA1W.0B001 Datasheet
600Kb / 4P
   Absolute encoders - parallel
GXA1W.0B002 IVO-GXA1W.0B002 Datasheet
600Kb / 4P
   Absolute encoders - parallel
GXA1W.0B101 IVO-GXA1W.0B101 Datasheet
600Kb / 4P
   Absolute encoders - parallel
More results

Similar Description - GXAP12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G4A01144C ETC2-G4A01144C Datasheet
515Kb / 22P
   MICROTEMP Thermal Cutoffs INTRODUCTION
logo
Panasonic Semiconductor
EYP-2BN126 PANASONIC-EYP-2BN126 Datasheet
178Kb / 8P
   Thermal Cutoffs (TCO)
EYP-2MT098B PANASONIC-EYP-2MT098B Datasheet
220Kb / 6P
   Thermal Cutoffs (TCO)/ Thermal-Links
EYP2BN082 PANASONIC-EYP2BN082 Datasheet
369Kb / 8P
   Thermal Cutoffs (TCO)
logo
Thermtrol Corporation
DF240S THERMTROL-DF240S Datasheet
136Kb / 2P
   DF SERIES 15 AMP THERMAL CUTOFFS
logo
Panasonic Semiconductor
EYP2BN082 PANASONIC-EYP2BN082_10 Datasheet
168Kb / 7P
   Thermal Cutoffs (TCO)/ Thermal-links Small and Insulation Type High Reliability
logo
List of Unclassifed Man...
R141082000 ETC2-R141082000 Datasheet
40Kb / 1P
   INTRODUCTION
logo
Samsung semiconductor
KA567 SAMSUNG-KA567 Datasheet
179Kb / 6P
   INTRODUCTION
KA8309B SAMSUNG-KA8309B Datasheet
319Kb / 15P
   INTRODUCTION
KA22261 SAMSUNG-KA22261 Datasheet
83Kb / 5P
   INTRODUCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com