Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB1113 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RB1113
Description  Nylon-Insulated Fork Terminals
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RB1113 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RB1113 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.02
.03
.04
.02
.03
.04
Nylon-Insulated Fork Terminals
Terminal Products and Tools
PKG.
WIRE
MAX.
BOLT
REC.
DIMENSIONS
STOCK
CAT. NO.
QTY.
RANGE
INS.
HOLE
TOOL
A
B
C
M
THICK.
RA18-6F
100
22–16
.136
#6
.83
.25
.25
.71
RA1103
1,000
22–16
.136
#6
.83
.25
.25
.71
RA18-8F
100
22–16
.136
#8
.86
.31
.25
.71
RA1123
1,000
22–16
.136
#8
.86
.31
.25
.71
RA18-10F
100
22–16
.136
#10
.86
.31
.25
.71
RA1153
1,000
22–16
.136
#10
.86
.31
.25
.71
RA18-14F
100
22–16
.136
1
4"
.95
.44
.31
.70
RA1163
1,000
22–16
.136
1
4"
.95
.44
.31
.70
RB14-6F
100
18–14
.162
#6
.87
.31
.25
.71
RB1113
1,000
18–14
.162
#6
.87
.31
.25
.71
RB14-8F
100
18–14
.162
#8
.87
.31
.25
.71
RB1123
1,000
18–14
.162
#8
.87
.31
.25
.71
RB14-10F
100
18–14
.162
#10
.87
.38
.25
.71
RB1153
1,000
18–14
.162
#10
.87
.38
.25
.71
RB14-14F
100
18–14
.162
1
4"
.95
.44
.28
.74
RB1163
1,000
18–14
.162
1
4"
.95
.44
.28
.74
RB1103
1,000
18–14
.162
#6
.74
.28
.16
.60
RB1124
1,000
18–14
.190
#8
.95
.31
.25
.79
RB1154
1,000
18–14
.190
#10
.95
.31
.25
.79
RC10-6F
50
12–10
.210
#6
.97
.31
.27
.81
RC1113
500
12–10
.210
#6
.97
.31
.27
.81
RC10-8F
50
12–10
.210
#8
1.00 .37
.27
.81
RC1123
500
12–10
.210
#8
1.00 .37
.27
.81
RC10-10F
50
12–10
.210
#10
1.00 .37
.27
.81
RC1153
500
12–10
.210
#10
1.00 .37
.27
.81
RC10-14F
50
12–10
.210
1
4"
1.12 .50
.27
.86
RC1163
500
12–10
.210
1
4"
1.12 .50
.27
.86
RC1124
1,000
12–10
.250
#8
1.10 .37
.27
.91
RC1154
1,000
12–10
.250
#10
1.10 .37
.27
.91
ERG
2001
Fork terminals enable easy installation
because the mounting screw does not
have to be completely removed
Brazed seam barrel is serrated for
high pull-out value. Terminal is high
conductivity electrolytic copper, electro-
tin plated. Insulation is color-coded
Vinyl insulated fork terminals have
extra-long PVC insulation sleeve for
protection and stress relief at wire’s
flex point
Suffix “X” indicates an expanded
insulation support, meaning a wider
wire entry to accommodate heavy
wall insulation
PKG.
WIRE
MAX.
BOLT
REC.
DIMENSIONS
STOCK
CAT. NO.
QTY.
RANGE
INS.
HOLE
TOOL
A
B
C
M
THICK.
RA18-6FL
100
22–16
.136
#6
.86
.25
.25
.71
RA2213
1,000
22–16
.136
#6
.86
.25
.25
.71
RA18-8FL
100
22–16
.136
#8
.86
.29
.25
.71
RA2243
1,000
22–16
.136
#8
.86
.29
.25
.71
RA18-10FL 100
22–16
.136
#10
.86
.29
.25
.71
RA2253
1,000
22–16
.136
#10
.86
.29
.25
.71
RB14-6FL
100
18–14
.162
#6
.87
.25
.25
.71
RB2213
1,000
18–14
.162
#6
.87
.25
.25
.71
RB2214
1,000
18–14
.190
#6
.95
.25
.25
.79
RB14-8FL
100
18–14
.162
#8
.87
.29
.25
.71
RB2233
1,000
18–14
.162
#8
.87
.29
.25
.71
RB14-10FL 100
18–14
.162
#10
.87
.29
.25
.71
RB2253
1,000
18–14
.162
#10
.87
.29
.25
.71
RB2254
1,000
18–14
.190
#10
.95
.29
.25
.71
RC10-6FL
50
12–10
.210
#6
.97
.31
.27
.81
RC2203
500
12–10
.210
#6
.97
.31
.27
.81
RC2204
1,000
12–10
.250
#6
1.07 .31
.27
.91
RC10-8FL
50
12–10
.210
#8
1.00 .37
.27
.81
RC2213
500
12–10
.210
#8
1.00 .37
.27
.81
RC10-10FL
50
12–10
.210
#10
1.00 .37
.27
.81
RC2223
500
12–10
.210
#10
1.00 .37
.27
.81
RC2224
1,000
12–10
.250
#10
1.10 .37
.27
.91
RC10-14FL
50
12–10
.210
1
4"
1.12 .50
.32
.86
RC2233
500
12–10
.210
1
4"
1.12 .50
.32
.86
Nylon-Insulated Locking Fork
Nylon-Insulated Fork
ERG
2001
F-14
United States
Tel: 901.252.8000
800.816.7809
Fax: 901.252.1354
Canada
Tel: 450.347.5318
Fax: 450.347.1976
Technical Services
Tel: 888.862.3289
www.tnb.com
tnb06_wrtrm_secf_p14_15
8/9/07
1:24 PM
Page F-14


Similar Part No. - RB1113

ManufacturerPart #DatasheetDescription
logo
Carling Technologies
RB1110BU1C CARLINGTECH-RB1110BU1C Datasheet
2Mb / 5P
   Remote Operating Module
More results

Similar Description - RB1113

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PH14-6F-Q PANDUIT-PH14-6F-Q Datasheet
95Kb / 1P
   HEAT SHRINK INSULATED FORK TERMINALS
logo
List of Unclassifed Man...
RD8-14 ETC2-RD8-14 Datasheet
235Kb / 1P
   Nylon-Insulated Ring Terminals
logo
MolexKits
76650-0047 MOLEXKITS-76650-0047 Datasheet
38Kb / 2P
   Nylon Insulated Butt Splice Solderless Terminals
logo
PANDUIT CORP.
PN12-38HDR-L PANDUIT-PN12-38HDR-L Datasheet
393Kb / 1P
   RING TERMINALS 3 PC, NYLON INSULATED, HEAVY DUTY
PN18-4R PANDUIT-PN18-4R Datasheet
169Kb / 1P
   3PC. NYLON INSULATED 22-18 BARREL, RING TERMINALS
logo
MolexKits
76650-0045 MOLEXKITS-76650-0045 Datasheet
38Kb / 2P
   .250Tab Size Nylon Fully Insulated Quick Disconnect Solderless Terminals
76650-0046 MOLEXKITS-76650-0046 Datasheet
38Kb / 2P
   .187 Tab Size Nylon Insulated and Fully Insulated Quick Disconnect Solderless Terminals
logo
Keystone Electronics Co...
11114 KEYSTONE-11114 Datasheet
235Kb / 1P
   PTFE FORK INSULATED TERMINAL
11.12.07
8843 KEYSTONE-8843 Datasheet
96Kb / 1P
   PTFE FORK INSULATED TERMINAL
3.31.99
logo
MolexKits
76650-0044 MOLEXKITS-76650-0044 Datasheet
38Kb / 2P
   .250 Tab Size Nylon Fully Insulated Quick Disconnect Solderless Terminals
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com