Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R141665200 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # R141665200
Description  Worlwide standardised coaxial connectors
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R141665200 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  R141665200 Datasheet HTML 1Page - List of Unclassifed Manufacturers R141665200 Datasheet HTML 2Page - List of Unclassifed Manufacturers R141665200 Datasheet HTML 3Page - List of Unclassifed Manufacturers R141665200 Datasheet HTML 4Page - List of Unclassifed Manufacturers R141665200 Datasheet HTML 5Page - List of Unclassifed Manufacturers R141665200 Datasheet HTML 6Page - List of Unclassifed Manufacturers R141665200 Datasheet HTML 7Page - List of Unclassifed Manufacturers R141665200 Datasheet HTML 8Page - List of Unclassifed Manufacturers R141665200 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
www.radiall.com
10-4
INTRODUCTION
The BNC connector is the most popular coaxial connector series in the world, featuring a two-pin bayonet coupling
system for quick and reliable engagement and disengagement.
• Wide range:
RADIALL's BNC connectors are available with
two characteristic impedances: 50Ω and 75Ω.
They are completely intermateable.
RADIALL also offers low-cost- BNC range, and
a triaxial BNC TRX series.
• Convenient three piece design:
Straight and right angle crimp type cable
connectors feature a three piece design: single
piece body + center contact + outer ferrule.
GENERAL
• Worlwide standardised coaxial connectors
• Bayonet coupling
• Proven strength and reliability
• Good RF performance
APPLICABLE STANDARDS
• MIL-C-39012 / MIL STD 348-A/301
• IEC 169-8
• CECC 22120
• NF-C-93564 KBN series
• UTE-C-93564
APPLICATIONS
• Civil and military radio-telecommunication equipment
• Test and measurement
• Videocommunication
• Broadcast
• Industrial network
• General electronics
50Ω
DC -
DC -
DC -
DC -
4
1.5
1.0
10
GHz
GHz
GHz
GHz
(commercial)
(Eco)
(TRIAXIAL)
75Ω
DC -
DC -
DC -
1.5
6
1.0
GHz
GHz
GHz
(HDTV)
(Eco)


Similar Part No. - R141665200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R141.324.000 ETC1-R141.324.000 Datasheet
29Kb / 2P
   STRAIGHT BULKHEAD JACK PANEL SEAL
R141004000 ETC2-R141004000 Datasheet
8Mb / 35P
   Worlwide standardised coaxial connectors
R141075161W ETC2-R141075161W Datasheet
29Kb / 2P
   STRAIGHT PLUG CRIMP TYPE
R141082000 ETC2-R141082000 Datasheet
40Kb / 1P
   INTRODUCTION
R141277000 ETC2-R141277000 Datasheet
40Kb / 1P
   The BNC connector, the most popular coaxial connector series in the world, features a two--pin bayonet coupling system for quick and reliable engagement and disengagement.
More results

Similar Description - R141665200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R141004000 ETC2-R141004000 Datasheet
8Mb / 35P
   Worlwide standardised coaxial connectors
R141717000 ETC2-R141717000 Datasheet
8Mb / 35P
   Worlwide standardised coaxial connectors
logo
Japan Aviation Electron...
SMB JAE-SMB Datasheet
370Kb / 9P
   COAXIAL CONNECTORS
logo
Murata Manufacturing Co...
MM8130-2600RB8 MURATA-MM8130-2600RB8 Datasheet
37Kb / 1P
   Coaxial Connectors
logo
ITT Industries
QT-BNC ITT-QT-BNC Datasheet
62Kb / 1P
   RF Coaxial Connectors
logo
DDK Ltd.
PSD-SJ-FCCAV1-SO DDK-PSD-SJ-FCCAV1-SO Datasheet
617Kb / 3P
   Small Coaxial Connectors
logo
List of Unclassifed Man...
122412 ETC2-122412 Datasheet
1Mb / 24P
   TNC COAXIAL CONNECTORS
logo
ITT Industries
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
logo
DDK Ltd.
PSD DDK-PSD Datasheet
616Kb / 3P
   Small Coaxial Connectors?
logo
Murata Manufacturing Co...
MURES48710-1 MURATA-MURES48710-1 Datasheet
106Kb / 3P
   Microwave Coaxial Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com