Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2MBI75N-120 Datasheet(PDF) 1 Page - Fuji Electric

Part # 2MBI75N-120
Description  IGBT(1200V 75A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2MBI75N-120 Datasheet(HTML) 1 Page - Fuji Electric

  2MBI75N-120 Datasheet HTML 1Page - Fuji Electric 2MBI75N-120 Datasheet HTML 2Page - Fuji Electric 2MBI75N-120 Datasheet HTML 3Page - Fuji Electric 2MBI75N-120 Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
IGBT MODULE ( N series )
n
n Features
• Square RBSOA
• Low Saturation Voltage
• Less Total Power Dissipation
• Improved FWD Characteristic
• Minimized Internal Stray Inductance
• Overcurrent Limiting Function (
4~5 Times Rated Current)
n
n Applications
• High Power Switching
• A.C. Motor Controls
• D.C. Motor Controls
• Uninterruptible Power Supply
n
n Outline Drawing
n
n Maximum Ratings and Characteristics
Absolute Maximum Ratings ( T
c=25°C
)
Items
Symbols
Ratings
Units
Collector-Emitter Voltage
VCES
1200
V
Gate -Emitter Voltage
VGES
± 20
V
Continuous
IC
75
Collector
1ms
IC PULSE
150
Current
Continuous
-IC
75
1ms
-IC PULSE
150
Max. Power Dissipation
PC
600
W
Operating Temperature
Tj
+150
°C
Storage Temperature
Tstg
-40
∼ +125
°C
Isolation Voltage
A.C. 1min.
Vis
2500
V
Mounting *1
3.5
Terminals *2
3.5
Note: *1:Recommendable Value; 2.5
∼ 3.5 Nm (M5)
Electrical Characteristics ( at T
j=25°C )
Items
Symbols
Test Conditions
Min.
Typ.
Max.
Units
Zero Gate Voltage Collector Current
ICES
VGE=0V VCE=1200V
1.0
mA
Gate-Emitter Leackage Current
IGES
VCE=0V VGE=
± 20V
15
µA
Gate-Emitter Threshold Voltage
VGE(th)
VGE=20V IC=75mA
4.5
7.5
V
Collector-Emitter Saturation Voltage
VCE(sat)
VGE=15V IC=75A
3.3
V
Input capacitance
Cies
VGE=0V
12000
Output capacitance
Coes
VCE=10V
4350
pF
Reverse Transfer capacitance
Cres
f=1MHz
3870
tON
VCC=600V
0.65
1.2
tr
IC=75A
0.25
0.6
tOFF
VGE=
± 15V
0.85
1.5
tf
RG=16
0.35
0.5
Diode Forward On-Voltage
VF
IF=75A VGE=0V
3.0
V
Reverse Recovery Time
trr
IF=75A
350
ns
Thermal Characteristics
Items
Symbols
Test Conditions
Min.
Typ.
Max.
Units
Rth(j-c)
IGBT
0.21
Thermal Resistance
Rth(j-c)
Diode
0.47
°C/W
Rth(c-f)
With Thermal Compound
0.05
n
n Equivalent Circuit
Screw Torque
Turn-on Time
Turn-off Time
µs
A
Nm


Similar Part No. - 2MBI75N-120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2MBI75N-060 FUJI-2MBI75N-060 Datasheet
152Kb / 4P
   IGBT(600V 75A)
More results

Similar Description - 2MBI75N-120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBI75S-120 FUJI-6MBI75S-120 Datasheet
506Kb / 4P
   IGBT(1200V/75A)
2MBI75L-120 FUJI-2MBI75L-120 Datasheet
126Kb / 4P
   IGBT(1200V 75A)
2MBI75F-120 FUJI-2MBI75F-120 Datasheet
125Kb / 4P
   IGBT(1200V 75A)
logo
MacMic
MM75G5U120BM MACMIC-MM75G5U120BM Datasheet
320Kb / 7P
   1200V 75A IGBT
September 2022 Version 01
MMG75J120U6TC MACMIC-MMG75J120U6TC Datasheet
623Kb / 6P
   1200V 75A IGBT Module
MMG75J120UZ MACMIC-MMG75J120UZ Datasheet
535Kb / 4P
   1200V 75A IGBT Module
MMG75S120B6TC MACMIC-MMG75S120B6TC Datasheet
359Kb / 6P
   1200V 75A IGBT Module
logo
Littelfuse
MG1275S-BA1MM LITTELFUSE-MG1275S-BA1MM Datasheet
1Mb / 6P
   1200V 75A IGBT Module
logo
MacMic
MMG75S120B6HN MACMIC-MMG75S120B6HN Datasheet
451Kb / 5P
   1200V 75A IGBT Module
logo
Fuji Electric
6MBP75RA120 FUJI-6MBP75RA120 Datasheet
334Kb / 7P
   IGBT-IPM(1200V/75A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com