Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2MBI75P-140 Datasheet(PDF) 4 Page - Fuji Electric

Part # 2MBI75P-140
Description  IGBT(1400V 75A)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2MBI75P-140 Datasheet(HTML) 4 Page - Fuji Electric

  2MBI75P-140 Datasheet HTML 1Page - Fuji Electric 2MBI75P-140 Datasheet HTML 2Page - Fuji Electric 2MBI75P-140 Datasheet HTML 3Page - Fuji Electric 2MBI75P-140 Datasheet HTML 4Page - Fuji Electric 2MBI75P-140 Datasheet HTML 5Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2MBI 75P-140
2-Pack IGBT
1400V
75A
0
25
50
75
100
125
150
0
10
20
30
40
Switching Loss vs. Collector Current
V
CC
=600V, R
G
=16
, V
GE
=±15V
E
on125°C
E
on
25°C
E
off
125°C
E
off
25°C
E
rr
125°C
E
rr
25°C
Collector Current : I
C
[A]
0
5
10
15
20
25
30
35
0,1
1
10
100
C
res
C
oes
C
ies
Capacitance vs. Collector-Emitter Voltage
T
j
=25°C
Collector Emitter Voltage : V
CE
[V]


Similar Part No. - 2MBI75P-140

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2MBI75P-140 FUJI-2MBI75P-140 Datasheet
298Kb / 4P
   IGBT Module
2MBI75P-140 FUJI-2MBI75P-140_04 Datasheet
298Kb / 4P
   IGBT Module
More results

Similar Description - 2MBI75P-140

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2MBI50P-140 FUJI-2MBI50P-140 Datasheet
216Kb / 5P
   IGBT(1400V 50A)
2MBI300P-140 FUJI-2MBI300P-140 Datasheet
217Kb / 5P
   1400V/300A 2-Pack IGBT
2MBI75N-060 FUJI-2MBI75N-060 Datasheet
152Kb / 4P
   IGBT(600V 75A)
logo
DACO SEMICONDUCTOR CO.,...
DAGNH751200 DACO-DAGNH751200 Datasheet
440Kb / 3P
   IGBT Module 75A
logo
Renesas Technology Corp
RBN75H65T1FPQ-A0 RENESAS-RBN75H65T1FPQ-A0 Datasheet
309Kb / 5P
   650V - 75A - IGBT
RBN75H125S1FP4-A0 RENESAS-RBN75H125S1FP4-A0 Datasheet
336Kb / 5P
   1250V - 75A - IGBT
logo
Fuji Electric
6MBI75F-060 FUJI-6MBI75F-060 Datasheet
126Kb / 4P
   IGBT(600V 75A)
6MBI75L-060 FUJI-6MBI75L-060 Datasheet
119Kb / 4P
   IGBT(600V/75A)
logo
DACO SEMICONDUCTOR CO.,...
DAGNI75600D DACO-DAGNI75600D Datasheet
391Kb / 3P
   IGBT Module 75A
logo
MacMic
MM75G5T65B MACMIC-MM75G5T65B Datasheet
762Kb / 7P
   650V 75A IGBT
June 2022 Version 01
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com