Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM200PU1 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SM200PU1
Description  RF Engine Model SM200
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SM200PU1 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SM200PU1 Datasheet HTML 1Page - List of Unclassifed Manufacturers SM200PU1 Datasheet HTML 2Page - List of Unclassifed Manufacturers SM200PU1 Datasheet HTML 3Page - List of Unclassifed Manufacturers SM200PU1 Datasheet HTML 4Page - List of Unclassifed Manufacturers SM200PU1 Datasheet HTML 5Page - List of Unclassifed Manufacturers SM200PU1 Datasheet HTML 6Page - List of Unclassifed Manufacturers SM200PU1 Datasheet HTML 7Page - List of Unclassifed Manufacturers SM200PU1 Datasheet HTML 8Page - List of Unclassifed Manufacturers SM200PU1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Model SM200 Data Sheet
Document Number 430145-01B
Page 4 of 21
©2012 Synapse Wireless, Inc.
500 Discovery Drive, Huntsville, AL 35806
∙ 256-852-7888
synapse-wireless.com
1.0
RF Engine Model SM200 OEM Modules Overview
The RF Engine Model SM200 includes the SM200P81, SM200PU1, RF200P81 and
RF200PU1 part numbers. They are IEEE 802.15.4, low power, highly-reliable solutions
to embedded wireless control and monitoring network needs that require high data
rates. The Model SM200 embeds Synapse’s SNAP OS, the industry’s first Internet-
enabled, wireless mesh network operating system into the Atmel ATmega128RFA1
single-chip AVR® microcontroller with an integrated transceiver that delivers up to
2Mbits/sec. These low-cost modules can have power consumption as low as 0.25
μA to
enable a new generation of battery-driven systems.
SNAP’s on-board Python interpreter provides for rapid application development and
over-the-air programming, while Atmel’s low-power RF single-chip design saves board
space and lowers the overall Bill of Materials and power consumption. The Model
SM200 modules are approved as an FCC Part 15 unlicensed modular transmitters, as
well as having CE Certification and IC Certification. The modules provide up to 16
channels of operation in the ISM 2.4GHz frequency band.
Data Sheet covers Part Numbers SM200P81/PU1 and RF200P81/PU1:
SM200P81/PU1: 38 GPIO and up to 7 A/D inputs
RF200P81/PU1: 20 GPIO and up to 7 A/D inputs
128k flash, 58.5k free for over-the-air uploaded user apps
Two UART ports for control or transparent data
Low power modes: 0.25
μA with internal timer running
Spread Spectrum (DSSS) technology surmounts noisy environments
Up to 2 Mbps Data Rate
2.4 GHz RF Frequency
Receive sensitivity -100dBm at 250kbps
Transmit Power 3 dBm
Integrated chip antenna or U.FL connecter
SM200P81/PU1: Solder-able
RF200P81/PU1: Solder-able, Socket-able


Similar Part No. - SM200PU1

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SM200 MIC-SM200 Datasheet
67Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
StarHope
SM200 SPSEMI-SM200 Datasheet
1Mb / 3P
   Surface Mount Devices
logo
Rectron Semiconductor
SM2000 RECTRON-SM2000 Datasheet
269Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANG 2000 Volts CURRENT 1.0 Ampere
logo
Diotec Semiconductor
SM2000 DIOTEC-SM2000 Datasheet
164Kb / 2P
   Surface Mount Si-Rectifiers
logo
Semikron International
SM2000 SEMIKRON-SM2000 Datasheet
106Kb / 2P
   Standard silicon rectifier diodes
More results

Similar Description - SM200PU1

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
QBH-147 APITECH-QBH-147 Datasheet
59Kb / 1P
   RF AMPLIFIER MODEL
QBH-137 APITECH-QBH-137 Datasheet
56Kb / 1P
   RF AMPLIFIER MODEL
QBH-124 APITECH-QBH-124 Datasheet
62Kb / 1P
   RF AMPLIFIER MODEL
QBH-115 APITECH-QBH-115 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-5409 APITECH-QBH-5409 Datasheet
41Kb / 1P
   RF AMPLIFIER MODEL
QBH-4012PM APITECH-QBH-4012PM Datasheet
47Kb / 1P
   RF AMPLIFIER MODEL
QBH-4002 APITECH-QBH-4002 Datasheet
145Kb / 1P
   RF AMPLIFIER MODEL
QBH-1505 APITECH-QBH-1505 Datasheet
48Kb / 1P
   RF AMPLIFIER MODEL
QBH-859 APITECH-QBH-859 Datasheet
118Kb / 1P
   RF AMPLIFIER MODEL
QBH-842 APITECH-QBH-842 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com