Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM200PU1 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SM200PU1
Description  RF Engine Model SM200
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SM200PU1 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SM200PU1 Datasheet HTML 1Page - List of Unclassifed Manufacturers SM200PU1 Datasheet HTML 2Page - List of Unclassifed Manufacturers SM200PU1 Datasheet HTML 3Page - List of Unclassifed Manufacturers SM200PU1 Datasheet HTML 4Page - List of Unclassifed Manufacturers SM200PU1 Datasheet HTML 5Page - List of Unclassifed Manufacturers SM200PU1 Datasheet HTML 6Page - List of Unclassifed Manufacturers SM200PU1 Datasheet HTML 7Page - List of Unclassifed Manufacturers SM200PU1 Datasheet HTML 8Page - List of Unclassifed Manufacturers SM200PU1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Model SM200 Data Sheet
Document Number 430145-01B
Page 5 of 21
©2012 Synapse Wireless, Inc.
500 Discovery Drive, Huntsville, AL 35806
∙ 256-852-7888
synapse-wireless.com
Figure 1.0 Block diagram showing the major subsystems comprising Model SM200
1.1
Specifications
Table 1.0 Specifications
SM200P81/PU1
RF200P81/PU1
Performance
Outdoor LOS Range
Up to 1500/2500 feet at 250Kbps
Transmit Power Output
3 dBm
RF Data Rate
250Kbps, 500Kbps, 1Mbps, 2Mbps
Receiver Sensitivity
-100 dBm (1% PER, 250Kbps)
Power
Requirements
Supply Voltage
1.8 - 3.6 V
Transmit Current
(Typ@3.3V)
22.5 mA
Idle/Receive Current
(Typ@3.3V)
20.5 mA
Power-down Current
(Typ@3.3V)
0.25 uA
General
Frequency
ISM 2.4 GHz
Spreading Method
Direct Sequence (DSSS)
Modulation
O-QPSK
Dimensions
29.8mm x 19mm
33.86mm x 33.86mm
Operating Temperature
- 40 to 85 deg C.
Antenna Options
Integrated Chip Antenna / External Antenna
Networking
Topology
SNAP
Error Handling
Retries and acknowledgement
Number of Channels
16
Available I/O
UARTS with HW Flow
Control
2 Ports - 8 total I/O
GPIO
38 total; 7 can be analog-
in with 10bit ADC
20 total; 7 can be analog-
in with 10bit ADC
Agency
Approvals
CE Certified
Yes
Yes
FCC Part 15.24
9
FCC ID: U9O-SM200
FCC ID: U9O-SM200
Industry Canada (IC)
IC: 7084A-SM200
IC: 7084A-SM200


Similar Part No. - SM200PU1

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SM200 MIC-SM200 Datasheet
67Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
StarHope
SM200 SPSEMI-SM200 Datasheet
1Mb / 3P
   Surface Mount Devices
logo
Rectron Semiconductor
SM2000 RECTRON-SM2000 Datasheet
269Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANG 2000 Volts CURRENT 1.0 Ampere
logo
Diotec Semiconductor
SM2000 DIOTEC-SM2000 Datasheet
164Kb / 2P
   Surface Mount Si-Rectifiers
logo
Semikron International
SM2000 SEMIKRON-SM2000 Datasheet
106Kb / 2P
   Standard silicon rectifier diodes
More results

Similar Description - SM200PU1

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
QBH-147 APITECH-QBH-147 Datasheet
59Kb / 1P
   RF AMPLIFIER MODEL
QBH-137 APITECH-QBH-137 Datasheet
56Kb / 1P
   RF AMPLIFIER MODEL
QBH-124 APITECH-QBH-124 Datasheet
62Kb / 1P
   RF AMPLIFIER MODEL
QBH-115 APITECH-QBH-115 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-5409 APITECH-QBH-5409 Datasheet
41Kb / 1P
   RF AMPLIFIER MODEL
QBH-4012PM APITECH-QBH-4012PM Datasheet
47Kb / 1P
   RF AMPLIFIER MODEL
QBH-4002 APITECH-QBH-4002 Datasheet
145Kb / 1P
   RF AMPLIFIER MODEL
QBH-1505 APITECH-QBH-1505 Datasheet
48Kb / 1P
   RF AMPLIFIER MODEL
QBH-859 APITECH-QBH-859 Datasheet
118Kb / 1P
   RF AMPLIFIER MODEL
QBH-842 APITECH-QBH-842 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com