Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R141842000 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # R141842000
Description  Worlwide standardised coaxial connectors
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R141842000 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button R141842000 Datasheet HTML 6Page - List of Unclassifed Manufacturers R141842000 Datasheet HTML 7Page - List of Unclassifed Manufacturers R141842000 Datasheet HTML 8Page - List of Unclassifed Manufacturers R141842000 Datasheet HTML 9Page - List of Unclassifed Manufacturers R141842000 Datasheet HTML 10Page - List of Unclassifed Manufacturers R141842000 Datasheet HTML 11Page - List of Unclassifed Manufacturers R141842000 Datasheet HTML 12Page - List of Unclassifed Manufacturers R141842000 Datasheet HTML 13Page - List of Unclassifed Manufacturers R141842000 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
www.radiall.com
10-10
CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
Impedance
75Ω
Frequency range
DC - 1.5 GHz
V.S.W.R. max
straight models cable group: 2.6/75, 5/75, 6/75,
8/75, 10 + 11/75
right angle models: 2.6/75, 6/75
1.30
1.35
Insertion loss
straight connector
right-angle connector
MIL
0.2 dB max at 1 GHz
0.3 dB max at 1 GHz
RF leakage
-55 dB min from 2 to 3 GHz
Insulation resistance
5000 MΩ min
Contact resistance
center contact
outer contact
1.5 mΩ
0.2 mΩ
Working voltage in VRMS
at sea level
(at 21 000m)
500
125
Dielectric withstanding voltage in VRMS
at sea level
(at 21 000m)
1500
375
RF testing voltage in VRMS
sea level (5 MHz)
1000
mECHANICAL CHARACTERISTICS
Durability
MIL
500 matings
Force to engage and disengage
axial
torque
13.6 N max
28.6 Ncm
Coupling nut retention force
445 N
Cable retention force
cable 2.6/75, 5/75
6/75, 8/75, 10 + 11/75
340 N
Center contact retention force
27 N
ENVIRONmENTAL CHARACTERISTICS
Temperature range
flexible cables
MIL
-65°C + 165°C
Thermo cycling test
MIL STD 202, method 107, condition B
High temperature endurance
MIL STD 202, method 108
Corrosion salt spray
MIL STD 202, method 101, condition B
Vibration
MIL STD 202, method 204, condition B
Shock
MIL STD 202, method 213, condition G
Moisture resistance
MIL STD 202, method 106
Hermetic test
MIL STD 202, method 112, condition C
vacuum 10-6 Hgmm (Torr) leakage rate < 10-6 atm/cm3/s
Barometric pressure
Pressure test: 3.5 bars; duration: 2 mn; temperature:
15°C to 25°C
mATERIALS AND PLATING
Materials
Platings
Bodies
Brass
Nickel
Center contact
male
female
Brass
Bronze or heat treated beryllium following QQ-C-530
Gold
Nut
Brass
Insulator
PTFE
Gasket
Silicone Rubber
Test/characteristics
Standard
reference
Values/remarks
Standard packaging = 100 pieces.


Similar Part No. - R141842000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R141.324.000 ETC1-R141.324.000 Datasheet
29Kb / 2P
   STRAIGHT BULKHEAD JACK PANEL SEAL
R141004000 ETC2-R141004000 Datasheet
8Mb / 35P
   Worlwide standardised coaxial connectors
R141075161W ETC2-R141075161W Datasheet
29Kb / 2P
   STRAIGHT PLUG CRIMP TYPE
R141082000 ETC2-R141082000 Datasheet
40Kb / 1P
   INTRODUCTION
R141277000 ETC2-R141277000 Datasheet
40Kb / 1P
   The BNC connector, the most popular coaxial connector series in the world, features a two--pin bayonet coupling system for quick and reliable engagement and disengagement.
More results

Similar Description - R141842000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R141004000 ETC2-R141004000 Datasheet
8Mb / 35P
   Worlwide standardised coaxial connectors
R141717000 ETC2-R141717000 Datasheet
8Mb / 35P
   Worlwide standardised coaxial connectors
logo
Japan Aviation Electron...
SMB JAE-SMB Datasheet
370Kb / 9P
   COAXIAL CONNECTORS
logo
Murata Manufacturing Co...
MM8130-2600RB8 MURATA-MM8130-2600RB8 Datasheet
37Kb / 1P
   Coaxial Connectors
logo
ITT Industries
QT-BNC ITT-QT-BNC Datasheet
62Kb / 1P
   RF Coaxial Connectors
logo
DDK Ltd.
PSD-SJ-FCCAV1-SO DDK-PSD-SJ-FCCAV1-SO Datasheet
617Kb / 3P
   Small Coaxial Connectors
logo
List of Unclassifed Man...
122412 ETC2-122412 Datasheet
1Mb / 24P
   TNC COAXIAL CONNECTORS
logo
ITT Industries
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
logo
DDK Ltd.
PSD DDK-PSD Datasheet
616Kb / 3P
   Small Coaxial Connectors?
logo
Murata Manufacturing Co...
MURES48710-1 MURATA-MURES48710-1 Datasheet
106Kb / 3P
   Microwave Coaxial Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com