Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RUT3225 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # RUT3225
Description  Passive components sales offices
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RUT3225 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button RUT3225 Datasheet HTML 5Page - Samsung semiconductor RUT3225 Datasheet HTML 6Page - Samsung semiconductor RUT3225 Datasheet HTML 7Page - Samsung semiconductor RUT3225 Datasheet HTML 8Page - Samsung semiconductor RUT3225 Datasheet HTML 9Page - Samsung semiconductor RUT3225 Datasheet HTML 10Page - Samsung semiconductor RUT3225 Datasheet HTML 11Page - Samsung semiconductor RUT3225 Datasheet HTML 12Page - Samsung semiconductor RUT3225 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
16
17
•Thick Film Type Ultra Low Ohm Resistor.
•High Precision Reliability.
•High Power with Low TCR.
•100% Lead Free Products (PbO not used).
•RoHS Compliant.
Feature
Ultra Low Ohms(RU Series)
0.25±0.15
0.30±0.20
0.40±0.20
0.45±0.20
0.45±0.20
0.80±0.20
1.00±0.20
RU1005
RU1608
RU2012
RU3216
RU3225
RU5025
RU6432
Type
Inch
1.00±0.05
1.60±0.10
2.00±0.15
3.20±0.15
3.20±0.20
5.00±0.20
6.30±0.20
LW
H
I1
I2
Average
Weight
(UNIT: mm)
0402
0603
0805
1206
1210
2010
2512
0.50±0.05
0.80±0.10
1.25±0.15
1.60±0.15
2.55±0.20
2.50±0.20
3.20±0.20
0.35±0.05
0.45±0.10
0.55±0.10
0.60±0.10
0.55±0.10
0.60±0.10
0.60±0.10
0.25±0.15
R
≤0.05:0.50±0.20
R
〉0.05:0.35±0.20
R
≤0.05:0.65±0.20
R
〉0.05:0.40±0.20
R
≤0.05:0.90±0.20
R
〉0.05:0.60±0.20
R
≤0.05:1.2±0.20
R
〉0.05:0.75±0.20
R
≤0.05:1.5±0.20
R
〉0.05:0.90±0.20
R
≤0.05:1.90±0.20
R
〉0.05:1.10±0.25
0.6
2.2
4.7
9.4
9.5
27
42
•Current Sensing.
•PCM of Battery Pack.
•Power supplying part, DC power charger, adapter.
•Mobile Phone, Mobile PC, Note PC, HDD, DSC, LCD.
Application
Structure and Dimensions
•The part number system shall be in the following format
Parts Numbering System
-55
℃~+155℃
70
Type
Power
Rating
(W)
Rated
Current
(A)
Resistance
Range ()
T.C.R
(ppm/)
Rated
Ambient
Temperature
Rated
Working
Temperature
The rated power is the maximum continuous loading
power at 70ambient temperature.
For ambient temperature above 70, the loading power
follows the below power derating curve.
100
80
60
40
20
0
Operation area
-55
-30
0
30
60
90
120
150
Ambient Temperature(
℃)
70
155
•Rated Current (A) =
Rated Power(W) / Nominal Resistance Value(
Ω)
Please contact our sales representatives or product engineers for lower T.C.R or higher rated power products.
- R means decimal point.
- Other digits represent
the significant value.
- Example : R010
R010 = .010 = 0.010
Ω
= 0.01
Ω or 10 mΩ
4-digit Coding System
R
R0
01
10
0
RU1005
RU1608
RU2012
RU3216
RU3225
RU5025
RU6432
25m~100m
10m~100m
R47m:
±500
R
≥47m:
±150
R
≤25m:
±600
R33m:
±400
R
≥33m:
±150
R
≤25m:
±500
R33m:
±350
R
≥33m:
±150
1/8
(0.125)
1/4
(0.25)
1/3
(0.33)
1/2
(0.5)
2/3
(0.66)
3/4
(0.75)
1
(1)
Specification
Resistance Value Table
Power Derating Curve
Marking
The specifications and designs contained herein may be subject to change without notice.
Please contact our sales representatives or product engineers before order.
W
l1
H
L
I2
<Top View>
<Side View>
R
R0
01
10
0
<Bottom View>
R051
RU : Current
sensing resistor
Code Designation
R U
2012
F
Dimension & Size Code
Tolerance
1005: 1.0
×0.5(㎜) - 0402(inch)
1608: 1.6
×0.8(㎜) - 0603(inch)
2012: 2.0
×1.2(㎜) - 0805(inch)
3216: 3.2
×1.6(㎜) - 1206(inch)
3225: 3.2
×2.5(㎜) - 1210(inch)
5025: 5.0
×2.5(㎜) - 2010(inch)
6432: 6.4
×3.2(㎜) - 2512(inch)
F: ±1%
G: ±2%
J: ±5%
4-digit coding system
CS
Resistance Value
Packaging Code
CS: Tape & Reel 7"
ES : Tape & Reel 10"
AS: Tape & Reel 13"
CS
Packaging Code
(P
/R)
Code
Tol
(%)
Value
()
R010
R011
R012
R013
R015
R016
R018
0.01
0.011
0.012
0.013
0.015
0.016
0.018
±1, ±5
±1, ±5
±1, ±5
±1, ±5
±1, ±5
±1, ±5
±1, ±5
Code
Tol
(%)
Value
()
R020
R022
R024
R027
R030
R033
R036
0.02
0.022
0.024
0.027
0.03
0.033
0.036
±1, ±5
±1, ±5
±1, ±5
±1, ±5
±1, ±5
±1, ±5
±1, ±5
Code
Tol
(%)
Value
()
R039
R040
R043
R047
R050
R051
R056
0.039
0.04
0.043
0.047
0.05
0.051
0.056
±1, ±5
±1, ±5
±1, ±5
±1, ±5
±1, ±5
±1, ±5
±1, ±5
Code
Tol
(%)
Value
()
R062
R068
R075
R082
R091
R100
0.062
0.068
0.075
0.082
0.091
0.1
±1, ±5
±1, ±5
±1, ±5
±1, ±5
±1, ±5
±1, ±5
Operation
Notes
Example of land
Pattern Design
Recommended
Soldering Conditions
General Structure
General
Precision
Jumper
Low ohms
(RUT Series)
Ultra Low ohms
(RU Series)
Ultra Low Ohms
(RUK Series)
Ultra Low Ohms
(RJ Series)
Arrays
(CONVEX Type)
Arrays
(CONCAVE Type)
Arrays
(FLAT Type)
Anti-Sulfur
Resistors
Attenuator
Characteristics
Performance
Packaging
Standard
Resistance Value


Similar Part No. - RUT3225

ManufacturerPart #DatasheetDescription
logo
TELTONIKA NETWORKS.
RUT300 TELTONIKA-RUT300 Datasheet
983Kb / 13P
   ETHERNET ROUTER
RUT300000000 TELTONIKA-RUT300000000 Datasheet
983Kb / 13P
   ETHERNET ROUTER
RUT300000100 TELTONIKA-RUT300000100 Datasheet
983Kb / 13P
   ETHERNET ROUTER
RUT360 TELTONIKA-RUT360 Datasheet
1Mb / 13P
   LTE CAT6 INDUSTRIAL CELLULAR ROU
logo
QuWireless
RUT360 QUWIRELESS-RUT360 Datasheet
4Mb / 9P
   Integrated outdoor multi band high power LTE directional antenna outdoor Wi-Fi omni antenna place toinstall Teltonika RUT360 (All-in-one)
2.07
More results

Similar Description - RUT3225

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
MRV-FD-DWDMMUX MRV-MRV-FD-DWDMMUX Datasheet
71Kb / 3P
   Passive DWDM Components
logo
AVX Corporation
ML03211R8PAT2A AVX-ML03211R8PAT2A Datasheet
127Kb / 1P
   Organic Passive Components Low ESR Microwave Capacitors
logo
API Technologies Corp
PA18-1580-010SA APITECH-PA18-1580-010SA Datasheet
683Kb / 1P
   SALES DRAWING
PA13-1580-005SA APITECH-PA13-1580-005SA Datasheet
72Kb / 1P
   SALES DRAWING
logo
List of Unclassifed Man...
PT-2020P ETC-PT-2020P Datasheet
91Kb / 1P
   Sales Outline Drawing
logo
Mallory performance clu...
SC110D MALLORY-SC110D Datasheet
77Kb / 1P
   Sales Outline Drawing
SC648D MALLORY-SC648D Datasheet
54Kb / 1P
   Sales Outline Drawing
PSR1511N08S3K MALLORY-PSR1511N08S3K Datasheet
110Kb / 1P
   Sales Outline Drawing
logo
Mallory Sonalert Produc...
MSS5CMCMP MSPI-MSS5CMCMP Datasheet
72Kb / 1P
   Sales Outline Drawing
PL-27N26WQ MSPI-PL-27N26WQ Datasheet
99Kb / 1P
   Sales Outline Drawing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com