Electronic Components Datasheet Search |
|
RJO816 Datasheet(PDF) 9 Page - Samsung semiconductor |
|
RJO816 Datasheet(HTML) 9 Page - Samsung semiconductor |
9 / 20 page 16 17 •Thick Film Type Ultra Low Ohm Resistor. •High Precision Reliability. •High Power with Low TCR. •100% Lead Free Products (PbO not used). •RoHS Compliant. Feature Ultra Low Ohms(RU Series) 0.25±0.15 0.30±0.20 0.40±0.20 0.45±0.20 0.45±0.20 0.80±0.20 1.00±0.20 RU1005 RU1608 RU2012 RU3216 RU3225 RU5025 RU6432 Type Inch 1.00±0.05 1.60±0.10 2.00±0.15 3.20±0.15 3.20±0.20 5.00±0.20 6.30±0.20 LW H I1 I2 Average Weight (UNIT: mm) 0402 0603 0805 1206 1210 2010 2512 0.50±0.05 0.80±0.10 1.25±0.15 1.60±0.15 2.55±0.20 2.50±0.20 3.20±0.20 0.35±0.05 0.45±0.10 0.55±0.10 0.60±0.10 0.55±0.10 0.60±0.10 0.60±0.10 0.25±0.15 R ≤0.05:0.50±0.20 R 〉0.05:0.35±0.20 R ≤0.05:0.65±0.20 R 〉0.05:0.40±0.20 R ≤0.05:0.90±0.20 R 〉0.05:0.60±0.20 R ≤0.05:1.2±0.20 R 〉0.05:0.75±0.20 R ≤0.05:1.5±0.20 R 〉0.05:0.90±0.20 R ≤0.05:1.90±0.20 R 〉0.05:1.10±0.25 0.6 ㎎ 2.2 ㎎ 4.7 ㎎ 9.4 ㎎ 9.5 ㎎ 27 ㎎ 42 ㎎ •Current Sensing. •PCM of Battery Pack. •Power supplying part, DC power charger, adapter. •Mobile Phone, Mobile PC, Note PC, HDD, DSC, LCD. Application Structure and Dimensions •The part number system shall be in the following format Parts Numbering System -55 ℃~+155℃ 70 ℃ Type Power Rating (W) Rated Current (A) Resistance Range (Ω) T.C.R (ppm/℃) Rated Ambient Temperature Rated Working Temperature The rated power is the maximum continuous loading power at 70℃ ambient temperature. For ambient temperature above 70℃, the loading power follows the below power derating curve. 100 80 60 40 20 0 Operation area -55 -30 0 30 60 90 120 150 Ambient Temperature( ℃) 70 155 •Rated Current (A) = Rated Power(W) / Nominal Resistance Value( Ω) Please contact our sales representatives or product engineers for lower T.C.R or higher rated power products. - R means decimal point. - Other digits represent the significant value. - Example : R010 R010 = .010 = 0.010 Ω = 0.01 Ω or 10 mΩ 4-digit Coding System R R0 01 10 0 RU1005 RU1608 RU2012 RU3216 RU3225 RU5025 RU6432 25m~100m 10m~100m R〈47m: ±500 R ≥47m: ±150 R ≤25m: ±600 R〈33m: ±400 R ≥33m: ±150 R ≤25m: ±500 R〈33m: ±350 R ≥33m: ±150 1/8 (0.125) 1/4 (0.25) 1/3 (0.33) 1/2 (0.5) 2/3 (0.66) 3/4 (0.75) 1 (1) Specification Resistance Value Table Power Derating Curve Marking The specifications and designs contained herein may be subject to change without notice. Please contact our sales representatives or product engineers before order. W l1 H L I2 <Top View> <Side View> R R0 01 10 0 <Bottom View> R051 RU : Current sensing resistor Code Designation R U 2012 F Dimension & Size Code Tolerance 1005: 1.0 ×0.5(㎜) - 0402(inch) 1608: 1.6 ×0.8(㎜) - 0603(inch) 2012: 2.0 ×1.2(㎜) - 0805(inch) 3216: 3.2 ×1.6(㎜) - 1206(inch) 3225: 3.2 ×2.5(㎜) - 1210(inch) 5025: 5.0 ×2.5(㎜) - 2010(inch) 6432: 6.4 ×3.2(㎜) - 2512(inch) F: ±1% G: ±2% J: ±5% 4-digit coding system CS Resistance Value Packaging Code CS: Tape & Reel 7" ES : Tape & Reel 10" AS: Tape & Reel 13" CS Packaging Code (P /R) √ √ Code Tol (%) Value (Ω) R010 R011 R012 R013 R015 R016 R018 0.01 0.011 0.012 0.013 0.015 0.016 0.018 ±1, ±5 ±1, ±5 ±1, ±5 ±1, ±5 ±1, ±5 ±1, ±5 ±1, ±5 Code Tol (%) Value (Ω) R020 R022 R024 R027 R030 R033 R036 0.02 0.022 0.024 0.027 0.03 0.033 0.036 ±1, ±5 ±1, ±5 ±1, ±5 ±1, ±5 ±1, ±5 ±1, ±5 ±1, ±5 Code Tol (%) Value (Ω) R039 R040 R043 R047 R050 R051 R056 0.039 0.04 0.043 0.047 0.05 0.051 0.056 ±1, ±5 ±1, ±5 ±1, ±5 ±1, ±5 ±1, ±5 ±1, ±5 ±1, ±5 Code Tol (%) Value (Ω) R062 R068 R075 R082 R091 R100 0.062 0.068 0.075 0.082 0.091 0.1 ±1, ±5 ±1, ±5 ±1, ±5 ±1, ±5 ±1, ±5 ±1, ±5 Operation Notes Example of land Pattern Design Recommended Soldering Conditions General Structure General Precision Jumper Low ohms (RUT Series) Ultra Low ohms (RU Series) Ultra Low Ohms (RUK Series) Ultra Low Ohms (RJ Series) Arrays (CONVEX Type) Arrays (CONCAVE Type) Arrays (FLAT Type) Anti-Sulfur Resistors Attenuator Characteristics Performance Packaging Standard Resistance Value |
Similar Description - RJO816 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |