Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

102P Datasheet(PDF) 5 Page - Samsung semiconductor

Part # 102P
Description  Passive components sales offices
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

102P Datasheet(HTML) 5 Page - Samsung semiconductor

  102P Datasheet HTML 1Page - Samsung semiconductor 102P Datasheet HTML 2Page - Samsung semiconductor 102P Datasheet HTML 3Page - Samsung semiconductor 102P Datasheet HTML 4Page - Samsung semiconductor 102P Datasheet HTML 5Page - Samsung semiconductor 102P Datasheet HTML 6Page - Samsung semiconductor 102P Datasheet HTML 7Page - Samsung semiconductor 102P Datasheet HTML 8Page - Samsung semiconductor 102P Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
General
8
9
1
Ω~10
1
Ω~1
-55
℃~+155℃
-55
℃~+125℃
70
RC0603
RC1005
RC1608
RC2012
RC3216
RC3225
RC5025
RC6432
RC 0402
Type
1/20
1/16
1/10
1/8
1/4
1/3
2/3
1
1/32
Power
Rating
(W)
25(V)
50(V)
150(V)
200(V)
15(V)
Working
Voltage
(MAX)
50(V)
100(V)
300(V)
400(V)
30(V)
1~9.9
Ω:+300,-200
10
Ω~1 :±100
(0603: ±250)
1.1 ~10
:±300
Overload
Voltage
(MAX)
TCR (ppm/
℃)
Resistance
Range (
Ω)
Rated
Ambient
Temperature
Rated
Working
Temperature
•Rated voltage (V) =
Rated voltage should be lower than (MAX) working voltage.
Rated power(W)×Nominal resistance value (Ω)
The rated power is the maximum continuous loading power at 70
℃ ambient temperature.
For ambient temperature above 70
℃, the loading power follows the below power derating curve.
(The load current shall be derated according to derating curve in case of the 'Jumper')
1 0 0
0.20±0.02
0.30±0.03
0.50±0.05
0.80±0.10
1.25±0.15
1.60±0.15
2.55±0.20
2.50±0.20
3.20±0.20
0.13±0.02
0.23±0.03
0.35±0.05
0.45±0.10
0.50±0.10
0.55±0.10
0.55±0.10
0.55±0.10
0.55±0.10
0.10±0.03
0.10±0.05
0.20±0.10
0.30±0.20
0.40±0.20
0.45±0.20
0.45±0.20
0.60±0.20
0.60±0.20
0.10±0.03
0.15±0.05
0.25±0.10
0.35±0.10
0.35±0.20
0.40±0.20
0.40±0.20
0.60±0.20
0.60±0.20
RC0402
RC0603
RC1005
RC1608
RC2012
RC3216
RC3225
RC5025
RC6432
Type
01005
0201
0402
0603
0805
1206
1210
2010
2512
Inch
0.40±0.02
0.60±0.03
1.00±0.05
1.60±0.10
2.00±0.15
3.20±0.15
3.20±0.20
5.00±0.20
6.30±0.20
LW
H
I1
I2
Average
Weight
•Very small, thin, and light weight.
•Both flow and reflow soldering are applicable.
•Very low inductance.
•Suitable size and packaging for surface mount assembly.
• Lead-free terminal.
•PbO(lead oxide) is included in the glass of our product which is
prescribed on RoHS appendix as an exemption.
•General purpose.
•Home Appliances.
(DVD, Digital TV, Digital Camera, Audio, Tunner).
•For Computers & Communications.
(Notebook, Memory Module, Mobile, Network Equipment, etc).
0.04
0.15
0.6
2.1
4.9
9.5
16
26
41
•The part number system shall be in the following format
(UNIT: mm)
RC: Chip Resistor
Code Designation
R C
2 0 1 2
J
Dimension & Size Code
Tolerance
0402: 0.4
×0.2(㎜) - 01005(inch)
0603: 0.6
×0.3(㎜) - 0201(inch)
1005: 1.0
×0.5(㎜) - 0402(inch)
1608: 1.6
×0.8(㎜) - 0603(inch)
2012: 2.0
×1.2(㎜) - 0805(inch)
3216: 3.2
×1.6(㎜) - 1206(inch)
3225: 3.2
×2.5(㎜) - 1210(inch)
5025: 5.0
×2.5(㎜) - 2010(inch)
6432: 6.4
×3.2(㎜) - 2512(inch)
F : ±1%
G : ±2%
J : ±5%
K : ±10%
3 or 4 digits coding system
(IEC coding system)
3digits (E-24 series)
4digits (E-96 series)
CS
Resistance Value
Packaging Code
GS: Bulk Packaging
CS: Tape Packaging 7"
ES: Tape Packaging 10"
AS: Tape Packaging 13"
Feature
Specification
Power Derating Curve
Application
Structure and Dimensions
Parts Numbering System
100
80
60
40
20
0
Operation area
-55
-40
0
40
80
120
Ambient Temperature(
℃)
Ambient Temperature(
℃)
70
125
Operation area
<1005, 1608, 2012, 3216, 3225, 5025, 6432>
<0402, 0603>
-55
-30
0
30
60
90
120
150
70
155
100
80
60
40
20
0
The specifications and designs contained herein may be subject to change without notice.
Please contact our sales representatives or product engineers before order.
W
l1
H
L
I2
<Top View>
<Side View>
1
10
03
3
- Left 2 digits represent
significant figures.
- Last 1 digit represents
exponential number of 10.
- Example: 103
Left 2 digits: 10
Last 1 digit: 3
103 = 10
×103
= 10000
Ω=10kΩ
•0603, 1005 type: No marking. •0603, 1005, 1608 type:
No marking.
•3 digits indication
(E-24 series)
- Left 3 digits represent
significant figures.
- Last 1 digit represents
exponential number of 10.
- Example: 1002
Left 3 digits: 100
Last 1 digit: 2
1002 = 100
×102
= 10000
Ω=10kΩ
•4 digits indication
(E-96 series)
1
10
03
3
1
10
00
02
2
Marking
IEC Code System (E-96, E-24)
100
102
105
107
110
113
115
118
121
124
127
130
133
137
140
143
147
150
154
158
162
165
169
174
10
11
12
13
15
16
E-96
E-24
178
182
187
191
196
200
205
210
215
221
226
232
237
243
249
255
261
267
274
280
287
294
301
309
18
20
22
24
27
30
E-96
E-24
316
324
332
340
348
357
365
374
383
392
402
412
422
432
442
453
464
475
487
499
511
523
536
549
33
36
39
43
47
51
E-96
E-24
562
576
590
604
619
634
649
665
681
698
715
732
750
768
787
806
825
845
866
887
909
931
953
976
56
62
68
75
82
91
E-96
E-24
1~99
Ω: ±300
100~1 : ±250
Operation
Notes
Example of land
Pattern Design
Recommended
Soldering Conditions
General Structure
General
Precision
Jumper
Low ohms
(RUT Series)
Ultra Low ohms
(RU Series)
Ultra Low Ohms
(RUK Series)
Ultra Low Ohms
(RJ Series)
Arrays
(CONVEX Type)
Arrays
(CONCAVE Type)
Arrays
(FLAT Type)
Anti-Sulfur
Resistors
Attenuator
Characteristics
Performance
Packaging
Standard
Resistance Value


Similar Part No. - 102P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
102PHR-ST VISHAY-102PHR-ST Datasheet
358Kb / 10P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 22-Dec-05
102PHR-ST VISHAY-102PHR-ST Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
102PHR-ST VISHAY-102PHR-ST Datasheet
125Kb / 11P
   Aluminum Capacitors, Power High Ripple Current, Screw Terminals
Revision: 09-Mar-12
102PHR-ST VISHAY-102PHR-ST Datasheet
145Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
01-Jan-2023
102PHR-ST VISHAY-102PHR-ST_08 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
More results

Similar Description - 102P

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
MRV-FD-DWDMMUX MRV-MRV-FD-DWDMMUX Datasheet
71Kb / 3P
   Passive DWDM Components
logo
AVX Corporation
ML03211R8PAT2A AVX-ML03211R8PAT2A Datasheet
127Kb / 1P
   Organic Passive Components Low ESR Microwave Capacitors
logo
API Technologies Corp
PA18-1580-010SA APITECH-PA18-1580-010SA Datasheet
683Kb / 1P
   SALES DRAWING
PA13-1580-005SA APITECH-PA13-1580-005SA Datasheet
72Kb / 1P
   SALES DRAWING
logo
List of Unclassifed Man...
PT-2020P ETC-PT-2020P Datasheet
91Kb / 1P
   Sales Outline Drawing
logo
Mallory performance clu...
SC110D MALLORY-SC110D Datasheet
77Kb / 1P
   Sales Outline Drawing
SC648D MALLORY-SC648D Datasheet
54Kb / 1P
   Sales Outline Drawing
PSR1511N08S3K MALLORY-PSR1511N08S3K Datasheet
110Kb / 1P
   Sales Outline Drawing
logo
Mallory Sonalert Produc...
MSS5CMCMP MSPI-MSS5CMCMP Datasheet
72Kb / 1P
   Sales Outline Drawing
PL-27N26WQ MSPI-PL-27N26WQ Datasheet
99Kb / 1P
   Sales Outline Drawing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com