Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLX2G32DMUTCG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NLX2G32DMUTCG
Description  Dual 2-Input OR Gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLX2G32DMUTCG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NLX2G32DMUTCG Datasheet HTML 2Page - ON Semiconductor NLX2G32DMUTCG Datasheet HTML 3Page - ON Semiconductor NLX2G32DMUTCG Datasheet HTML 4Page - ON Semiconductor NLX2G32DMUTCG Datasheet HTML 5Page - ON Semiconductor NLX2G32DMUTCG Datasheet HTML 6Page - ON Semiconductor NLX2G32DMUTCG Datasheet HTML 7Page - ON Semiconductor NLX2G32DMUTCG Datasheet HTML 8Page - ON Semiconductor NLX2G32DMUTCG Datasheet HTML 9Page - ON Semiconductor NLX2G32DMUTCG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
NLX2G32
http://onsemi.com
8
PACKAGE DIMENSIONS
ULLGA8 1.45x1.0, 0.35P
CASE 613AA
ISSUE A
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.15 AND
0.30 mm FROM THE TERMINAL TIP.
4. A MAXIMUM OF 0.05 PULL BACK OF THE
PLATED TERMINAL FROM THE EDGE OF THE
PACKAGE IS ALLOWED.
A
B
E
D
BOTTOM VIEW
b
e
8X
0.10
B
0.05
A
C
C
L
7X
NOTE 3
0.10 C
PIN ONE
REFERENCE
TOP VIEW
0.10 C
8X
A
A1
0.05 C
0.05 C
C
SEATING
PLANE
SIDE VIEW
L1
1
4
5
8
DIM MIN
MAX
MILLIMETERS
A
−−−
0.40
A1
0.00
0.05
b
0.15
0.25
D
1.45 BSC
E
1.00 BSC
e
0.35 BSC
L
0.25
0.35
L1
0.30
0.40
e/2
NOTE 4
SOLDERMASK DEFINED*
DIMENSIONS: MILLIMETERS
0.22
7X
0.48
8X
1.18
0.53
PITCH
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
0.35
1
MOUNTING FOOTPRINT
PKG
OUTLINE


Similar Part No. - NLX2G32DMUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2G00 ONSEMI-NLX2G00 Datasheet
142Kb / 7P
   Dual 2-Input NAND Gate
December, 2009 ??Rev. 0
NLX2G00AMX1TCG ONSEMI-NLX2G00AMX1TCG Datasheet
142Kb / 7P
   Dual 2-Input NAND Gate
December, 2009 ??Rev. 0
NLX2G00BMX1TCG ONSEMI-NLX2G00BMX1TCG Datasheet
142Kb / 7P
   Dual 2-Input NAND Gate
December, 2009 ??Rev. 0
NLX2G00CMX1TCG ONSEMI-NLX2G00CMX1TCG Datasheet
142Kb / 7P
   Dual 2-Input NAND Gate
December, 2009 ??Rev. 0
NLX2G02 ONSEMI-NLX2G02 Datasheet
144Kb / 7P
   Dual 2-Input NOR Gate
December, 2009 ??Rev. 0
More results

Similar Description - NLX2G32DMUTCG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V2T32 STMICROELECTRONICS-74V2T32 Datasheet
80Kb / 7P
   DUAL 2-INPUT OR GATE
logo
Toshiba Semiconductor
TC7W32F TOSHIBA-TC7W32F_01 Datasheet
234Kb / 7P
   DUAL 2-INPUT OR GATE
logo
Unisonic Technologies
U74AHC2G32 UTC-U74AHC2G32 Datasheet
196Kb / 5P
   DUAL 2-INPUT OR GATE
logo
ON Semiconductor
NL27WZ32 ONSEMI-NL27WZ32 Datasheet
51Kb / 6P
   Dual 2-Input OR Gate
February, 2004 ??Rev. 4
logo
Renesas Technology Corp
RD74LVC2G32 RENESAS-RD74LVC2G32 Datasheet
1Mb / 8P
   Dual 2-input OR Gate
logo
Diodes Incorporated
74LVC2G32 DIODES-74LVC2G32 Datasheet
507Kb / 11P
   DUAL 2-INPUT OR GATE
logo
Nexperia B.V. All right...
74HC2G32-Q100 NEXPERIA-74HC2G32-Q100 Datasheet
212Kb / 12P
   Dual 2-input OR gate
74LVC2G32 NEXPERIA-74LVC2G32 Datasheet
287Kb / 18P
   Dual 2-input OR gate
Rev. 15 - 23 June 2022
logo
Toshiba Semiconductor
TC7W32F TOSHIBA-TC7W32F Datasheet
201Kb / 6P
   DUAL 2-INPUT OR GATE
logo
NXP Semiconductors
74AHC2G32 PHILIPS-74AHC2G32 Datasheet
85Kb / 16P
   Dual 2-input OR gate
Rev. 01-23 February 2004
logo
Toshiba Semiconductor
TC7WH32FU TOSHIBA-TC7WH32FU Datasheet
195Kb / 6P
   DUAL 2-INPUT OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com