Electronic Components Datasheet Search |
|
NS5A4684S Datasheet(PDF) 2 Page - ON Semiconductor |
|
NS5A4684S Datasheet(HTML) 2 Page - ON Semiconductor |
2 / 8 page NS5A4684S http://onsemi.com 2 NC IN NO COM Figure 1. Logic Equivalent Circuit PIN DESCRIPTION QFN PIN # Symbol Name and Function 2, 5, 7, 10 NC1 to NC2, NO1 to NO2 Independent Channels 4, 8 IN1 and IN2 Controls 3, 9 COM1 and COM2 Common Channels 6 GND Ground (V) 1 VCC Positive Supply Voltage MAXIMUM RATINGS Symbol Parameter Value Unit VCC Positive DC Supply Voltage −0.5 to +6.5 V VIS Analog Input Voltage (VNO, VNC, or VCOM) −0.5 v VIS v VCC + 0.5 V VIN Digital Select Input Voltage −0.5 v VIN v +5.5 V Ianl1 Continuous DC Current from COM to NC/NO ±300 mA Ianl−pk1 Peak Current from COM to NC/NO, 10 Duty Cycle (Note 1) ±500 mA Iclmp Continuous DC Current into COM/NO/NC with Respect to VCC or GND ±100 mA Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. Defined as 10% ON, 90% OFF Duty Cycle. RECOMMENDED OPERATING CONDITIONS Symbol Parameter Min Max Unit VCC DC Supply Voltage 1.65 5.5 V VIN Digital Select Input Voltage (OVT) Overvoltage Tolerance GND 5.5 V VIS Analog Input Voltage (NC, NO, COM) GND VCC V TA Operating Temperature Range −40 +85 °C tr, tf Input Rise or Fall Time, SELECT VCC = 1.6 V − 2.7 V VCC = 3.0 V − 5.0 V 20 10 ns/V |
Similar Part No. - NS5A4684S |
|
Similar Description - NS5A4684S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |