Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTCS0805E4 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # NTCS0805E4
Description  SMD 0805, NTC Thermistors AgPd Terminations
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCS0805E4 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button NTCS0805E4 Datasheet HTML 4Page - Vishay Siliconix NTCS0805E4 Datasheet HTML 5Page - Vishay Siliconix NTCS0805E4 Datasheet HTML 6Page - Vishay Siliconix NTCS0805E4 Datasheet HTML 7Page - Vishay Siliconix NTCS0805E4 Datasheet HTML 8Page - Vishay Siliconix NTCS0805E4 Datasheet HTML 9Page - Vishay Siliconix NTCS0805E4 Datasheet HTML 10Page - Vishay Siliconix NTCS0805E4 Datasheet HTML 11Page - Vishay Siliconix NTCS0805E4 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Document Number: 29054
For technical questions, contact: nlr@vishay.com
www.vishay.com
Revision: 03-Apr-11
9
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
NTCS0805E4.../2381 615 1....
SMD 0805, NTC Thermistors AgPd
Terminations
Vishay BCcomponents
60
0.27103
- 3.39
18 430.3
9.15
2.70
65
0.22926
- 3.30
15 589.41
9.67
2.93
70
0.19475
- 3.22
13 242.67
10.18
3.16
75
0.16611
- 3.14
11 295.44
10.67
3.40
80
0.14225
- 3.06
9672.73
11.15
3.64
85
0.12228
- 2.99
8314.81
11.62
3.89
90
0.1055
- 2.92
7173.88
12.07
4.14
95
0.09135
- 2.85
6211.55
12.51
4.40
100
0.07936
- 2.78
5396.80
12.94
4.66
105
0.06918
- 2.71
4704.48
13.36
4.92
110
0.0605
- 2.65
4114.12
13.77
5.19
115
0.05307
- 2.59
3609
14.16
5.47
120
0.0467
- 2.53
3175.38
14.55
5.75
125
0.04121
- 2.47
2801.96
14.92
6.03
130
0.03646
- 2.42
2479.38
15.29
6.32
135
0.03235
- 2.37
2199.88
15.65
6.62
140
0.02878
- 2.31
1957.02
16.00
6.91
145
0.02567
- 2.26
1745.39
16.34
7.22
150
0.02295
- 2.22
1560.48
16.67
7.52
RESISTANCE VALUES AT INTERMEDIATE TEMPERATURES WITH R25 AT 100 000 
TOPER
(°C)
CATALOG NUMBER 2381 615 13104 OR SAP NO. NTCS0805E4104JMT
RT/R25
TCR
(%/K)
RT
(
)
5 % Tol.
R/R (%)
5 % Tol.
T (K)
- 40
23.8997
- 5.92
2 389 969
8.58
1.45
- 35
17.8586
- 5.74
1 785 861
8.24
1.44
- 30
13.465
- 5.56
1 346 502
7.91
1.42
- 25
10.2407
- 5.39
1 024 071
7.59
1.41
- 20
7.85378
- 5.23
785 378.1
7.28
1.39
- 15
6.07181
- 5.07
607 181.2
6.99
1.38
- 10
4.73061
- 4.92
473 061.1
6.71
1.36
- 5
3.7132
- 4.77
371 319.7
6.44
1.35
0
2.93554
- 4.63
293 553.6
6.18
1.33
5
2.33677
- 4.50
233 677.1
5.92
1.32
10
1.87249
- 4.37
187 249.2
5.68
1.30
15
1.51004
- 4.24
151 003.9
5.45
1.28
20
1.22522
- 4.12
122 522.4
5.22
1.27
25
1.00
- 4.01
100 000
5.00
1.25
30
0.82081
- 3.89
82 081.36
5.21
1.34
35
0.67742
- 3.79
67 741.67
5.42
1.43
40
0.56201
- 3.68
56 201.1
5.62
1.52
45
0.46863
- 3.59
46 862.56
5.81
1.62
50
0.39266
- 3.49
39 266.09
5.99
1.72
55
0.33055
- 3.40
33 055.34
6.18
1.82
60
0.27953
- 3.31
27 952.66
6.35
1.92
65
0.23741
- 3.22
23 740.56
6.52
2.02
70
0.20248
- 3.14
20 247.74
6.69
2.13
75
0.17339
- 3.06
17 338.63
6.85
2.24
80
0.14905
- 2.99
14 905.37
7.00
2.34
85
0.12862
- 2.91
12 861.77
7.15
2.46
90
0.11139
- 2.84
11 138.64
7.30
2.57
95
0.0968
- 2.77
9680.13
7.44
2.68
100
0.08441
- 2.71
8441.05
7.58
2.80
105
0.07385
- 2.64
7384.60
7.72
2.92
RESISTANCE VALUES AT INTERMEDIATE TEMPERATURES WITH R25 AT 68 000 
TOPER
(°C)
CATALOG NUMBER 2381 615 13683 OR SAP NO. NTCS0805E4683JMT
RT/R25
TCR
(%/K)
RT
(
)
5 % Tol.
R/R (%)
5 % Tol.
T (K)


Similar Part No. - NTCS0805E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCS0805E4 VISHAY-NTCS0805E4 Datasheet
120Kb / 12P
   SMD 0805, NTC Thermistors AgPd Terminations
Revision: 03-Apr-11
NTCS0805E4104JMT VISHAY-NTCS0805E4104JMT Datasheet
120Kb / 12P
   SMD 0805, NTC Thermistors AgPd Terminations
Revision: 03-Apr-11
NTCS0805E4473JXT VISHAY-NTCS0805E4473JXT Datasheet
120Kb / 12P
   SMD 0805, NTC Thermistors AgPd Terminations
Revision: 03-Apr-11
More results

Similar Description - NTCS0805E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCS0805E4473JXT VISHAY-NTCS0805E4473JXT Datasheet
120Kb / 12P
   SMD 0805, NTC Thermistors AgPd Terminations
Revision: 03-Apr-11
NTCS0805E4104JMT VISHAY-NTCS0805E4104JMT Datasheet
120Kb / 12P
   SMD 0805, NTC Thermistors AgPd Terminations
Revision: 03-Apr-11
NTCS0805E3T VISHAY-NTCS0805E3T Datasheet
139Kb / 8P
   SMD 0805, Glass Protected NTC Thermistors
Revision: 08-Aug-12
NTCS0805E3473JHT VISHAY-NTCS0805E3473JHT Datasheet
136Kb / 8P
   SMD 0805, Glass Protected NTC Thermistors
Revision: 09-Mar-11
NTCS0805E3 VISHAY-NTCS0805E3_V01 Datasheet
121Kb / 3P
   SMD 0805, Glass Protected NTC Thermistors
01-Jan-2022
NTCS0805E3473HHT VISHAY-NTCS0805E3473HHT Datasheet
136Kb / 8P
   SMD 0805, Glass Protected NTC Thermistors
Revision: 08-Aug-12
NTCS0805E3474JXT VISHAY-NTCS0805E3474JXT Datasheet
136Kb / 8P
   SMD 0805, Glass Protected NTC Thermistors
Revision: 09-Mar-11
NTCS0805E3103JHT VISHAY-NTCS0805E3103JHT Datasheet
136Kb / 8P
   SMD 0805, Glass Protected NTC Thermistors
Revision: 08-Aug-12
NTCS0805E3153JMT VISHAY-NTCS0805E3153JMT Datasheet
136Kb / 8P
   SMD 0805, Glass Protected NTC Thermistors
Revision: 08-Aug-12
NTCS0805E3103HMT VISHAY-NTCS0805E3103HMT Datasheet
136Kb / 8P
   SMD 0805, Glass Protected NTC Thermistors
Revision: 08-Aug-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com