Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTD18N06-001 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NTD18N06-001
Description  Power MOSFET 18 Amps, 60 Volts
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD18N06-001 Datasheet(HTML) 6 Page - ON Semiconductor

  NTD18N06-001 Datasheet HTML 1Page - ON Semiconductor NTD18N06-001 Datasheet HTML 2Page - ON Semiconductor NTD18N06-001 Datasheet HTML 3Page - ON Semiconductor NTD18N06-001 Datasheet HTML 4Page - ON Semiconductor NTD18N06-001 Datasheet HTML 5Page - ON Semiconductor NTD18N06-001 Datasheet HTML 6Page - ON Semiconductor NTD18N06-001 Datasheet HTML 7Page - ON Semiconductor NTD18N06-001 Datasheet HTML 8Page - ON Semiconductor NTD18N06-001 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NTD18N06
http://onsemi.com
6
SAFE OPERATING AREA
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
TJ, STARTING JUNCTION TEMPERATURE (°C)
Figure 12. Maximum Avalanche Energy versus
Starting Junction Temperature
0.1
1
100
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 13. Thermal Response
1
100
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
0.1
0
25
50
75
100
125
20
ID = 12 A
10
10
175
Figure 14. Diode Reverse Recovery Waveform
di/dt
trr
ta
tp
IS
0.25 IS
TIME
IS
tb
40
80
VGS = 20 V
SINGLE PULSE
TC = 25°C
60
1 ms
100 ms
10 ms
dc
10 ms
150
t, TIME (ms)
0.1
1.0
0.01
0.1
0.2
0.02
D = 0.5
0.05
0.01
SINGLE PULSE
RqJC(t) = r(t) RqJC
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) RqJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
1.0E+00
1.0E+01
1.0E−01
1.0E−02
1.0E−03
1.0E−04
1.0E−05


Similar Part No. - NTD18N06-001

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTD18N06-001 VBSEMI-NTD18N06-001 Datasheet
960Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - NTD18N06-001

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD18N06L-001 ONSEMI-NTD18N06L-001 Datasheet
157Kb / 9P
   Power MOSFET 18 Amps, 60 Volts
March, 2006 ??Rev. 2
NTD32N06L-001 ONSEMI-NTD32N06L-001 Datasheet
103Kb / 7P
   Power MOSFET 32 Amps, 60 Volts
June, 2007 - Rev. 5
MTP23P06VG ONSEMI-MTP23P06VG Datasheet
74Kb / 7P
   Power MOSFET 23 Amps, 60 Volts
June, 2006 ??Rev. 4
NTP52N10G ONSEMI-NTP52N10G Datasheet
164Kb / 7P
   Power MOSFET 60 Amps, 100 Volts
March, 2006 ??Rev. 4
NTD32N06LT4G ONSEMI-NTD32N06LT4G Datasheet
103Kb / 7P
   Power MOSFET 32 Amps, 60 Volts
June, 2007 - Rev. 5
NTD60N03 ONSEMI-NTD60N03 Datasheet
89Kb / 10P
   Power MOSFET 60 Amps, 28 Volts
March, 2003 - Rev. 5
NTP27N06L ONSEMI-NTP27N06L Datasheet
66Kb / 8P
   Power MOSFET 27 Amps, 60 Volts
January, 2005 ??Rev. 3
NTB45N06 ONSEMI-NTB45N06_11 Datasheet
148Kb / 7P
   Power MOSFET 45 Amps, 60 Volts
October, 2011 ??Rev. 1
MTD3055VL ONSEMI-MTD3055VL Datasheet
86Kb / 12P
   Power MOSFET 12 Amps, 60 Volts
November, 2000 ??Rev. 3
NTB45N06L ONSEMI-NTB45N06L_11 Datasheet
148Kb / 8P
   Power MOSFET 45 Amps, 60 Volts
October, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com