Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTD2406.1 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NTD2406.1
Description  Power MOSFET 60 Volt, 24 Amp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD2406.1 Datasheet(HTML) 7 Page - ON Semiconductor

  NTD2406.1 Datasheet HTML 1Page - ON Semiconductor NTD2406.1 Datasheet HTML 2Page - ON Semiconductor NTD2406.1 Datasheet HTML 3Page - ON Semiconductor NTD2406.1 Datasheet HTML 4Page - ON Semiconductor NTD2406.1 Datasheet HTML 5Page - ON Semiconductor NTD2406.1 Datasheet HTML 6Page - ON Semiconductor NTD2406.1 Datasheet HTML 7Page - ON Semiconductor NTD2406.1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NTD24N06
http://onsemi.com
7
PACKAGE DIMENSIONS
DPAK
CASE 369C−01
ISSUE O
D
A
K
B
R
V
S
F
L
G
2 PL
M
0.13 (0.005)
T
E
C
U
J
H
−T− SEATING
PLANE
Z
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.235
0.245
5.97
6.22
B
0.250
0.265
6.35
6.73
C
0.086
0.094
2.19
2.38
D
0.027
0.035
0.69
0.88
E
0.018
0.023
0.46
0.58
F
0.037
0.045
0.94
1.14
G
0.180 BSC
4.58 BSC
H
0.034
0.040
0.87
1.01
J
0.018
0.023
0.46
0.58
K
0.102
0.114
2.60
2.89
L
0.090 BSC
2.29 BSC
R
0.180
0.215
4.57
5.45
S
0.025
0.040
0.63
1.01
U
0.020
−−−
0.51
−−−
V
0.035
0.050
0.89
1.27
Z
0.155
−−−
3.93
−−−
12
3
4
STYLE 2:
PIN 1. GATE
2. DRAIN
3. SOURCE
4. DRAIN
5.80
0.228
2.58
0.101
1.6
0.063
6.20
0.244
3.0
0.118
6.172
0.243
mm
inches
SCALE 3:1
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.


Similar Part No. - NTD2406.1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD2406-1 ONSEMI-NTD2406-1 Datasheet
125Kb / 8P
   Power MOSFET 60 V, 24 A, N-Channel DPAK
January, 2005 ??Rev. 3
NTD2406-1G ONSEMI-NTD2406-1G Datasheet
126Kb / 8P
   Power MOSFET
September, 2014 ??Rev. 5
NTD24061 ONSEMI-NTD24061 Datasheet
75Kb / 8P
   Power MOSFET 60 Volt, 24 Amp N?묬hannel DPAK
August, 2005 ??Rev. 4
NTD24061G ONSEMI-NTD24061G Datasheet
75Kb / 8P
   Power MOSFET 60 Volt, 24 Amp N?묬hannel DPAK
August, 2005 ??Rev. 4
More results

Similar Description - NTD2406.1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD24N06G ONSEMI-NTD24N06G Datasheet
75Kb / 8P
   Power MOSFET 60 Volt, 24 Amp N?묬hannel DPAK
August, 2005 ??Rev. 4
NTB5605T4G ONSEMI-NTB5605T4G Datasheet
94Kb / 7P
   Power MOSFET -60 Volt, -18.5 Amp
January, 2008 - Rev. 3
NTB5605P ONSEMI-NTB5605P_05 Datasheet
70Kb / 7P
   Power MOSFET -60 Volt, -18.5 Amp
August, 2005 ??Rev. 2
logo
DIOTEC Electronics Corp...
TVS6024PFC DEC-TVS6024PFC Datasheet
58Kb / 1P
   60 AMP 24 VOLT PRESS FIT TVS DIODES
TPFD-6024-1A DEC-TPFD-6024-1A Datasheet
31Kb / 1P
   60 AMP 24 VOLT PRESS FIT TVS DIODES
logo
List of Unclassifed Man...
FCPS-2404 ETC1-FCPS-2404 Datasheet
329Kb / 3P
   24 Volt, 4 Amp NAC Power Expander
FCPS-24F ETC1-FCPS-24F Datasheet
573Kb / 3P
   24 Volt, 6 Amp Remote Power Supply
logo
Central Semiconductor C...
CP635-2N3791 CENTRAL-CP635-2N3791 Datasheet
397Kb / 4P
   PNP - Power Transistor Die 10 Amp, 60 Volt
R0 28-July 2016
logo
List of Unclassifed Man...
FCPS-24S6 ETC2-FCPS-24S6 Datasheet
395Kb / 3P
   6-Amp and 8-Amp 24-Volt Remote Power Supplies
logo
ON Semiconductor
NTD25P03L ONSEMI-NTD25P03L_06 Datasheet
160Kb / 9P
   Power MOSFET -25 Amp, -30 Volt
March, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com