Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS70-04 Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # BAS70-04
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

BAS70-04 Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  BAS70-04 Datasheet HTML 1Page - PACELEADER INDUSTRIAL BAS70-04 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Maximum Ratings (TJ=125 C Unless otherwise noted)
SURFACE MOUNT SCHOTTKY BARRIER DIODES
SURFACE MOUNT SCHOTTKY BARRIER DIODES
SMALL SIGNAL SCHOTTKY DIODES
0m AMPERES 70 VOLTS
20
2
www.paceleader.tw
BAS70/BAS70-04
BAS70-05/BAS70-06
Characteristic
Reverse Voltage
Average Rectifier
Forward Current
Peak Repetitive
Forward Current
Rated VR, Square Wave,20KHz
Operating Junction
Temperature Range
Storage Temperature Range
Symbol
VR
IF(AV)
IFRM
TJ
Tstg
Value
Unit
70
200
200
-55 to +125
-55 to +150
Volts
mA
mA
C
C
Electrical Characteristics (TA=25 C Unless otherwise noted)
Characteristic
Symbol
Reverse Breakdown Voltage (IR=100µA)
Forward Voltage
IF=1.0mA
IF=15mA
Total Capacitance
(VR=0V, f=1.0MHz)
Reverse Leakage
VR=50V
Reverse Recover Time
IF=IR =10mA, IR(Rec)=1.0mA
V(BR)R
VF
CT
IR
Trr
Min
Max
Unit
70
0.41
1.00
2
0.1
5.0
Volts
Volts
PF
µAdc
nS
Device Marking
Item
Marking
Eqivalent Circuit diagram
1
3
1
2
3
1
2
3
BAS70
BAS70-05
BAS70-06
BAS70-04
73
75
76
74
1
2
3


Similar Part No. - BAS70-04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS70-04 PHILIPS-BAS70-04 Datasheet
61Kb / 8P
   Schottky barrier double diodes
1999 Jun 01
logo
SHENZHEN YONGERJIA INDU...
BAS70-04 WINNERJOIN-BAS70-04 Datasheet
124Kb / 2P
   SCHOTTKY DIODE
logo
NXP Semiconductors
BAS70-04 PHILIPS-BAS70-04 Datasheet
137Kb / 20P
   General-purpose Schottky diodes
Rev. 08-4 May 2006
logo
Galaxy Semi-Conductor H...
BAS70-04 BILIN-BAS70-04 Datasheet
533Kb / 3P
   Surface mount schottky barrier diode
logo
Micro Commercial Compon...
BAS70-04 MCC-BAS70-04 Datasheet
272Kb / 4P
   Surface Mount Schottky Barrier Diode 200 mWatt
More results

Similar Description - BAS70-04

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
BAS40 WEITRON-BAS40 Datasheet
203Kb / 2P
   Surface Mount Schottky Barrier Diodes
SD103AW WEITRON-SD103AW Datasheet
79Kb / 3P
   Surface Mount Schottky Barrier Diodes
WSD751S WEITRON-WSD751S Datasheet
560Kb / 3P
   Surface Mount Schottky Barrier Diodes
B5817WS WEITRON-B5817WS Datasheet
369Kb / 3P
   Surface Mount Schottky Barrier Diodes
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
PACELEADER INDUSTRIAL
BAS40 PACELEADER-BAS40 Datasheet
336Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
BAS70W PACELEADER-BAS70W Datasheet
673Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Continental Device Indi...
BAS70W CDIL-BAS70W Datasheet
346Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
PACELEADER INDUSTRIAL
PSD490 PACELEADER-PSD490 Datasheet
173Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
PSD520S-40 PACELEADER-PSD520S-40 Datasheet
396Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com