Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA338NA250 Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA338NA250
Description  MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA338NA250 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA338NA250 Datasheet HTML 3Page - Texas Instruments OPA338NA250 Datasheet HTML 4Page - Texas Instruments OPA338NA250 Datasheet HTML 5Page - Texas Instruments OPA338NA250 Datasheet HTML 6Page - Texas Instruments OPA338NA250 Datasheet HTML 7Page - Texas Instruments OPA338NA250 Datasheet HTML 8Page - Texas Instruments OPA338NA250 Datasheet HTML 9Page - Texas Instruments OPA338NA250 Datasheet HTML 10Page - Texas Instruments OPA338NA250 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
OPA337, OPA2337
OPA338, OPA2338
SBOS077B − JUNE 1997 − REVISED MARCH 2005
www.ti.com
7
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = +5V, and RL = 25kΩ connected to VS/2, unless otherwise noted.
OFFSET VOLTAGE
PRODUCTION DISTRIBUTION
Offset Voltage (mV)
25
20
15
10
5
0
Typical distribution
of packaged units.
SETTLING TIME vs CLOSED−LOOP GAIN
Closed−Loop Gain (V/V)
100
10
1
11k
10
100
0.01%
OPA337
0.1%
OPA338
SMALL−SIGNAL STEP RESPONSE
1
µs/div
OPA337
G= 1
OPA338
G= 5
C
L = 100pF
V
S =+5V
OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
Offset Voltage Drift (
µV/_C)
30
25
20
15
10
5
0
Typical distribution
of packaged units.
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
SMALL−SIGNAL OVERSHOOT vs LOAD CAPACITANCE
Load Capacitance (pF)
60
50
40
30
20
10
0
10
10k
100
1k
OPA337
(G =
±1)
OPA337
(G =
±10)
OPA338
(G =
±50)
OPA338
(G =
±5)
LARGE−SIGNAL STEP RESPONSE
2
µs/div
OPA337
G= 1
OPA338
G= 5
C
L = 100pF
V
S =+5V


Similar Part No. - OPA338NA250

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA338NA BURR-BROWN-OPA338NA Datasheet
179Kb / 9P
   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA338NA/250 TI1-OPA338NA/250 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS
OPA338NA/250G4 TI1-OPA338NA/250G4 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS
OPA338NA/3K TI1-OPA338NA/3K Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS
OPA338NA/3KG4 TI1-OPA338NA/3KG4 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com