Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM5Z8V2 Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # MM5Z8V2
Description  SURFACE MOUNT ZENER DIODES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

MM5Z8V2 Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  MM5Z8V2 Datasheet HTML 1Page - PACELEADER INDUSTRIAL MM5Z8V2 Datasheet HTML 2Page - PACELEADER INDUSTRIAL MM5Z8V2 Datasheet HTML 3Page - PACELEADER INDUSTRIAL MM5Z8V2 Datasheet HTML 4Page - PACELEADER INDUSTRIAL MM5Z8V2 Datasheet HTML 5Page - PACELEADER INDUSTRIAL MM5Z8V2 Datasheet HTML 6Page - PACELEADER INDUSTRIAL MM5Z8V2 Datasheet HTML 7Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Device
code
Zener
voltage
Test
current
Zener
impedance
Leakage
current
mA
I
ZT
OHMs
Z
@ I
ZT
ZT
Max.(V)
V @ I
Z
ZT
mA
I
ZK
µA
I
R
Volts
V
R
OHMs
Z
@ I
ZK
ZK
3.9
2.4
4.3
2.7
4.7
3.0
5.1
3.3
5.6
3.6
6.2
6.8
7.5
8.2
9.1
10
11
12
16
18
20
22
24
27
30
33
36
39
43
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
90
100
90
100
80
100
60
95
40
90
10
15
15
15
15
20
20
25
40
45
55
55
70
80
80
80
90
130
150
07 55
00
50
08 56
01
51
09 57
02
52
0A 58
05
53
0C 59
06
54
0E 5A
0F 5B
0G 5C
0H 5D
0K 5E
0L
5F
0M
5G
0N
5H
0U
5L
0W
5M
0Z
5N
10
5P
11 5R
12
5S
14
5T
18
5U
19
5V
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
3
50
3
20
3
10
2
5
1
5
3
2
1
0.7
0.2
0.1
0.1
0.1
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
1.0
1.0
1.0
1.0
2.0
1.0
2.0
2.0
4.0
4.0
1.0
1.0
5.0
5.0
7.0
8.0
8.0
8.0
10.5
11.2
12.6
14.0
15.4
16.8
18.9
21.0
23.2
25.2
27.3
30.1
1000
1000
1000
1000
800
1000
500
1000
200
1000
100
160
160
160
160
160
160
80
80
80
100
100
120
300
300
300
500
500
500
500
Part No.
MM5Z3V9
MM5Z2V4
MM5Z4V3
MM5Z2V7
MM5Z4V7
MM5Z3V0
MM5Z5V1
MM5Z3V3
MM5Z5V6
MM5Z3V6
MM5Z6V2
MM5Z6V8
MM5Z7V5
MM5Z8V2
MM5Z9V1
MM5Z10V
MM5Z11V
MM5Z12V
MM5Z15V
MM5Z16V
MM5Z18V
MM5Z20V
MM5Z22V
MM5Z24V
MM5Z27V
MM5Z30V
MM5Z33V
MM5Z36V
MM5Z39V
MM5Z43V
Nom.(V)
Min.(V)
3.7
2.2
4.0
2.5
4.4
2.8
4.8
3.1
5.2
3.4
5.8
6.4
7.0
7.7
8.5
9.4
10.4
11.4
15.3
16.8
18.8
20.8
22.8
25.1
28.0
31.0
34.0
37.0
40.0
4.1
2.6
4.6
2.9
5.0
3.2
5.4
3.5
6.0
3.8
6.6
7.2
7.9
8.7
9.6
10.6
11.6
12.7
17.1
19.1
21.2
23.3
25.6
28.9
32.0
35.0
38.0
41.0
46.0
o
Electrical characteristics (at T =25 C unless otherwise noted)
A
47
5
170
1.0
0.05
32.9
500
MM5Z47V
44.0
50.0
51
5
180
1.0
0.05
35.7
500
MM5Z51V
48.0
54.0
13
5
30
1.0
0.1
8.0
80
MM5Z13V
12.4
14.1
0P
5J
20
5X
21
5Y
1A
5Z
1C
5–
1D
5=
56
62
5
5
200
215
1.0
1.0
0.05
0.05
39.2
43.4
500
500
MM5Z56V
MM5Z62V
52.0
58.0
60.0
66.0
68
5
240
1.0
0.05
47.6
500
MM5Z68V
64.0
72.0
15
5
30
1.0
0.05
80
MM5Z75V
14.3
15.8
1E
1F
5>
1G
5<
0T
5K
75
70.0
79.0
255
52.5
Vz
(mV/k)
@IZT
C
@VR=0
f=1MHz
pF
Min.
Max.
-3.5
-3.5
-3.5
-3.5
-3.5
-3.5
-3.5
-3.5
-2.7
-2.0
0.4
1.2
2.5
3.2
3.8
4.5
5.4
6.0
10.4
12.4
14.4
16.4
18.4
21.4
24.4
27.4
30.4
33.4
37.6
42.0
-2.5
0
0
0
0.2
0
1.2
0
2.5
0
3.7
4.5
5.3
6.2
7.0
8.0
9.0
10
14
16
18
20
22
25.3
29.4
33.4
37.4
41.2
46.6
51.8
450
450
450
450
260
450
225
200
185
155
450
450
140
135
130
130
130
130
110
105
100
85
85
80
70
70
70
70
45
40
46.6
57.2
40
52.2
63.8
40
7.0
11
120
58.8
65.6
71.6
79.8
40
35
73.4
88.6
35
9.2
13
35
Device
date
code
see
page6
Note1
SURFACE MOUNT ZENER DIODES
SURFACE MOUNT ZENER DIODES
MM5Z2V4 thru MM5Z75V
2
www.paceleader.tw


Similar Part No. - MM5Z8V2

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MM5Z8V2 EIC-MM5Z8V2 Datasheet
109Kb / 2P
   ZENER DIODES
logo
Nanjing International G...
MM5Z8V2 DGNJDZ-MM5Z8V2 Datasheet
102Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Shanghai Leiditech Elec...
MM5Z8V2 LEIDITECH-MM5Z8V2 Datasheet
518Kb / 4P
   Standard Zener Breakdown Voltage Range 2.0 V to 75 V
logo
Weitron Technology
MM5Z8V2 WEITRON-MM5Z8V2 Datasheet
439Kb / 3P
   Surface Mount Zener Diodes
logo
Nanjing International G...
MM5Z8V2 DGNJDZ-MM5Z8V2 Datasheet
115Kb / 4P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - MM5Z8V2

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com