Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PKFM1680C-D2 Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # PKFM1680C-D2
Description  SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

PKFM1680C-D2 Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  PKFM1680C-D2 Datasheet HTML 1Page - PACELEADER INDUSTRIAL PKFM1680C-D2 Datasheet HTML 2Page - PACELEADER INDUSTRIAL PKFM1680C-D2 Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rating and characteristic curves (PKFM1620C-D2 THRU PKFM16200C-D2)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
4
8
12
16
20
24
0
0
20
40
60
80
100
120
140
160
180
200
CASE TEMPERATURE,(°C)
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
75
50
25
100
175
125
150
1
10
100
T =25 C
J
8.3ms Single Half
Sine Wave
JEDEC method
FIG.4 - TYPICAL REVERSE
CHARACTERISTICS
0.1
1.0
.01
10
50
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
.1
.3
.5
.7
.9
1.1
1.3
1.5
T =25 C
J
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
.1
1.0
10
100
0
20
40
60
80
100 120 140
.01
T =75 C
J
T =25 C
J
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
SCHOTTKY BARRIER RECTIFIER
SCHOTTKY BARRIER RECTIFIER
thru
PKFM1 20C-D2
PKFM1 200C-D2
6
6
2
www.paceleader.tw


Similar Part No. - PKFM1680C-D2

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
PKFM10100C-D2 PACELEADER-PKFM10100C-D2 Datasheet
321Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
PKFM10150C-D2 PACELEADER-PKFM10150C-D2 Datasheet
321Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
PKFM10200C-D2 PACELEADER-PKFM10200C-D2 Datasheet
321Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
PKFM1020C-D PACELEADER-PKFM1020C-D Datasheet
310Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
PKFM1020C-D2 PACELEADER-PKFM1020C-D2 Datasheet
321Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - PKFM1680C-D2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com