Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM5Z33V Datasheet(PDF) 3 Page - PACELEADER INDUSTRIAL

Part # MM5Z33V
Description  SURFACE MOUNT ZENER DIODES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

MM5Z33V Datasheet(HTML) 3 Page - PACELEADER INDUSTRIAL

  MM5Z33V Datasheet HTML 1Page - PACELEADER INDUSTRIAL MM5Z33V Datasheet HTML 2Page - PACELEADER INDUSTRIAL MM5Z33V Datasheet HTML 3Page - PACELEADER INDUSTRIAL MM5Z33V Datasheet HTML 4Page - PACELEADER INDUSTRIAL MM5Z33V Datasheet HTML 5Page - PACELEADER INDUSTRIAL MM5Z33V Datasheet HTML 6Page - PACELEADER INDUSTRIAL MM5Z33V Datasheet HTML 7Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
o
AMIBIENT TEMPERATURE ( C)
o
JUNCTION TEMPERATURE ( C)
ZENER VOLTAGE (V)
ZENER VOLTAGE (V)
ZENER VOLTAGE (V)
FIG.1-TOTAL POWER DISSIPATION VS.
AMBIENT TEMPERATURE
FIG. 3-TYPICAL CHANGE OF WORKING VOLTAGE
VS. JUNCTION TEMPERATURE
FIG. 2-TYPICAL CHANGE OF WORKING VOLTAGE
o
UNDER OPERATING CONDITIONS AT T =25 C
A
FIG. 4-TEMPERATURE COEFFICIENT OF VZ
VS. Z-VOLTAGE
FIG. 5-DIODE CAPACITANCE VS. Z-VOLTAGE
0
0
25
50
75
100
125
150
40
80
120
160
200
0
0
10
100
1000
5
10
15
20
25
-60
0.8
0
0.9
60
1.0
120
1.1
180
1.2
240
1.3
0
0
0
-5
0
5
10
15
10
20
30
40
50
50
100
150
200
5
10
15
20
25
-4
8 x 10 /K
I = 5mA
Z
I = 5mA
Z
-4
10 x 10 /K
-4
-4 x 10 /K
-4
-2 x 10 /K
0
-4
2 x 10 /K
-4
4 x 10 /K
-4
6 x 10 /K
Rating and characteristic curves (MM5Z2V4 thru MM5Z75V)
SURFACE MOUNT ZENER DIODES
SURFACE MOUNT ZENER DIODES
MM5Z2V4 thru MM5Z75V
www.paceleader.tw
3


Similar Part No. - MM5Z33V

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MM5Z33V EIC-MM5Z33V Datasheet
109Kb / 2P
   ZENER DIODES
logo
SUNMATE electronic Co.,...
MM5Z33V SUNMATE-MM5Z33V Datasheet
381Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Weitron Technology
MM5Z33V WEITRON-MM5Z33V Datasheet
439Kb / 3P
   Surface Mount Zener Diodes
logo
Shanghai Shunye Electro...
MM5Z33V SHUNYE-MM5Z33V Datasheet
402Kb / 3P
   200mW SOD-523 SU R F ACE MOUNT Zener Voltage Regulators
logo
Fairchild Semiconductor
MM5Z33V FAIRCHILD-MM5Z33V Datasheet
177Kb / 4P
   Zener Diodes
More results

Similar Description - MM5Z33V

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com